データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM1276AAA データシート(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 LM1276AAA
部品情報  150 MHz I2C Compatible RGB Preamplifier with Internal 512 Character OSD ROM, 512 Character RAM and 4 DACs
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1276AAA データシート(HTML) 7 Page - National Semiconductor (TI)

Back Button LM1276AAA Datasheet HTML 3Page - National Semiconductor (TI) LM1276AAA Datasheet HTML 4Page - National Semiconductor (TI) LM1276AAA Datasheet HTML 5Page - National Semiconductor (TI) LM1276AAA Datasheet HTML 6Page - National Semiconductor (TI) LM1276AAA Datasheet HTML 7Page - National Semiconductor (TI) LM1276AAA Datasheet HTML 8Page - National Semiconductor (TI) LM1276AAA Datasheet HTML 9Page - National Semiconductor (TI) LM1276AAA Datasheet HTML 10Page - National Semiconductor (TI) LM1276AAA Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 50 page
background image
System Interface Signal Characteristics (Continued)
Unless otherwise noted: T
A = 25˚C, VCC = +5.0V, VIN = 0.7V, VABL =VCC,CL = 8 pF, Video Outputs = 2.0 VP-P. See (Note 7)
for Min and Max parameters and (Note 6) for Typicals. DAC parameters apply to all 4 DACs.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
t
H-BLANK ON
H-Blank Time Delay - On
+ Zero crossing of I
HFB to 50% of
output blanking start. I
24 = +1.5mA
45
ns
t
H-BLANK OFF
H-Blank Time Delay - Off
− Zero crossing of I
HFB to 50% of
output blanking end. I
24 = −100µA
85
ns
V
BLANK Max
Maximum Video Blanking Level
Test Setting 4, AC input signal
0
0.25
V
f
FREERUN
Free Run H Frequency, Including
H Blank
42
kHz
t
PW CLAMP
Minimum Clamp Pulse Width
See (Note 15)
200
ns
V
CLAMP MAX
Maximum Low Level Clamp
Pulse Voltage
Video Clamp Functioning
2.0
V
V
CLAMP MIN
Minimum High Level Clamp
Pulse Voltage
Video Clamp Functioning
3.0
V
I
CLAMP Low
Clamp Gate Low Input Current
V
23 = 2V
−0.4
µA
I
CLAMP High
Clamp Gate High Input Current
V
23 = 3V
0.4
µA
t
CLAMP-VIDEO
Time from End of Clamp Pulse to
Start of Video
Referenced to Blue, Red and Green
inputs
50
ns
Note 1: Limits of Absolute Maximum Ratings indicate below which damage to the device must not occur.
Note 2: Operating Ratings indicate conditions for which the device is functional, but do not guarantee specific performance limits.
Note 3: All voltages are measured with respect to GND, unless otherwise specified.
Note 4: Human body model, 100 pF discharged through a 1.5 k
Ω resistor.
Note 5: Input from signal generator: tr,tf < 1 ns.
Note 6: Typical specifications are specified at +25˚C and represent the most likely parametric norm.
Note 7: Datasheet min/max specification limits are guaranteed by design, test, or statistical analysis. The guaranteed specifications apply only for the test conditions
listed. Some performance characteristics may change when the device is not operated under the listed test conditions.
Note 8: The supply current specified is the quiescent current for VCC and 5V Dig with RL = . Load resistors are not required and are not used in the test circuit,
therefore all the supply current is used by the pre-amp.
Note 9: Linearity Error is the maximum variation in step height of a 16 step staircase input signal waveform with a 0.7 VP-P level at the input. All 16 steps equal,
with each at least 100 ns in duration.
Note 10: dt/dVCC = 200*(t5.5V–t4.5V)/ ((t5.5V +t4.5V)) %/V, where: t5.5V is the rise or fall time at VCC = 5.5V, and t4.5V is the rise or fall time at VCC = 4.5V.
Note 11:
∆AV track is a measure of the ability of any two amplifiers to track each other and quantifies the matching of the three gain stages. It is the difference in
gain change between any two amplifiers with the contrast set to AVC−50% and measured relative to the AV max condition. For example, at AV max the three
amplifiers’ gains might be 12.1 dB, 11.9 dB, and 11.8 dB and change to 2.2 dB, 1.9 dB and 1.7 dB respectively for contrast set to AVC−50%. This yields a typical
gain change of 10.0 dB with a tracking change of ±0.2 dB.
Note 12: The ABL input provides smooth decrease in gain over the operational range of 0 dB to −5 dB:
∆AABL = A(VABL =VABL MAX GAIN)– A (VABL =
VABL MIN GAIN). Beyond −5 dB the gain characteristics, linearity and pulse response may depart from normal values.
Note 13: Machine Model ESD test is covered by specification EIAJ IC-121-1981. A 200 pF cap is charged to the specific voltage, then discharged directly into the
IC with no external series resistor (resistance of discharge path must be under 50
Ω).
Note 14: Measure output levels of the other two undriven amplifiers relative to the driven amplifier to determine channel separation. Terminate the undriven amplifier
inputs to simulate generator loading. Repeat test at fIN = 10 MHz for VSEP 10 MHz.
Note 15: A minimum pulse width of 200 ns is the guaranteed minimum for a horizontal line of 15 kHz. This limit is guaranteed by design. If a lower line rate is used
then a longer clamp pulse may be required.
Note 16: Adjust input frequency from 10 MHz (AV max reference level) to the −3 dB corner frequency (f−3 dB).
Note 17: Once the spot killer has been activated, the LM1276 remains in the off state until VCC is cycled (reduced below 0.5V and then restored to 5V).
Hexadecimal and Binary Notation
Hexadecimal numbers appear frequently throughout this
document, representing slave and register addresses, and
register values. These appear in the format “0x...”. For ex-
ample, the slave address for writing the registers of the
LM1276 is hexadecimal BA, written as 0xBA. On the other
hand, binary values, where the individual bit values are
shown, are indicated by a trailing “b”. For example, 0xBA is
equal to 10111010b. A subset of bits within a register is
referred to by the bit numbers in brackets following the
register value. For example, the OSD contrast bits are the
fourth, fifth, and sixth bits of register 0x8538. Since the first
bit is bit 0, the OSD contrast register is 0x8538[5:3].
Register Test Settings
Table 1 shows the definitions of the Test Settings 1–8 re-
ferred to in the specifications sections. Each test setting is a
combination of five hexadecimal register values, Contrast,
Gain (Blue, Red, Green) and DC offset.
www.national.com
7


同様の部品番号 - LM1276AAA

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM1276 TI1-LM1276 Datasheet
1Mb / 56P
[Old version datasheet]   Compatible RGB Preamplifier
More results

同様の説明 - LM1276AAA

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM1246 NSC-LM1246 Datasheet
2Mb / 51P
   150 MHz I2C Compatible RGB Preamplifier with Internal 512 Character OSD ROM, 512 Character RAM and 4 DACs
LM1247 NSC-LM1247 Datasheet
3Mb / 48P
   150 MHz I2C Compatible RGB Preamplifier with Internal 512 Character OSD ROM, 512 Character RAM and 4 DACs
LM1236 NSC-LM1236 Datasheet
1Mb / 43P
   150 MHz I2C Compatible RGB Preamplifier with Internal 254 Character OSD ROM, 512 Character RAM and 4 DACs
LM1237 NSC-LM1237_04 Datasheet
1Mb / 42P
   150 MHz I2C Compatible RGB Preamplifier with Internal 254 Character OSD and 4 DACs
LM1237 NSC-LM1237 Datasheet
1Mb / 42P
   150 MHz I2C Compatible RGB Preamplifier with Internal 254 Character OSD and 4 DACs
LM1238 NSC-LM1238 Datasheet
1Mb / 24P
   110 MHz I2C Compatible RGB Preamplifier with Internal Simple OSD Generator and 4 DACs
LM1267 NSC-LM1267 Datasheet
1Mb / 20P
   150 MHz I2C Compatible RGB Video Amplifier System with OSD and DACs
LM1262 NSC-LM1262 Datasheet
1Mb / 20P
   200 MHz I2C Compatible RGB Video Amplifier System with OSD and DACs
LM1269 NSC-LM1269 Datasheet
1Mb / 20P
   110 MHz I2C Compatible RGB Video Amplifier System with OSD & DACs
logo
Texas Instruments
LM1276 TI1-LM1276 Datasheet
1Mb / 56P
[Old version datasheet]   Compatible RGB Preamplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com