データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TSD882CK データシート(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

部品番号 TSD882CK
部品情報  Low Vcesat NPN Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TSC [Taiwan Semiconductor Company, Ltd]
ホームページ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSD882CK データシート(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSD882CK Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSD882CK Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSD882CK Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSD882CK Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TSD882
Low Vcesat NPN Transistor
1/4
Version: A07
TO-126
PRODUCT SUMMARY
BVCBO
50V
BVCEO
50V
IC
3A
VCE(SAT)
0.5V @ IC / IB = 2A / 200mA
Features
Low VCE(SAT) 0.25 @ IC / IB = 2A / 200mA (Typ.)
Complementary part with TSB772
Structure
Epitaxial Planar Type
NPN Silicon Transistor
Ordering Information
Part No.
Package
Packing
TSD882CK B0
TO-126
1Kpcs / Bulk
Absolute Maximum Rating (Ta = 25oC unless otherwise noted)
Parameter
Symbol
Limit
Unit
Collector-Base Voltage
VCBO
50
V
Collector-Emitter Voltage
VCEO
50
V
Emitter-Base Voltage
VEBO
5
V
DC
3
Collector Current
Pulse
IC
7 (note)
A
SOT-89
0.75
Collector Power Dissipation
TO-92
PD
0.625
W
Operating Junction Temperature
TJ
+150
oC
Operating Junction and Storage Temperature Range
TSTG
- 55 to +150
oC
Note: Single pulse, Pw≤350us, Duty≤2%
Electrical Specifications (Ta = 25oC unless otherwise noted)
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Collector-Base Breakdown Voltage
IC = 50uA, IE = 0
BVCBO
60
--
--
V
Collector-Emitter Breakdown Voltage
IC = 1mA, IB = 0
BVCEO
50
--
--
V
Emitter-Base Breakdown Voltage
IE = 50uA, IC = 0
BVEBO
5
--
--
V
Collector Cutoff Current
VCB = 50V, IE = 0
ICBO
--
--
1
uA
Emitter Cutoff Current
VEB = 3V, IC = 0
IEBO
--
--
1
uA
Collector-Emitter Saturation Voltage
IC / IB = 2A / 200mA
*VCE(SAT)
--
0.25
0.5
V
Base-Emitter Saturation Voltage
IC / IB = 2A / 200mA
*VBE(SAT)
--
--
2
V
DC Current Transfer Ratio
VCE = 2V, IC = 1A
*hFE
100
--
500
Transition Frequency
VCE =6V, IC=50mA,
f=100MHz
fT
--
90
--
MHz
Output Capacitance
VCB = 10V, f=1MHz
Cob
--
45
--
pF
* Pulse Test: Pulse Width ≤380uS, Duty Cycle≤2%
Pin Definition:
1. Emitter
2. Collector
3. Base


同様の部品番号 - TSD882CK

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
TSD882CK TSC-TSD882CK Datasheet
49Kb / 3P
   Low Vce(sat) NPN Transistor
TSD882CKB0 TSC-TSD882CKB0 Datasheet
100Kb / 4P
   Low Vcesat NPN Transistor
TSD882CKB0 TSC-TSD882CKB0 Datasheet
624Kb / 6P
   Low Vcesat NPN Transistor
TSD882CKB0G TSC-TSD882CKB0G Datasheet
100Kb / 4P
   Low Vcesat NPN Transistor
TSD882CKB0G TSC-TSD882CKB0G Datasheet
624Kb / 6P
   Low Vcesat NPN Transistor
More results

同様の説明 - TSD882CK

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
TSD1664 TSC-TSD1664_07 Datasheet
247Kb / 5P
   Low Vcesat NPN Transistor
TSD882S TSC-TSD882S_07 Datasheet
249Kb / 5P
   Low Vcesat NPN Transistor
TSD1857 TSC-TSD1857 Datasheet
267Kb / 5P
   Low Vcesat NPN Transistor
TSD2150A TSC-TSD2150A_11 Datasheet
117Kb / 5P
   Low Vcesat NPN Transistor
TSD1664 TSC-TSD1664_08 Datasheet
207Kb / 4P
   Low Vcesat NPN Transistor
TSD882_1112 TSC-TSD882_1112 Datasheet
624Kb / 6P
   Low Vcesat NPN Transistor
TSD882 TSC-TSD882_11 Datasheet
100Kb / 4P
   Low Vcesat NPN Transistor
TSD1760 TSC-TSD1760_1 Datasheet
236Kb / 4P
   Low Vcesat NPN Transistor
TSD2444 TSC-TSD2444_1 Datasheet
340Kb / 4P
   Low Vcesat NPN Transistor
TSD2118 TSC-TSD2118 Datasheet
216Kb / 4P
   Low Vcesat NPN Transistor
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com