データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UA78L08ACLPR データシート(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
部品番号 UA78L08ACLPR
部品情報  POSITIVE-VOLTAGE REGULATORS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

UA78L08ACLPR データシート(HTML) 1 Page - Texas Instruments

  UA78L08ACLPR Datasheet HTML 1Page - Texas Instruments UA78L08ACLPR Datasheet HTML 2Page - Texas Instruments UA78L08ACLPR Datasheet HTML 3Page - Texas Instruments UA78L08ACLPR Datasheet HTML 4Page - Texas Instruments UA78L08ACLPR Datasheet HTML 5Page - Texas Instruments UA78L08ACLPR Datasheet HTML 6Page - Texas Instruments UA78L08ACLPR Datasheet HTML 7Page - Texas Instruments UA78L08ACLPR Datasheet HTML 8Page - Texas Instruments UA78L08ACLPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
µA78L00 SERIES
POSITIVEVOLTAGE REGULATORS
SLVS010S − JANUARY 1976 − REVISED FEBRUARY 2004
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D 3-Terminal Regulators
D Output Current Up To 100 mA
D No External Components
D Internal Thermal-Overload Protection
D Internal Short-Circuit Current Limiting
description/ordering information
This series of fixed-voltage integrated-circuit
voltage regulators is designed for a wide range of
applications. These applications include on-card
regulation for elimination of noise and distribution
problems associated with single-point regulation.
In addition, they can be used with power-pass
elements to make high-current voltage regulators.
One of these regulators can deliver up to 100 mA
of output current. The internal limiting and
thermal-shutdown features of these regulators
essentially make them immune to overload. When
used as a replacement for a Zener diode-resistor
combination, an effective improvement in output
impedance can be obtained, together with lower
bias current.
The
µA78L00C and µA78L00AC series are
characterized for operation over the virtual
junction temperature range of 0
°C to 125°C. The
µA78L05AI is characterized for operation over the
virtual junction temperature range of −40
°C to
125
°C.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
 2004, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
D PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
OUTPUT
COMMON
COMMON
NC
INPUT
COMMON
COMMON
NC
PK PACKAGE
(TOP VIEW)
NC − No internal connection
INPUT
COMMON
OUTPUT
LP PACKAGE
(TO-92, TO-226AA)
(TOP VIEW)
INPUT
COMMON
OUTPUT


同様の部品番号 - UA78L08ACLPR

メーカー部品番号データシート部品情報
logo
Texas Instruments
UA78L08ACLPR TI-UA78L08ACLPR Datasheet
366Kb / 20P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
UA78L08ACLPR TI-UA78L08ACLPR Datasheet
1Mb / 47P
[Old version datasheet]   UA78L Series Positive-Voltage Linear Regulators
REVISED JUNE 2023
UA78L08ACLPR TI-UA78L08ACLPR Datasheet
534Kb / 21P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
UA78L08ACLPR TI-UA78L08ACLPR Datasheet
658Kb / 26P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
UA78L08ACLPR TI-UA78L08ACLPR Datasheet
707Kb / 27P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
More results

同様の説明 - UA78L08ACLPR

メーカー部品番号データシート部品情報
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
   Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
   Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
   Positive voltage regulators
logo
AUK corp
S78LXXF AUK-S78LXXF Datasheet
270Kb / 8P
   Positive-Voltage Regulators
logo
Micropac Industries
42050 MICROPAC-42050 Datasheet
121Kb / 3P
   POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
L78L00 STMICROELECTRONICS-L78L00 Datasheet
453Kb / 24P
   POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com