データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SJ615 データシート(PDF) 1 Page - Sanyo Semicon Device

部品番号 2SJ615
部品情報  Ultrahigh-Speed Switching Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SJ615 データシート(HTML) 1 Page - Sanyo Semicon Device

  2SJ615 Datasheet HTML 1Page - Sanyo Semicon Device 2SJ615 Datasheet HTML 2Page - Sanyo Semicon Device 2SJ615 Datasheet HTML 3Page - Sanyo Semicon Device 2SJ615 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SJ615
No.7179-1/4
Features
Low ON-resistance.
Ultrahigh-speed switching.
4V drive.
Specifications
Absolute Maximum Ratings at Ta=25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Drain-to-Source Voltage
VDSS
--30
V
Gate-to-Source Voltage
VGSS
±20
V
Drain Current (DC)
ID
--2.5
A
Drain Current (Pulse)
IDP
PW
≤10µs, duty cycle≤1%
--10
A
Allowable Power Dissipation
PD
Mounted on a ceramic board (250mm2!0.8mm)
1.0
W
Tc=25
°C
3.5
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25
°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Drain-to-Source Breakdown Voltage
V(BR)DSS
ID=--1mA, VGS=0
--30
V
Zero-Gate Voltage Drain Current
IDSS
VDS=--30V, VGS=0
--1
µA
Gate-to-Source Leakage Current
IGSS
VGS=±16V, VDS=0
±10
µA
Cutoff Voltage
VGS(off)
VDS=--10V, ID=--1mA
--1.2
--2.6
V
Forward Transfer Admittance
yfs
VDS=--10V, ID=--1.3A
1.1
1.6
S
Static Drain-to-Source On-State Resistance
RDS(on)1
ID=--1.3A, VGS=--10V
210
270
m
RDS(on)2
ID=--0.7A, VGS=--4V
330
460
m
Marking : JV
Continued on next page.
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Ordering number : ENN7179A
2SJ615
Package Dimensions
unit : mm
2062A
[2SJ615]
N1502 TS IM TA-3846 / 41002 TS IM TA-3523
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft's
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
P-Channel Silicon MOSFET
Ultrahigh-Speed Switching Applications
1 : Gate
2 : Drain
3 : Source
SANYO : PCP
4.5
1.6
0.5
0.4
1.5
3.0
1.5
0.4
0.75
3
2
1
(Bottom view)
Preliminary


同様の部品番号 - 2SJ615

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
2SJ610 TOSHIBA-2SJ610 Datasheet
183Kb / 6P
   Silicon P-Channel MOS Type Switching Regulator, DC/DC Converter and Motor Drive Applications
2SJ610 TOSHIBA-2SJ610 Datasheet
190Kb / 6P
   TOSHIBA Field Effect Transistor Silicon P-Channel MOS Type
2SJ610 TOSHIBA-2SJ610 Datasheet
233Kb / 6P
   Switching Regulator
2SJ610 TOSHIBA-2SJ610 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
2SJ610 TOSHIBA-2SJ610_06 Datasheet
183Kb / 6P
   Silicon P-Channel MOS Type Switching Regulator, DC/DC Converter and Motor Drive Applications
More results

同様の説明 - 2SJ615

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
CPH3304 SANYO-CPH3304 Datasheet
132Kb / 4P
   Ultrahigh-Speed Switching Applications
CPH3308 SANYO-CPH3308 Datasheet
28Kb / 4P
   Ultrahigh-Speed Switching Applications
CPH3407 SANYO-CPH3407 Datasheet
27Kb / 4P
   Ultrahigh-Speed Switching Applications
FW214 SANYO-FW214 Datasheet
46Kb / 3P
   Ultrahigh-Speed Switching Applications
FW313 SANYO-FW313 Datasheet
61Kb / 6P
   Ultrahigh-Speed Switching Applications
2SK2631 SANYO-2SK2631 Datasheet
30Kb / 5P
   Ultrahigh-Speed Switching Applications
2SK1459 SANYO-2SK1459 Datasheet
100Kb / 3P
   Ultrahigh-Speed Switching Applications
2SJ339 SANYO-2SJ339 Datasheet
40Kb / 4P
   Ultrahigh-Speed Switching Applications
2SJ417 SANYO-2SJ417 Datasheet
89Kb / 3P
   Ultrahigh-Speed Switching Applications
2SJ459 SANYO-2SJ459 Datasheet
32Kb / 4P
   Ultrahigh-Speed Switching Applications
2SJ485 SANYO-2SJ485 Datasheet
43Kb / 4P
   Ultrahigh-Speed Switching Applications
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com