データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM894051 データシート(PDF) 3 Page - SyncMOS Technologies,Inc

部品番号 SM894051
部品情報  8-Bits Micro-controller With 4KB Flash ROM embedded
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SYNCMOS [SyncMOS Technologies,Inc]
ホームページ  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM894051 データシート(HTML) 3 Page - SyncMOS Technologies,Inc

  SM894051 Datasheet HTML 1Page - SyncMOS Technologies,Inc SM894051 Datasheet HTML 2Page - SyncMOS Technologies,Inc SM894051 Datasheet HTML 3Page - SyncMOS Technologies,Inc SM894051 Datasheet HTML 4Page - SyncMOS Technologies,Inc SM894051 Datasheet HTML 5Page - SyncMOS Technologies,Inc SM894051 Datasheet HTML 6Page - SyncMOS Technologies,Inc SM894051 Datasheet HTML 7Page - SyncMOS Technologies,Inc SM894051 Datasheet HTML 8Page - SyncMOS Technologies,Inc SM894051 Datasheet HTML 9Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
SyncMOS Technologies International, Inc.
SM894051
8-Bits Micro-controller
With 4KB Flash ROM embedded
Specifications subject to change without notice contact your sales representatives for the most recent information.
SM894051
V1.4
09 /2006
3
Block Diagram
Timer 1
Timer 0
UART
Interrupt
128 bytes
RAM
Reset
Control
Stack
Point
XTAL2
XTAL1
RES
Acc
TMP1
ALU
PSW
Buffer
DPTR
PC
Incrementer
Program
Counter
Program
4 K
bytes
Flash
Memory
Port 1
Latch
Port 1
Driver & Mux
Port 3
Driver & Mux
WDT
Port 3
Latch
+
-
Analog Comparator
P1.0
P1.1
P3.0 ~ p3.5 & p3.7
RAM Address Decoder
&
Register
Register
Timing
Circuit
Instruction
Register
OSC
B
TMP2


同様の部品番号 - SM894051

メーカー部品番号データシート部品情報
logo
SyncMOS Technologies,In...
SM89516 SYNCMOS-SM89516 Datasheet
436Kb / 19P
   8 - Bit Micro-controller with 64KB flash & 1KB RAM embedded
SM89516 SYNCMOS-SM89516 Datasheet
735Kb / 19P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM89516A SYNCMOS-SM89516A Datasheet
535Kb / 25P
   8 - Bit Micro-controller with 64KB flash 1KB RAM embedded
SM89516A SYNCMOS-SM89516A Datasheet
873Kb / 22P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM89516AC25 SYNCMOS-SM89516AC25 Datasheet
535Kb / 25P
   8 - Bit Micro-controller with 64KB flash 1KB RAM embedded
More results

同様の説明 - SM894051

メーカー部品番号データシート部品情報
logo
SyncMOS Technologies,In...
SM8951A SYNCMOS-SM8951A_06 Datasheet
813Kb / 16P
   8-Bits Micro-controller With 4/8KB flash embedded
SM79164 SYNCMOS-SM79164 Datasheet
453Kb / 25P
   8 - Bit Micro-controller with 64KB flash & 4KB RAM embedded
SM89516A SYNCMOS-SM89516A_06 Datasheet
873Kb / 22P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM8954A SYNCMOS-SM8954A Datasheet
875Kb / 23P
   8-Bits Micro-controller With 16KB flash & 1KB RAM embedded
SM8958A SYNCMOS-SM8958A_06 Datasheet
887Kb / 23P
   8-Bits Micro-controller With 32KB flash & 1KB RAM embedded
SM89516 SYNCMOS-SM89516 Datasheet
735Kb / 19P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM89S16R1 SYNCMOS-SM89S16R1 Datasheet
416Kb / 28P
   8-Bits Micro-controller With 64KB Flash ROM & IKB RAM & RTC & ADC & PWM & PDWU embedded
SM89S16R1 SYNCMOS-SM89S16R1_06 Datasheet
695Kb / 29P
   8-Bits Micro-controller With 64KB Flash ROM & 1KB RAM & RTC & ADC & PWM & PDWU embedded
SM89T16R1 SYNCMOS-SM89T16R1_06 Datasheet
845Kb / 35P
   8-Bits Micro-controller With 64KB Flash ROM & 1KB RAM & Two UART & RTC & ADC & PWM embedded
SM89T16R1 SYNCMOS-SM89T16R1 Datasheet
522Kb / 34P
   8-Bits Micro-controller With 64KB Flash ROM & IKB RAM & Two UART & RTC & ADC & PWM embedded
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com