データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74LVQ138 データシート(PDF) 5 Page - STMicroelectronics

部品番号 74LVQ138
部品情報  3 TO 8 LINE DECODER INVERTING
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LVQ138 データシート(HTML) 5 Page - STMicroelectronics

  74LVQ138 Datasheet HTML 1Page - STMicroelectronics 74LVQ138 Datasheet HTML 2Page - STMicroelectronics 74LVQ138 Datasheet HTML 3Page - STMicroelectronics 74LVQ138 Datasheet HTML 4Page - STMicroelectronics 74LVQ138 Datasheet HTML 5Page - STMicroelectronics 74LVQ138 Datasheet HTML 6Page - STMicroelectronics 74LVQ138 Datasheet HTML 7Page - STMicroelectronics 74LVQ138 Datasheet HTML 8Page - STMicroelectronics 74LVQ138 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
CL = 50 pF or equivalent (includes jigand probe capacitance)
RL =R1 =500
Ω orequivalent
RT =ZOUT of pulse generator (typically 50
Ω)
CAPACITIVE CHARACTERISTICS
Symb ol
Parameter
Test Co nditi ons
Valu e
Un it
VCC
(V)
TA =25
oC
-40 to 85
oC
Min.
T yp.
Max.
Mi n.
Max.
CIN
Input Capacitance
3.3
5
pF
CPD
Power Dissipation
Capacitance (note 1)
3.3
fIN = 10 MHz
50
pF
1) CPD isdefined as the value of the IC’sinternal equivalent capacitance which is calculated fromthe operating current consumption without load. (Referto
Test Circuit).Average operting current can be obtained by the following equation. ICC(opr) = CPD
• VCC • fIN +ICC
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, RL = 500
Ω, Input tr =tf =3 ns)
Symb ol
Parameter
T est Con ditio n
Valu e
Un it
VCC
(V)
TA =25
oC
-40 to 85
oC
Min.
T yp.
Max.
Mi n.
Max.
tPLH
tPHL
Propagation Delay Time
A, B, C to Y
2.7
7.0
17.0
20.0
ns
3.3
(*)
5.5
12.0
14.0
tPLH
tPHL
Propagation Delay Time
G1 to Y
2.7
7.0
17.0
20.0
ns
3.3
(*)
5.5
12.0
14.0
tPLH
tPHL
Propagation Delay Time
G2A or G2B to Y
2.7
7.0
17.0
20.0
ns
3.3
(*)
5.5
12.0
14.0
tOSLH
tOSHL
Output to Output Skew
Time (note 1, 2)
2.7
0.5
1.5
1.5
ns
3.3
(*)
0.5
1.5
1.5
1) Skew is defined as the absolute value of the difference between the actual propagation delay for any twooutputs of the same device switching in the
same direction, either HIGH or LOW (tOSLH =|tPLHm -tPLHn|, tOSHL =|tPHLm -tpHLn|)
2) Parameter guaranteed by design
(*) Voltage range is 3.3V
± 0.3V
TEST CIRCUIT
74LVQ138
5/9


同様の部品番号 - 74LVQ138

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74LVQ138 FAIRCHILD-74LVQ138 Datasheet
98Kb / 8P
   Low Voltage 1-of-8 Decoder/Demultiplexer
74LVQ138 FAIRCHILD-74LVQ138 Datasheet
71Kb / 6P
   Low Voltage 1-of-8 Decoder/Demultiplexer
logo
STMicroelectronics
74LVQ138 STMICROELECTRONICS-74LVQ138 Datasheet
321Kb / 12P
   3 TO 8 LINE DECODER (INVERTING)
74LVQ138MTR STMICROELECTRONICS-74LVQ138MTR Datasheet
321Kb / 12P
   3 TO 8 LINE DECODER (INVERTING)
logo
Fairchild Semiconductor
74LVQ138SC FAIRCHILD-74LVQ138SC Datasheet
98Kb / 8P
   Low Voltage 1-of-8 Decoder/Demultiplexer
More results

同様の説明 - 74LVQ138

メーカー部品番号データシート部品情報
logo
STMicroelectronics
74ACT138 STMICROELECTRONICS-74ACT138 Datasheet
79Kb / 8P
   3 TO 8 LINE DECODER INVERTING
April 2001
M74HCT138 STMICROELECTRONICS-M74HCT138 Datasheet
286Kb / 9P
   3 TO 8 LINE DECODER (INVERTING)
74VHC138 STMICROELECTRONICS-74VHC138 Datasheet
65Kb / 8P
   3 TO 8 LINE DECODER INVERTING
June 1999
M54HCT138 STMICROELECTRONICS-M54HCT138 Datasheet
242Kb / 10P
   3 TO 8 LINE DECODER INVERTING
74AC138 STMICROELECTRONICS-74AC138 Datasheet
275Kb / 10P
   3 TO 8 LINE DECODER INVERTING
74LVQ138 STMICROELECTRONICS-74LVQ138_04 Datasheet
321Kb / 12P
   3 TO 8 LINE DECODER (INVERTING)
M74HC138 STMICROELECTRONICS-M74HC138 Datasheet
283Kb / 10P
   3 TO 8 LINE DECODER (INVERTING)
74AC138M STMICROELECTRONICS-74AC138M Datasheet
286Kb / 10P
   3 TO 8 LINE DECODER (INVERTING)
April 2001
74VHCT138A STMICROELECTRONICS-74VHCT138A_04 Datasheet
304Kb / 12P
   3 TO 8 LINE DECODER (INVERTING)
74ACT138 STMICROELECTRONICS-74ACT138 Datasheet
286Kb / 10P
   3 TO 8 LINE DECODER (INVERTING)
April 2001
M54HC138 STMICROELECTRONICS-M54HC138 Datasheet
242Kb / 10P
   3 TO 8 LINE DECODER INVERTING
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com