データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74LVQ14T データシート(PDF) 1 Page - STMicroelectronics

部品番号 74LVQ14T
部品情報  HEX SCHMITT INVERTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LVQ14T データシート(HTML) 1 Page - STMicroelectronics

  74LVQ14T Datasheet HTML 1Page - STMicroelectronics 74LVQ14T Datasheet HTML 2Page - STMicroelectronics 74LVQ14T Datasheet HTML 3Page - STMicroelectronics 74LVQ14T Datasheet HTML 4Page - STMicroelectronics 74LVQ14T Datasheet HTML 5Page - STMicroelectronics 74LVQ14T Datasheet HTML 6Page - STMicroelectronics 74LVQ14T Datasheet HTML 7Page - STMicroelectronics 74LVQ14T Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
74LVQ14
HEX SCHMITT INVERTER
®
February 1999
s
HIGH SPEED: tPD = 6 ns (TYP.) at VCC = 3.3V
s
COMPATIBLE WITH TTL OUTPUTS
s
LOW POWER DISSIPATION:
ICC =2
µA (MAX.) at TA =25 oC
s
LOW NOISE:
VOLP = 0.3 V (TYP.) at VCC =3.3V
s
75
Ω TRANSMISSION LINE DRIVING
CAPABILITY
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH|=IOL = 12 mA (MIN)
s
PCI BUS LEVELS GUARANTEED AT 24mA
s
BALANCED PROPAGATION DELAYS:
tPLH
≅ tPHL
s
OPERATING VOLTAGE RANGE:
VCC (OPR) = 2V to 3.6V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 14
s
IMPROVED LATCH-UP IMMUNITY
DESCRIPTION
The LVQ14 is a low voltage CMOS HEX
SCHMITT INVERTER fabricated with sub-micron
silicon gate and double-layer metal wiring C
2MOS
technology. It is ideal for low power and low noise
3.3V applications.
The internal circuit is composed of 3 stages
including buffer output, which enables high noise
immunity and stable output.
It has better speed performance at 3.3V than 5V
lsttl family combined with the true CMOS low
power consumption.
Pin configuration and function are the same as
those of the LVQ04 but the LVQ14 has hysteresis
between the positive and negative input threshold
typically of 1V.
This together with its schmitt trigger function
allows it to be used on line receivers with slow
rise/fall input signals.
All inputs
and
outputs are
equipped with
protection circuits against static discharge, giving
them 2KV ESD immunity and transient excess
voltage.
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES :
74LVQ14M
74LVQ14T
M
(Micro Package)
T
(TSSOP Package)
1/8


同様の部品番号 - 74LVQ14T

メーカー部品番号データシート部品情報
logo
STMicroelectronics
74LVQ14TTR STMICROELECTRONICS-74LVQ14TTR Datasheet
226Kb / 11P
   LOW VOLTAGE CMOS HEX SCHMITT INVERTER
More results

同様の説明 - 74LVQ14T

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC74AC14 MOTOROLA-MC74AC14 Datasheet
128Kb / 5P
   HEX INVERTER SCHMITT HEX INVERTER SCHMITT TRIGGER
logo
Toshiba Semiconductor
TC74VHCT14AF TOSHIBA-TC74VHCT14AF Datasheet
211Kb / 5P
   HEX SCHMITT INVERTER
TC74VHC14F TOSHIBA-TC74VHC14F_07 Datasheet
255Kb / 9P
   Hex Schmitt Inverter
logo
STMicroelectronics
M74HC14 STMICROELECTRONICS-M74HC14_08 Datasheet
320Kb / 14P
   Hex Schmitt inverter
logo
ON Semiconductor
74VHCT14A ONSEMI-74VHCT14A Datasheet
223Kb / 8P
   Hex Schmitt Inverter
December 2007 Rev. 1.5.0
MC74VHC14 ONSEMI-MC74VHC14_11 Datasheet
124Kb / 7P
   Hex Schmitt Inverter
May, 2011 ??Rev. 10
logo
Toshiba Semiconductor
TC74LVX14F TOSHIBA-TC74LVX14F Datasheet
242Kb / 7P
   HEX SCHMITT INVERTER
logo
STMicroelectronics
74AC14 STMICROELECTRONICS-74AC14 Datasheet
174Kb / 7P
   HEX SCHMITT INVERTER
74ACT14 STMICROELECTRONICS-74ACT14_01 Datasheet
178Kb / 8P
   HEX SCHMITT INVERTER
logo
Fairchild Semiconductor
74VHC14 FAIRCHILD-74VHC14_99 Datasheet
78Kb / 6P
   Hex Schmitt Inverter
logo
Toshiba Semiconductor
TC74AC14F TOSHIBA-TC74AC14F Datasheet
255Kb / 6P
   HEX SCHMITT INVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com