データシートサーチシステム |
|
SN74AUP1G58DBVRG4 データシート(PDF) 7 Page - Texas Instruments |
|
SN74AUP1G58DBVRG4 データシート(HTML) 7 Page - Texas Instruments |
7 / 19 page www.ti.com Switching Characteristics Switching Characteristics Switching Characteristics Switching Characteristics SN74AUP1G58 LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE SCES504H – NOVEMBER 2003 – REVISED DECEMBER 2007 over recommended operating free-air temperature range, CL = 5 pF (unless otherwise noted) (see Figure 6 and Figure 7) TA = 25°C TA = –40°C to 85°C FROM TO PARAMETER VCC UNIT (INPUT) (OUTPUT) MIN TYP MAX MIN MAX 0.8 V 23.6 1.2 V ± 0.1 V 2.8 9.4 13.8 2.3 17.4 1.5 V ± 0.1 V 2.1 6.5 9.2 1.6 11.3 tpd In0, In1, or In2 Y ns 1.8 V ± 0.15 V 1.5 5.4 7.4 1 9 2.5 V ± 0.2 V 1.1 4 5.6 0.6 6.6 3.3 V ± 0.3 V 1 3.2 4.6 0.5 5.5 over recommended operating free-air temperature range, CL = 10 pF (unless otherwise noted) (see Figure 6 and Figure 7) TA = 25°C TA = –40°C to 85°C FROM TO PARAMETER VCC UNIT (INPUT) (OUTPUT) MIN TYP MAX MIN MAX 0.8 V 26.4 1.2 V ± 0.1 V 3.2 10.7 15.2 2.7 19 1.5 V ± 0.1 V 2 7.5 10.5 1.5 12.5 tpd In0, In1, or In2 Y ns 1.8 V ± 0.15 V 1.1 6.2 8.4 0.6 10.2 2.5 V ± 0.2 V 1 4.6 6.4 0.5 7.6 3.3 V ± 0.3 V 1 3.7 5.3 0.5 6.3 over recommended operating free-air temperature range, CL = 15 pF (unless otherwise noted) (see Figure 6 and Figure 7) TA = 25°C TA = –40°C to 85°C FROM TO PARAMETER VCC UNIT (INPUT) (OUTPUT) MIN TYP MAX MIN MAX 0.8 V 29.6 1.2 V ± 0.1 V 3.8 11.8 16.8 3.3 21.1 1.5 V ± 0.1 V 2.9 8.3 11.6 2.4 13.8 tpd In0, In1, or In2 Y ns 1.8 V ± 0.15 V 2.2 6.8 9.3 1.7 11.3 2.5 V ± 0.2 V 1.7 5.1 7 1.2 8.4 3.3 V ± 0.3 V 1.4 4.2 5.9 0.9 7 over recommended operating free-air temperature range, CL = 30 pF (unless otherwise noted) (see Figure 6 and Figure 7) TA = 25°C TA = –40°C to 85°C FROM TO PARAMETER VCC UNIT (INPUT) (OUTPUT) MIN TYP MAX MIN MAX 0.8 V 38.1 1.2 V ± 0.1 V 5.1 15 21.4 4.6 26.6 1.5 V ± 0.1 V 4 10.6 14.6 3.5 17.4 tpd In0, In1, or In2 Y ns 1.8 V ± 0.15 V 3.2 8.7 11.7 2.7 14.2 2.5 V ± 0.2 V 2.5 6.5 8.7 2 10.5 3.3 V ± 0.3 V 2.1 5.4 7.3 1.6 8.7 Copyright © 2003–2007, Texas Instruments Incorporated Submit Documentation Feedback 7 Product Folder Link(s): SN74AUP1G58 |
同様の部品番号 - SN74AUP1G58DBVRG4 |
|
同様の説明 - SN74AUP1G58DBVRG4 |