データシートサーチシステム |
|
TL031CDE4 データシート(PDF) 11 Page - Texas Instruments |
|
TL031CDE4 データシート(HTML) 11 Page - Texas Instruments |
11 / 68 page TL03x, TL03xA ENHANCED-JFET LOW-POWER LOW-OFFSET OPERATIONAL AMPLIFIERS SLOS180C – FEBRUARY 1997 – REVISED DECEMBER 2001 11 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TL031M and TL031AM electrical characteristics at specified free-air temperature (continued) TL031M, TL031AM PARAMETER TEST CONDITIONS TA VCC ± = ±5 V VCC ± = ±15 V UNIT A MIN TYP MAX MIN TYP MAX 25 °C 192 250 217 280 ICC Supply current VO = 0, No load –55 °C 114 250 156 280 µA 125 °C 178 250 197 280 TL031M and TL031AM operating characteristics at specified free-air temperature TL031M, TL031AM PARAMETER TEST CONDITIONS TA VCC ± = ±5 V VCC ± = ±15 V UNIT MIN TYP MAX MIN TYP MAX P iti l t t R10 k Ω C 100 F 25 °C 2 1.5 2.9 SR+ Positive slew rate at unity gain† RL = 10 kΩ, CL = 100 pF See Figure 1 –55 °C 1.4 1 1.9 V/ µs unity gain† See Figure 1 125 °C 2.4 1 3.5 Nti l t t R10 k Ω C 100 F 25 °C 3.9 1.5 5.1 SR– Negative slew rate at unity gain† RL = 10 kΩ, CL = 100 pF See Figure 1 –55 °C 3.2 1 4.6 V/ µs unity gain† See Figure 1 125 °C 4.1 1 4.7 VI(PP) = ±10 mV, 25 °C 138 132 tr Rise time VI(PP) = ±10 mV, RL = 10 kΩ, CL = 100 pF –55 °C 142 123 ns See Figures 1 and 2 125 °C 166 158 VI(PP) = ±10 mV, 25 °C 138 132 tf Fall time VI(PP) = ±10 mV, RL = 10 kΩ, CL = 100 pF –55 °C 142 123 ns See Figure 1 125 °C 166 158 VI(PP) = ±10 mV, 25 °C 11% 5% Overshoot factor VI(PP) = ±10 mV, RL = 10 kΩ, CL = 100 pF –55 °C 16% 6% See Figures 1 and 2 125 °C 14% 8% TL031M f = 10 Hz 25 °C 61 61 V Equivalent input TL031M RS = 20 Ω f = 1 kHz 25 °C 41 41 nV/ √H Vn q noise voltage TL031AM S See Figure 3 f = 10 Hz 25 °C 61 61 nV/ √Hz TL031AM f = 1 kHz 25 °C 41 41 I Equivalent input noise f=1kHz 25 °C 0 003 0 003 pA/ √H In q current f = 1 kHz 25 °C 0.003 0.003 pA/ √Hz VI = 10 mV, 25 °C 1 1.1 B1 Unity-gain bandwidth VI = 10 mV, RL = 10 kΩ, CL = 25 pF –55 °C 1 1.1 MHz See Figure 4 125 °C 0.9 0.9 VI = 10 mV, 25 °C 61 ° 65 ° φm Phase margin at unity gain VI 10 mV, RL = 10 kΩ, CL = 25 pF SFi –55 °C 57 ° 64 ° See Figure 4 125 °C 59 ° 62 ° † For VCC± = ±5 V, VI(PP) = ±1 V; for VCC± = ±15 V, VI(PP) = ±5 V |
同様の部品番号 - TL031CDE4 |
|
同様の説明 - TL031CDE4 |