データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

OPU817 データシート(PDF) 1 Page - OKI electronic componets

部品番号 OPU817
部品情報  Reflector-Type Photo Interrupter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  OKI [OKI electronic componets]
ホームページ  http://www.oki.com
Logo OKI - OKI electronic componets

OPU817 データシート(HTML) 1 Page - OKI electronic componets

  OPU817 Datasheet HTML 1Page - OKI electronic componets OPU817 Datasheet HTML 2Page - OKI electronic componets OPU817 Datasheet HTML 3Page - OKI electronic componets OPU817 Datasheet HTML 4Page - OKI electronic componets OPU817 Datasheet HTML 5Page - OKI electronic componets OPU817 Datasheet HTML 6Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1/6
PHOTO SENSOR UNITS
OPU817
¡ electronic components
OPU817
Reflector-Type Photo Interrupter
GENERAL DESCRIPTION
The OPU817 is a reflector-type photo interrupter that contains a high-output infrared light
emitting diode and a high-sensitivity phototransistor.
FEATURES
• High output current
• High resolution (capable of reading 0.17 mm bar codes)
• Outstanding durability and high reliability
APPLICATIONS
• Bar code reader
• Photoswitch
• Position detector
• Paper edge sensor
PIN CONFIGURATION
(Unit: mm)
E2P0055-37-X3
16.0
2.54
q
w
LED
0.45
45°
2–M2.5
(valid 4.5)
10.0
11.0
20.0
Phototransistor
1: Anode
2: Cathode
3: Emitter
4: Collector
q
w
e
r
• Pin Connection Diagram
This version: Jan. 1998
Previous version: May. 1997


同様の部品番号 - OPU817

メーカー部品番号データシート部品情報
logo
FCI connector
OPU-SERIES FCI-CONNECTOR-OPU-SERIES Datasheet
188Kb / 18P
   OPU SERIES 0.5mm Pitch
More results

同様の説明 - OPU817

メーカー部品番号データシート部品情報
logo
CT Micro International ...
PIT5005T-CL CTMICRO-PIT5005T-CL Datasheet
1Mb / 10P
   Transmissive Type Photo-Interrupter
Rev.1 Aug, 2022
PIT5005T-CL7526 CTMICRO-PIT5005T-CL7526 Datasheet
1Mb / 10P
   Transmissive Type Photo-Interrupter
Rev.1 Aug, 2022
logo
NTE Electronics
NTE3105 NTE-NTE3105 Datasheet
17Kb / 2P
   Opto Interrupter Module Photo Reflector, NPN Transistor Output
NTE3104 NTE-NTE3104 Datasheet
20Kb / 2P
   Opto Interrupter Module Photo Reflector, NPN Transistor Output
logo
Panasonic Semiconductor
CNA1014H PANASONIC-CNA1014H Datasheet
101Kb / 3P
   Photo Interrupter
CNZ1120 PANASONIC-CNZ1120 Datasheet
30Kb / 1P
   Photo Interrupter
CNA1007H PANASONIC-CNA1007H Datasheet
58Kb / 3P
   Photo Interrupter
CNA1301H PANASONIC-CNA1301H Datasheet
63Kb / 3P
   Photo Interrupter
logo
KODENSHI_AUK CORP.
KIT1001A KODENSHI-KIT1001A Datasheet
245Kb / 4P
   Photo Interrupter
KIT1018S KODENSHI-KIT1018S Datasheet
253Kb / 4P
   Photo Interrupter
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com