データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74HC377N データシート(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN74HC377N
部品情報  OCTAL D-TYPE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN74HC377N データシート(HTML) 9 Page - Texas Instruments

Back Button SN74HC377N Datasheet HTML 4Page - Texas Instruments SN74HC377N Datasheet HTML 5Page - Texas Instruments SN74HC377N Datasheet HTML 6Page - Texas Instruments SN74HC377N Datasheet HTML 7Page - Texas Instruments SN74HC377N Datasheet HTML 8Page - Texas Instruments SN74HC377N Datasheet HTML 9Page - Texas Instruments SN74HC377N Datasheet HTML 10Page - Texas Instruments SN74HC377N Datasheet HTML 11Page - Texas Instruments SN74HC377N Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
MECHANICAL
MPDI002C – JANUARY 1995 – REVISED DECEMBER 20002
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
N (R-PDIP-T**)
PLASTIC DUAL-IN-LINE PACKAGE
BB
AC
AD
0.325 (8,26)
0.300 (7,62)
0.010 (0,25) NOM
Gauge Plane
0.015 (0,38)
0.430 (10,92) MAX
20
1.060
(26,92)
0.940
(23,88)
18
0.920
0.850
14
0.775
0.745
(19,69)
(18,92)
16
0.775
(19,69)
(18,92)
0.745
A MIN
DIM
A MAX
PINS **
(23,37)
(21,59)
Seating Plane
14/18 PIN ONLY
20 pin vendor option
4040049/E 12/2002
9
8
0.070 (1,78)
A
0.045 (1,14)
0.020 (0,51) MIN
16
1
0.015 (0,38)
0.021 (0,53)
0.200 (5,08) MAX
0.125 (3,18) MIN
0.240 (6,10)
0.260 (6,60)
M
0.010 (0,25)
0.100 (2,54)
16 PINS SHOWN
MS-100
VARIATION
AA
C
D
D
D
0.030 (0,76)
0.045 (1,14)
NOTES: A. All linear dimensions are in inches (millimeters).
B. This drawing is subject to change without notice.
C. Falls within JEDEC MS-001, except 18 and 20 pin minimum body lrngth (Dim A).
D. The 20 pin end lead shoulder width is a vendor option, either half or full width.


同様の部品番号 - SN74HC377N

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74HC377N TI-SN74HC377N Datasheet
425Kb / 13P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLOCK ENABLE
SN74HC377N TI-SN74HC377N Datasheet
419Kb / 14P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLOCK ENABLE
SN74HC377N TI-SN74HC377N Datasheet
670Kb / 16P
[Old version datasheet]   OCTAL, HEX, AND QUAD D-TYPE FLIP-FLOPS WITH CLOCK ENABLE
SN74HC377NE4 TI-SN74HC377NE4 Datasheet
419Kb / 14P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLOCK ENABLE
SN74HC377NE4 TI-SN74HC377NE4 Datasheet
670Kb / 16P
[Old version datasheet]   OCTAL, HEX, AND QUAD D-TYPE FLIP-FLOPS WITH CLOCK ENABLE
More results

同様の説明 - SN74HC377N

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
MM54C373 NSC-MM54C373 Datasheet
170Kb / 8P
   Octal D-Type Latch Octal D-Type Flip-Flop
logo
Fairchild Semiconductor
MM74HCT573 FAIRCHILD-MM74HCT573 Datasheet
98Kb / 8P
   Octal D-Type Latch 3-STATE Octal D-Type Flip-Flop
logo
ON Semiconductor
MM74HCT573 ONSEMI-MM74HCT573 Datasheet
222Kb / 11P
   Octal D-Type Latch ??3-STATE Octal D-Type Flip-Flop
Revised May 2005
logo
Fairchild Semiconductor
MM74HCT573 FAIRCHILD-MM74HCT573_05 Datasheet
114Kb / 9P
   Octal D-Type Latch - 3-STATE Octal D-Type Flip-Flop
logo
STMicroelectronics
M54HC377 STMICROELECTRONICS-M54HC377 Datasheet
252Kb / 11P
   OCTAL D TYPE FLIP FLOP
logo
Unisonic Technologies
U74HC573 UTC-U74HC573_15 Datasheet
269Kb / 5P
   OCTAL TRANSPARENT D-TYPE LATCHES
logo
Fairchild Semiconductor
74VHC273 FAIRCHILD-74VHC273_07 Datasheet
625Kb / 13P
   Octal D-Type Flip-Flop
74VHC273 FAIRCHILD-74VHC273_05 Datasheet
532Kb / 10P
   Octal D-Type Flip-Flop
logo
Texas Instruments
CD54HCT573 TI-CD54HCT573 Datasheet
355Kb / 11P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES
logo
Fairchild Semiconductor
74F273 FAIRCHILD-74F273 Datasheet
74Kb / 7P
   Octal D-Type Flip-Flop
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com