データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SSB-COB11565GW データシート(PDF) 1 Page - List of Unclassifed Manufacturers

部品番号 SSB-COB11565GW
部品情報  115mm x 65mm VIEW AREA, CHIP ON BOARD LED BACKLIGHT, 565NM green
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

SSB-COB11565GW データシート(HTML) 1 Page - List of Unclassifed Manufacturers

  SSB-COB11565GW Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


同様の部品番号 - SSB-COB11565GW

メーカー部品番号データシート部品情報
logo
LUMEX INC.
SSB-COB11565GW LUMEX-SSB-COB11565GW Datasheet
52Kb / 1P
   115mm x 65mm VIEW AREA, CHIPS ON BOARD LED BACKLIGHT, 565mm GREEN, 220 CHIPS, 4.2V 1100mA
More results

同様の説明 - SSB-COB11565GW

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
SSB-COB6631GW ETC2-SSB-COB6631GW Datasheet
53Kb / 1P
   65mm x 31mm VIEW AREA, CHIP ON BOARD LED BACKLIGHT, 565NM green,
SSB-COB6518GW ETC2-SSB-COB6518GW Datasheet
52Kb / 1P
   65mm x 18mm VIEW AREA, CHIP ON BOARD LED BACKLIGHT, 565NM green,
SSB-COB6519GW-A ETC2-SSB-COB6519GW-A Datasheet
51Kb / 1P
   65mm x 19mm VIEW AREA, CHIP ON BOARD LED BACKLIGHT, 565NM green,
SSB-COB6527GW ETC2-SSB-COB6527GW Datasheet
51Kb / 1P
   65mm x 27mm VIEW AREA, CHIP ON BOARD LED BACKLIGHT, 565NM green,
SSB-COB6519GW ETC2-SSB-COB6519GW Datasheet
51Kb / 1P
   65mm x 19mm VIEW AREA, CHIP ON BOARD LED BACKLIGHT, 565NM green,
SSB-COB6519GW-B ETC2-SSB-COB6519GW-B Datasheet
52Kb / 1P
   65mm x 19mm VIEW AREA, CHIP ON BOARD LED BACKLIGHT, 565NM green,
logo
LUMEX INC.
SSB-COB11565GW LUMEX-SSB-COB11565GW Datasheet
52Kb / 1P
   115mm x 65mm VIEW AREA, CHIPS ON BOARD LED BACKLIGHT, 565mm GREEN, 220 CHIPS, 4.2V 1100mA
logo
List of Unclassifed Man...
SSB-COB9618GW ETC2-SSB-COB9618GW Datasheet
50Kb / 1P
   96mm x 18mm VIEW AREA, CHIP ON BOARD LED BACKLIGHT, 565NM green
SSB-COB9719GW-A ETC2-SSB-COB9719GW-A Datasheet
51Kb / 1P
   97mm x 19mm VIEW AREA, CHIP ON BOARD LED BACKLIGHT, 565NM green
SSB-COB6119GW ETC2-SSB-COB6119GW Datasheet
49Kb / 1P
   38mm x 16mm VIEW AREA, CHIP ON BOARD LED BACKLIGHT, 565NM green,
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com