データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TL780-12KCS データシート(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
部品番号 TL780-12KCS
部品情報  POSITIVE-VOLTAGE REGULATORS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TL780-12KCS データシート(HTML) 3 Page - Texas Instruments

  TL780-12KCS Datasheet HTML 1Page - Texas Instruments TL780-12KCS Datasheet HTML 2Page - Texas Instruments TL780-12KCS Datasheet HTML 3Page - Texas Instruments TL780-12KCS Datasheet HTML 4Page - Texas Instruments TL780-12KCS Datasheet HTML 5Page - Texas Instruments TL780-12KCS Datasheet HTML 6Page - Texas Instruments TL780-12KCS Datasheet HTML 7Page - Texas Instruments TL780-12KCS Datasheet HTML 8Page - Texas Instruments TL780-12KCS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
www.ti.com
Recommended Operating Conditions
Electrical Characteristics
TL780 SERIES
POSITIVE-VOLTAGE REGULATORS
SLVS055M – APRIL 1981 – REVISED OCTOBER 2006
MIN
MAX
UNIT
TL780-05C
7
25
VI
Input voltage
TL780-12C
14.5
30
V
TL780-15C
17.5
30
IO
Output current
1.5
A
TJ
Operating virtual junction temperature
0
125
°C
at specified virtual junction temperature, V
I = 10 V, IO = 500 mA (unless otherwise noted)
TL780-05C
PARAMETER
TEST CONDITIONS
TJ(1)
UNIT
MIN
TYP
MAX
25
°C
4.95
5
5.05
IO = 5 mA to 1 A, P ≤ 15 W,
Output voltage
V
VI = 7 V to 20 V
0
°C to 125°C
4.9
5.1
VI = 7 V to 25 V
0.5
5
Input voltage regulation
25
°C
mV
VI = 8 V to 12 V
0.5
5
Ripple rejection
VI = 8 V to 18 V, f = 120 Hz
0
°C to 125°C
70
85
dB
IO = 5 mA to 1.5 A
4
25
Output voltage regulation
25
°C
mV
IO = 250 mA to 750 mA
1.5
15
Output resistance
f = 1 kHz
0
°C to 125°C
0.0035
Temperature coefficient of
IO = 5 mA
0
°C to 125°C
0.25
mV/
°C
output voltage
Output noise voltage
f = 10 Hz to 100 kHz
25
°C
75
µV
Dropout voltage
IO = 1 A
25
°C
2
V
Input bias current
25
°C
5
8
mA
VI = 7 V to 25 V
0.7
1.3
Input bias-current change
0
°C to 125°C
mA
IO = 5 mA to 1 A
0.003
0.5
Short-circuit output current
25
°C
750
mA
Peak output current
25
°C
2.2
A
(1)
Pulse-testing techniques maintain the junction temperature as close to the ambient temperature as possible. Thermal effects must be
taken into account separately. All characteristics are measured with a 0.33-
µF capacitor across the input and a 0.22-µF capacitor across
the output.
3
Submit Documentation Feedback


同様の部品番号 - TL780-12KCS

メーカー部品番号データシート部品情報
logo
Texas Instruments
TL780-12KCS TI-TL780-12KCS Datasheet
571Kb / 14P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
More results

同様の説明 - TL780-12KCS

メーカー部品番号データシート部品情報
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
   Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
   Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
   Positive voltage regulators
logo
AUK corp
S78LXXF AUK-S78LXXF Datasheet
270Kb / 8P
   Positive-Voltage Regulators
logo
Micropac Industries
42050 MICROPAC-42050 Datasheet
121Kb / 3P
   POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
L78L00 STMICROELECTRONICS-L78L00 Datasheet
453Kb / 24P
   POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com