データシートサーチシステム |
|
TLV2472CDR データシート(PDF) 7 Page - Texas Instruments |
|
|
TLV2472CDR データシート(HTML) 7 Page - Texas Instruments |
7 / 51 page www.ti.com ELECTRICAL CHARACTERISTICS TLV2470,, TLV2471 TLV2472, TLV2473 TLV2474, TLV2475, TLV247xA SLOS232E – JUNE 1999 – REVISED JULY 2007 At specified free-air temperature, VDD = 5V, unless otherwise noted. PARAMETER TEST CONDITIONS TA (1) MIN TYP MAX UNIT +25 °C 250 2200 TLV247x Full range 2400 VIO Input offset voltage μV +25 °C 250 1600 TLV247xA Full range 2000 Temperature coefficient of input VIC = VDD/2, αVIO 0.4 μV/ °C offset voltage VO = VDD/2, RS = 50Ω +25 °C 1.7 50 IIO Input offset current TLV247xC Full range 100 TLV247xI Full range 300 pA +25 °C 2.5 50 IIB Input bias current TLV247xC Full range 100 TLV247xI Full range 300 +25 °C 4.85 4.96 IOH = –2.5mA Full range 4.8 VOH High-level output voltage VIC = VDD/2 V +25 °C 4.72 4.82 IOH = –10mA Full range 4.65 +25 °C 0.07 0.15 IOL = 2.5mA Full range 0.2 VOL Low-level output voltage VIC = VDD/2 V +25 °C 0.178 0.28 IOL = 10mA Full range 0.35 +25 °C 110 Sourcing Full range 60 IOS Short-circuit output current mA +25 °C 90 Sinking Full range 60 IO Output current VO = 0.5V from rail +25 °C ±35 mA +25 °C 92 120 Large-signal differential voltage AVD VO(PP) = 3V, RL = 10kΩ dB amplification Full range 91 ri(d) Differential input resistance +25 °C 1012 Ω CIC Common-mode input capacitance f = 10kHz +25 °C 18.9 pF zo Closed-loop output impedance f = 10kHz, AV = 10 +25 °C 1.8 Ω +25 °C 64 84 CMRR Common-mode rejection ratio TLV247xC Full range 63 dB VIC = 0V to 5V, RS = 50Ω TLV247xI Full range 58 +25 °C 74 90 VDD = 2.7V to 6V, VIC = VDD/2, No load Full range 66 Supply voltage rejection ratio kSVR dB ( ΔVDD/ΔVIO) +25 °C 77 92 VDD = 3V to 5V, VIC = VDD/2, No load Full range 66 +25 °C 600 900 IDD Supply current (per channel) VO = 2.5V, No load μA Full range 1000 (1) Full range is 0 °C to +70°C for C-suffix and –40°C to +125°C for I-suffix. If not specified, full range is –40°C to +125°C. 7 Submit Documentation Feedback |
同様の部品番号 - TLV2472CDR |
|
同様の説明 - TLV2472CDR |