データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74HC645DWE4 データシート(PDF) 3 Page - Texas Instruments

部品番号 SN74HC645DWE4
部品情報  OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN74HC645DWE4 データシート(HTML) 3 Page - Texas Instruments

  SN74HC645DWE4 Datasheet HTML 1Page - Texas Instruments SN74HC645DWE4 Datasheet HTML 2Page - Texas Instruments SN74HC645DWE4 Datasheet HTML 3Page - Texas Instruments SN74HC645DWE4 Datasheet HTML 4Page - Texas Instruments SN74HC645DWE4 Datasheet HTML 5Page - Texas Instruments SN74HC645DWE4 Datasheet HTML 6Page - Texas Instruments SN74HC645DWE4 Datasheet HTML 7Page - Texas Instruments SN74HC645DWE4 Datasheet HTML 8Page - Texas Instruments SN74HC645DWE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
SN54HC645, SN74HC645
OCTAL BUS TRANSCEIVERS
WITH 3STATE OUTPUTS
SCLS304B – JANUARY 1996 – REVISED DECEMBER 2002
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
NOTE 3: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
V
TA = 25°C
SN54HC645
SN74HC645
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
2 V
1.9
1.998
1.9
1.9
IOH = –20 µA
4.5 V
4.4
4.499
4.4
4.4
VOH
VI = VIH or VIL
IOH
20
µA
6 V
5.9
5.999
5.9
5.9
V
VOH
VI VIH or VIL
IOH = –6 mA
4.5 V
3.98
4.3
3.7
3.84
V
IOH = –7.8 mA
6 V
5.48
5.8
5.2
5.34
2 V
0.002
0.1
0.1
0.1
IOL = 20 µA
4.5 V
0.001
0.1
0.1
0.1
VOL
VI = VIH or VIL
IOL 20 µA
6 V
0.001
0.1
0.1
0.1
V
VOL
VI VIH or VIL
IOL = 6 mA
4.5 V
0.17
0.26
0.4
0.33
V
IOL = 7.8 mA
6 V
0.15
0.26
0.4
0.33
II
DIR or OE
VI = VCC or 0
6 V
±0.1
±100
±1000
±1000
nA
IOZ
A or B
VO = VCC or 0
6 V
±0.01
±0.5
±10
±5
µA
ICC
VI = VCC or 0,
IO = 0
6 V
8
160
80
µA
Ci
DIR or OE
2 V to 6 V
3
10
10
10
pF
switching characteristics over recommended operating free-air temperature range, CL = 50 pF
(unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
V
TA = 25°C
SN54HC645
SN74HC645
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
2 V
40
105
160
130
tpd
A or B
B or A
4.5 V
15
21
32
26
ns
t d
A or B
B or A
6 V
12
18
27
22
ns
2 V
125
230
340
290
ten
OE
A or B
4.5 V
23
46
68
58
ns
ten
OE
A or B
6 V
20
39
58
49
ns
2 V
74
200
300
250
tdis
OE
A or B
4.5 V
25
40
60
50
ns
tdis
OE
A or B
6 V
21
34
51
43
ns
2 V
20
60
90
75
tt
A or B
4.5 V
8
12
18
15
ns
t
6 V
6
10
15
13


同様の部品番号 - SN74HC645DWE4

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74HC645DW TI-SN74HC645DW Datasheet
411Kb / 12P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74HC645DWR TI-SN74HC645DWR Datasheet
411Kb / 12P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

同様の説明 - SN74HC645DWE4

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
HD74HC620 RENESAS-HD74HC620 Datasheet
128Kb / 12P
   Octal Bus Transceivers (with inverted 3-state outputs),Octal Bus Transceivers (with 3-state outputs)
HD74HCT640 RENESAS-HD74HCT640 Datasheet
221Kb / 10P
   Octal Bus Transceivers (with inverted 3-state outputs) Octal Bus Transceivers (with 3-state outputs)
Mar 30, 2006
logo
Hitachi Semiconductor
HD74BC245A HITACHI-HD74BC245A Datasheet
42Kb / 8P
   Octal Bus Transceivers With 3 State Outputs
HD74HCT245 HITACHI-HD74HCT245 Datasheet
57Kb / 8P
   Octal Bus Transceivers (with 3-state outputs)
logo
Texas Instruments
SN54HC245 TI-SN54HC245 Datasheet
533Kb / 16P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ALS640B TI-SN54ALS640B Datasheet
112Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ACT245 TI-SN54ACT245 Datasheet
509Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT640 TI-SN54ABT640 Datasheet
107Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54AC245 TI-SN54AC245 Datasheet
100Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74BC640A HITACHI-HD74BC640A Datasheet
44Kb / 9P
   Octal Bus Transceivers With 3 State Outputs
logo
Renesas Technology Corp
HD74HCT245 RENESAS-HD74HCT245_15 Datasheet
130Kb / 9P
   Octal Bus Transceivers (with 3-state outputs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com