データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BA-3Y12UW データシート(PDF) 2 Page - BRIGHT LED ELECTRONICS CORP

部品番号 BA-3Y12UW
部品情報  yellow chips, which are made from GaAsP on GaP substrate.
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BRIGHT [BRIGHT LED ELECTRONICS CORP]
ホームページ  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BA-3Y12UW データシート(HTML) 2 Page - BRIGHT LED ELECTRONICS CORP

  BA-3Y12UW Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BA-3Y12UW Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BA-3Y12UW Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
B
BA
A--3
3Y
Y1
12
2U
UW
W
Ver.1.0 Page 2 of 3
SINCE 1981
Absolute Maximum Ratings(Ta=25℃)
Parameter
Symbol
Rating
Unit
Power Dissipation Per Segment
Pd
80
mW
Forward Current Per Segment
IF
30
mA
Peak Forward Current Per Segment
IFP
(Duty 1/10, 1KHZ)
150
mA
Reverse Voltage Per Segment
VR
5
V
Operating Temperature
Topr
-40℃~80℃
-
Storage Temperature
Tstg
-40℃~85℃
-
Soldering Temperature
(1/16" From Body)
Tsol
260℃ For 5 Seconds
-
Electrical And Optical Characteristics(Ta=25℃)
Parameter
Symbol Condition
Min.
Typ.
Max.
Unit
Forward Voltage Per Segment
Vf
IF=10mA
-
2.0
2.5
V
Luminous Intensity Per Segment
Iv
IF=10mA
-
8.0
-
mcd
Reverse Current Per Segment
IR
VR=5V
-
-
100
µA
Peak Wave Length
λ
p
IF=10mA
-
585
-
nm
Dominant Wave Length
λ
d
IF=10mA
587
-
594
nm
Spectral Line Half-width
∆λ
IF=10mA
-
35
-
nm


同様の部品番号 - BA-3Y12UW

メーカー部品番号データシート部品情報
logo
ASM GmbH
BA-30TA-S ASM-SENSOR-BA-30TA-S Datasheet
695Kb / 2P
   Infrarot-Temperatur-Messger채te
BA-30TC ASM-SENSOR-BA-30TC Datasheet
695Kb / 2P
   Infrarot-Temperatur-Messger채te
BA-30TV-S ASM-SENSOR-BA-30TV-S Datasheet
695Kb / 2P
   Infrarot-Temperatur-Messger채te
logo
Molex Electronics Ltd.
BA-331 MOLEX4-BA-331 Datasheet
107Kb / 2P
   Step Down Butt Splice for 14-22 AWG Wire
logo
BRIGHT LED ELECTRONICS ...
BA-3D12UW BRIGHT-BA-3D12UW Datasheet
149Kb / 3P
   super red chips, which are made from AlGaAs on GaAs substrate
More results

同様の説明 - BA-3Y12UW

メーカー部品番号データシート部品情報
logo
BRIGHT LED ELECTRONICS ...
BA-8Y6UW BRIGHT-BA-8Y6UW Datasheet
195Kb / 3P
   yellow chips, which are made from GaAsP on GaP substrate.
BD-C403ND BRIGHT-BD-C403ND Datasheet
184Kb / 3P
   yellow chips, which are made from GaAsP on GaP substrate.
BL-B6Y120-3P BRIGHT-BL-B6Y120-3P Datasheet
159Kb / 2P
   yellow chips, which are made from GaAsP on GaP substrate.
BD-E283RD BRIGHT-BD-E283RD Datasheet
182Kb / 3P
   yellow chips, which are made from GaAsP on GaP substrate.
BD-A543RD BRIGHT-BD-A543RD Datasheet
250Kb / 3P
   yellow chips, which are made from GaAsP on GaP substrate.
BA-12Y3UD BRIGHT-BA-12Y3UD Datasheet
163Kb / 3P
   yellow chips, which are made from GaAsP on GaP substrate.
BA-10Y1UD BRIGHT-BA-10Y1UD Datasheet
192Kb / 3P
   yellow chips, which are made from GaAsP on GaP substrate.
BD-F523RD BRIGHT-BD-F523RD Datasheet
183Kb / 3P
   yellow chips, which are made from GaAsP on GaP substrate.
BD-A403ND BRIGHT-BD-A403ND Datasheet
181Kb / 3P
   yellow chips, which are made from GaAsP on GaP substrate.
BD-E323RD BRIGHT-BD-E323RD Datasheet
254Kb / 3P
   yellow chips, which are made from GaAsP on GaP substrate.
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com