データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM2729-125 データシート(PDF) 1 Page - STMicroelectronics

部品番号 AM2729-125
部品情報  RF & MICROWAVE TRANSISTORS S-BAND RADAR APPLICATIONS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AM2729-125 データシート(HTML) 1 Page - STMicroelectronics

  AM2729-125 Datasheet HTML 1Page - STMicroelectronics AM2729-125 Datasheet HTML 2Page - STMicroelectronics AM2729-125 Datasheet HTML 3Page - STMicroelectronics AM2729-125 Datasheet HTML 4Page - STMicroelectronics AM2729-125 Datasheet HTML 5Page - STMicroelectronics AM2729-125 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
RF & MICROWAVE TRANSISTORS
S-BAND RADAR APPLICATIONS
.400 x .500 2LFL (S038)
hermetically sealed
.
REFRACTORY/GOLD METALLIZATION
.
EMITTER SITE BALLASTED
.
LOW THERMAL RESISTANCE
.
INPUT/OUTPUT MATCHING
.
OVERLAY GEOMETRY
.
METAL/CERAMIC HERMETIC PACKAGE
.
POUT
= 125 W MIN. WITH 7.0 dB GAIN
DESCRIPTION
The AM2729-125 device is a high power silicon
bipolar NPN transistor specifically designed for
medium pulse S-Band radar output and driver
applications.
This device is characterized at 50
µsec pulse
width and 10% duty cycle, but is capable of op-
eration over a range of pulse widths, duty cycles
and temperatures. Low RF thermal resistance,
refractory/gold metallization and computerized
automatic wire bonding techniques ensure high
reliability and product consistency (including
phase characteristics).
The AM2729-125 is supplied in the BIGPAC
Hermetic Metal/Ceramic package with internal In-
put/Output impedance matching circuitry, and is
intended for military and other high reliability ap-
plications.
PIN CONNECTION
BRANDING
2729-125
ORDER CODE
AM2729-125
ABSOLUTE MAXIMUM RATINGS (Tcase
= 25°C)
Symbol
Parameter
Value
Uni t
PDISS
Power Dissipation*
(TC
≤ 75°C)
500
W
IC
Device Current*
16
A
VCC
Collector-Supply Voltage*
45
V
TJ
Junction Temperature (Pulsed RF Operation)
250
°C
TSTG
Storage Temperature
− 65 to +200
°C
RTH(j-c)
Junction-Case Thermal Resistance*
0.35
°C/W
*Applies only to rated RF amplifier operation
AM2729-125
1. Collector
3. Emitter
2. Base
4. Base
THERMAL DATA


同様の部品番号 - AM2729-125

メーカー部品番号データシート部品情報
logo
STMicroelectronics
AM2729-110 STMICROELECTRONICS-AM2729-110 Datasheet
61Kb / 4P
   S-BAND RADAR APPLICATIONS RF & MICROWAVE TRANSISTORS
More results

同様の説明 - AM2729-125

メーカー部品番号データシート部品情報
logo
STMicroelectronics
AM83135-010 STMICROELECTRONICS-AM83135-010 Datasheet
61Kb / 4P
   RF & MICROWAVE TRANSISTORS S-BAND RADAR APPLICATIONS
AM83135-015 STMICROELECTRONICS-AM83135-015 Datasheet
61Kb / 3P
   RF & MICROWAVE TRANSISTORS S-BAND RADAR APPLICATIONS
AM83135-030 STMICROELECTRONICS-AM83135-030 Datasheet
57Kb / 3P
   RF & MICROWAVE TRANSISTORS S-BAND RADAR APPLICATIONS
AM82731-050 STMICROELECTRONICS-AM82731-050 Datasheet
61Kb / 4P
   RF & MICROWAVE TRANSISTORS S-BAND RADAR APPLICATIONS
AM83135-040 STMICROELECTRONICS-AM83135-040 Datasheet
44Kb / 3P
   RF & MICROWAVE TRANSISTORS S-BAND RADAR APPLICATIONS
AM2931-110 STMICROELECTRONICS-AM2931-110 Datasheet
60Kb / 4P
   S-BAND RADAR APPLICATIONS RF & MICROWAVE TRANSISTORS
AM82731-025 STMICROELECTRONICS-AM82731-025 Datasheet
60Kb / 4P
   RF & MICROWAVE TRANSISTORS S-BAND RADAR APPLICATIONS
AM82731-003 STMICROELECTRONICS-AM82731-003 Datasheet
61Kb / 4P
   RF & MICROWAVE TRANSISTORS S-BAND RADAR APPLICATIONS
logo
Advanced Power Technolo...
MS2604 ADPOW-MS2604 Datasheet
120Kb / 3P
   RF& MICROWAVE TRANSISTORS S BAND RADAR APPLICATIONS
logo
STMicroelectronics
AM2729-110 STMICROELECTRONICS-AM2729-110 Datasheet
61Kb / 4P
   S-BAND RADAR APPLICATIONS RF & MICROWAVE TRANSISTORS
AM83135-001 STMICROELECTRONICS-AM83135-001 Datasheet
78Kb / 5P
   RF & MICROWAVE TRANSISTORS S-BAND RADAR APPLICATIONS
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com