データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BA-8S6UW データシート(PDF) 2 Page - BRIGHT LED ELECTRONICS CORP

部品番号 BA-8S6UW
部品情報  super red chips, which are made from AlGaAs on GaAs substrate.
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BRIGHT [BRIGHT LED ELECTRONICS CORP]
ホームページ  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BA-8S6UW データシート(HTML) 2 Page - BRIGHT LED ELECTRONICS CORP

  BA-8S6UW Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BA-8S6UW Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BA-8S6UW Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
B
BA
A--8
8S
S6
6U
UW
W
Ver.1.0 Page 2 of 3
SINCE 1981
Absolute Maximum Ratings(Ta=25℃)
Parameter
Symbol
Rating
Unit
Power Dissipation Per Segment
Pd
80
mW
Forward Current Per Segment
IF
30
mA
Peak Forward Current Per Segment
IFP
(Duty 1/10, 1KHZ)
150
mA
Reverse Voltage Per Segment
VR
5
V
Operating Temperature
Topr
-40℃~80℃
-
Storage Temperature
Tstg
-40℃~85℃
-
Soldering Temperature
(1/16" From Body)
Tsol
260℃ For 5 Seconds
-
Electrical And Optical Characteristics(Ta=25℃)
Parameter
Symbol Condition
Min.
Typ.
Max.
Unit
Forward Voltage Per Segment
Vf
IF=10mA
-
1.7
2.5
V
Luminous Intensity Per Segment
Iv
IF=10mA
-
20.0
-
mcd
Reverse Current Per Segment
IR
VR=5V
-
-
100
µA
Peak Wave Length
λ
p
IF=10mA
-
660
-
nm
Dominant Wave Length
λ
d
IF=10mA
-
643
-
nm
Spectral Line Half-width
∆λ
IF=10mA
-
20
-
nm


同様の部品番号 - BA-8S6UW

メーカー部品番号データシート部品情報
logo
Yellow Stone Corp
BA-8S6UW YSTONE-BA-8S6UW Datasheet
144Kb / 2P
   LED LIGHT BAR & BAR GRAPH ARRAYS
More results

同様の説明 - BA-8S6UW

メーカー部品番号データシート部品情報
logo
BRIGHT LED ELECTRONICS ...
BD-E406RD BRIGHT-BD-E406RD Datasheet
174Kb / 3P
   super red chips which are made from AlGaAs on GaAs substrate.
BA-4S7UW-A BRIGHT-BA-4S7UW-A Datasheet
180Kb / 3P
   super red chips which are made from AlGaAs on GaAs substrate.
BA-8D6UW BRIGHT-BA-8D6UW Datasheet
153Kb / 3P
   super red chips which are made from AlGaAs on GaAs substrate.
BD-A50DRD BRIGHT-BD-A50DRD Datasheet
170Kb / 3P
   super red chips, which are made from AlGaAs on GaAs substrate.
BD-E54DRD BRIGHT-BD-E54DRD Datasheet
247Kb / 3P
   super red chips, which are made from AlGaAs on GaAs substrate
BD-A546RD BRIGHT-BD-A546RD Datasheet
250Kb / 3P
   super red chips, which are made from AlGaAs on GaAs substrate
BD-C516RD BRIGHT-BD-C516RD Datasheet
208Kb / 3P
   super red chips, which are made from AlGaAs on GaAs substrate
BD-E30DRD BRIGHT-BD-E30DRD Datasheet
273Kb / 3P
   super red chips, which are made from AlGaAs on GaAs substrate
BD-E326RD BRIGHT-BD-E326RD Datasheet
259Kb / 4P
   super red chips, which are made from AlGaAs on GaAs substrate
BD-E546RD BRIGHT-BD-E546RD Datasheet
184Kb / 3P
   super red chips, which are made from AlGaAs on GaAs substrate
BA-2S10UW BRIGHT-BA-2S10UW Datasheet
160Kb / 3P
   super red chips, which are made from AlGaAs on GaAs substrate
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com