データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LD1085DT18R データシート(PDF) 7 Page - STMicroelectronics

部品番号 LD1085DT18R
部品情報  3 A low drop positive voltage regulator adjustable and fixed
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD1085DT18R データシート(HTML) 7 Page - STMicroelectronics

Back Button LD1085DT18R Datasheet HTML 3Page - STMicroelectronics LD1085DT18R Datasheet HTML 4Page - STMicroelectronics LD1085DT18R Datasheet HTML 5Page - STMicroelectronics LD1085DT18R Datasheet HTML 6Page - STMicroelectronics LD1085DT18R Datasheet HTML 7Page - STMicroelectronics LD1085DT18R Datasheet HTML 8Page - STMicroelectronics LD1085DT18R Datasheet HTML 9Page - STMicroelectronics LD1085DT18R Datasheet HTML 10Page - STMicroelectronics LD1085DT18R Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
LD1085xx
Electrical characteristics
7/27
5
Electrical characteristics
Table 4.
Electrical characteristics of LD1085#15
(VI = 4.5 V, CI = CO =10 µF, TA = -40 to 125 °C, unless otherwise specified).
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VO
Output voltage (1)
1.
See short-circuit current curve for available output current at fixed dropout.
IO = 0 mA, TJ = 25°C
1.485
1.5
1.515
V
IO = 0 to 3A, VI = 3.1 to 30V
1.47
1.5
1.53
V
ΔVO
Line regulation
IO = 0 mA, VI = 3.1 to 18V, TJ = 25°C
0.2
4
mV
IO = 0 mA, VI = 3.1 to 15V
0.4
4
mV
ΔVO
Load regulation
IO = 0 to 3A, TJ = 25°C
2
10
mV
IO = 0 to 3A
4
20
mV
Vd
Dropout voltage
IO =3 A
1.3
1.5
V
Iq
Quiescent current
VI ≤30V
5
10
mA
Isc
Short circuit current
VI - VO = 5V
3.2
4.5
A
VI - VO = 25V
0.2
0.5
A
Thermal regulation
TA = 25°C, 30ms pulse
0.008
0.04
%/W
SVR
Supply voltage rejection
f = 120 Hz, CO = 25µF, IO = 3A
VI = 7.5 ± 3V
60
72
dB
eN
RMS output noise voltage (% of
VO)
TA = 25°C, f =10Hz to 10kHz
0.003
%
S
Temperature stability
0.5
%
S
Long term stability
TA = 125°C, 1000Hrs
0.5
%


同様の部品番号 - LD1085DT18R

メーカー部品番号データシート部品情報
logo
STMicroelectronics
LD1085DT18R STMICROELECTRONICS-LD1085DT18R Datasheet
509Kb / 27P
   3A Low drop positive voltage regulator adjustable and fixed
LD1085DT18R STMICROELECTRONICS-LD1085DT18R Datasheet
946Kb / 28P
   3 A low drop positive voltage regulator adjustable and fixed
More results

同様の説明 - LD1085DT18R

メーカー部品番号データシート部品情報
logo
STMicroelectronics
LD1085XX STMICROELECTRONICS-LD1085XX_08 Datasheet
946Kb / 28P
   3 A low drop positive voltage regulator adjustable and fixed
LD1117DT12CTR STMICROELECTRONICS-LD1117DT12CTR Datasheet
1Mb / 44P
   Adjustable and fixed low drop positive voltage regulator
logo
First Silicon Co., Ltd
FR1117P FS-FR1117P Datasheet
401Kb / 6P
   LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATOR
2012. 07. 20 Revision No : 7
logo
STMicroelectronics
LD1117V-DG STMICROELECTRONICS-LD1117V-DG Datasheet
1Mb / 44P
   Adjustable and fixed low drop positive voltage regulator
LD1086XX STMICROELECTRONICS-LD1086XX_07 Datasheet
1Mb / 38P
   1.5 A low drop positive voltage regulator adjustable and fixed 
LD1117XX STMICROELECTRONICS-LD1117XX Datasheet
1Mb / 42P
   Adjustable and fixed low drop positive voltage regulator
KD1084XX STMICROELECTRONICS-KD1084XX Datasheet
768Kb / 22P
   5 A low drop positive voltage regulator adjustable and fixed
KD1084XX STMICROELECTRONICS-KD1084XX_08 Datasheet
356Kb / 20P
   5 A low drop positive voltage regulator adjustable and fixed
KD1084AXX STMICROELECTRONICS-KD1084AXX_09 Datasheet
346Kb / 17P
   5 A low drop positive voltage regulator adjustable and fixed
LD1086XX STMICROELECTRONICS-LD1086XX_08 Datasheet
1Mb / 39P
   1.5 A low drop positive voltage regulator adjustable and fixed
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com