データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BY397 データシート(PDF) 1 Page - DAESAN ELECTRONIC CORP.

部品番号 BY397
部品情報  CURRENT 3.0 Amperes VOLTAGE 100 to 1000 Volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DAESAN [DAESAN ELECTRONIC CORP.]
ホームページ  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

BY397 データシート(HTML) 1 Page - DAESAN ELECTRONIC CORP.

  BY397 Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. BY397 Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BY396 THRU BY399S
Features
Mechanical Data
· Plastic package has Underwrites Laboratory Flammability
Classification 94V-0
· Fast switching high efficiency
· Diffused junction
· High current capability
· High temperature soldering guaranteed : 250℃/10 seconds,
0.375"(9.5mm) lead length, 5 lbs.(2.3kg) tension.
Maximum Ratings And Electrical Characteristics
· Case : JEDEC DO-201AD molded plastic body
· Terminals : Plated axial lead solderable per MIL-STD-750,
method 2026
· Polarity : Color band denotes cathode end
· Mounting Position : Any
· Weight : 0.041 ounce, 1.18 grams
(Ratings at 25℃ ambient temperature unless otherwise specified, Single phase, half wave 60Hz, resistive or inductive
load. For capacitive load, derate by 20%)
CURRENT 3.0 Amperes
VOLTAGE 100 to 1000 Volts
Notes:
(1) Test conditions: IF=0.5A, IR=1.0A, Irr=0.25A.
(2) Measured at 1MHz and applied reverse voltage of 4.0 Volts.
Maximum recurrent peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Volts
Peak forward surge current 10ms single half
sine-wave superimposed on rated load at
load at TA=25℃
VDC
Maximum average forward rectified current
R load at TA=50℃
Maximum instantaneous forward voltage
at 3.0A
VRRM
Volts
Symbols
Units
1.3
VF
VRMS
3.0
Amps
Amps
100.0
IFSM
TJ
TSTG
30
-65 to +150
Volts
Maximum DC reverse current at rated DC
blocking voltage
Maximum reverse recovery time (Note 1)
Typical junction capacitance (Note 2)
Operating junction and storage
temperature range
100
BY396
70
100
10.0
Volts
μA
ns
pF
I(AV)
IR
Trr
25.0
CJ
200
BY397
140
200
400
BY398
280
400
800
BY399
560
800
1000
BY399S
700
1000
Max.thermal resistance
250
RθJA
℃/W
Dimensions in inches and (millimeters)
DO-201AD
1.0(25.4)
MIN.
1.0(25.4)
MIN.
0.375(9.5)
0.285(7.2)
0.042(1.1)
0.037(0.9)
DIA.
0.210(5.3)
0.188(4.8)
DIA.


同様の部品番号 - BY397

メーカー部品番号データシート部品情報
logo
Pan Jit International I...
BY397 PANJIT-BY397 Datasheet
60Kb / 2P
   SOFT RECOVERY, FAST SWITCHING PLASTIC RECTIFIER(VOLTAGE - 100 to 800 Volts CURRENT - 3.0 Amperes)
logo
Shunye Enterprise
BY397 SHUNYE-BY397 Datasheet
234Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Diotec Semiconductor
BY397 DIOTEC-BY397 Datasheet
58Kb / 2P
   Fast Si-Rectifiers - Schnelle Si-Gleichrichter
logo
Pan Jit International I...
BY397 PANJIT-BY397 Datasheet
67Kb / 2P
   SOFT RECOVERY, FAST SWITCHING PLASTIC RECTIFIER
logo
Transys Electronics
BY397 TRSYS-BY397 Datasheet
139Kb / 2P
   SOFT RECOVERY, FAST SWITCHING PLASTIC RECTIFIER
More results

同様の説明 - BY397

メーカー部品番号データシート部品情報
logo
DAESAN ELECTRONIC CORP.
HER301G DAESAN-HER301G Datasheet
306Kb / 2P
   CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
FR301 DAESAN-FR301 Datasheet
312Kb / 2P
   CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
KBPC3005 DAESAN-KBPC3005 Datasheet
178Kb / 2P
   CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
HER301 DAESAN-HER301 Datasheet
229Kb / 2P
   CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
UF5400 DAESAN-UF5400 Datasheet
230Kb / 2P
   CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
1N5400 DAESAN-1N5400 Datasheet
213Kb / 2P
   CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
S3A DAESAN-S3A Datasheet
336Kb / 2P
   CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
KBL3005 DAESAN-KBL3005 Datasheet
227Kb / 2P
   CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
FR301G DAESAN-FR301G Datasheet
316Kb / 2P
   CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
logo
DONGGUAN YOU FENG WEI E...
KBP301-KBP YFWDIODE-KBP301-KBP Datasheet
895Kb / 2P
   Voltage Range 50 to 1000 Volts Current 3.0 Amperes
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com