データシートサーチシステム |
|
STP16DP05TTR データシート(PDF) 7 Page - STMicroelectronics |
|
STP16DP05TTR データシート(HTML) 7 Page - STMicroelectronics |
7 / 28 page STP16DP05 Electrical characteristics 7/28 Table 8. Switching characteristics (VDD = 5V, T = 25°C, unless otherwise specified.) Symbol Parameter Test conditions Min Typ Max Unit tPLH1 Propagation delay time, CLK-OUTn, LE\DM1 = H, OE\DM2 = L VDD = 3.3 V VIH = VDD VIL = GND CL = 10pF IO = 20mA VL = 3.0 V REXT = 1KΩ RL = 60 Ω VDD = 3.3V 70 105 ns VDD = 5V 45 65 tPLH2 Propagation delay time, LE\DM1 -OUTn, OE\DM2 = L VDD = 3.3V 61 90 ns VDD = 5V 41 60 tPLH3 Propagation delay time, OE\DM2-OUTn, LE\DM1 = H VDD = 3.3V 69 105 ns VDD = 5V 50 70 tPLH Propagation delay time, CLK-SDO VDD = 3.3V 14 20 ns VDD = 5V 8 12 tPHL1 Propagation delay time, CLK-OUTn, LE\DM1 = H, OE\DM2 = L VDD = 3.3V 34 50 ns VDD = 5V 23 35 tPHL2 Propagation delay time, LE\DM1 -OUTn, OE\DM2 = L VDD = 3.3V 27 40 ns VDD = 5V 22 32 tPHL3 Propagation delay time, OE\DM2-OUTn, LE\DM1 = H VDD = 3.3V 23 35 ns VDD = 5V 20 30 tPHL Propagation delay time, CLK-SDO VDD = 3.3V 15 25 ns VDD = 5V 9 15 tON Output rise time 10~90% of voltage waveform VDD = 3.3V 42 65 ns VDD = 5V 35 55 tOFF Output fall time 90~10% of voltage waveform VDD = 3.3V 10 16 ns VDD = 5V 9 14 tr CLK rise time (1) 5000 ns tf CLK fall time (1) 5000 ns 1. In order to achieve high cascade data transfer, please consider tr/tf timings carefully. |
同様の部品番号 - STP16DP05TTR |
|
同様の説明 - STP16DP05TTR |