データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM31274 データシート(PDF) 11 Page - Ramtron International Corporation

部品番号 FM31274
部品情報  5V Integrated Processor Companion with Memory
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RAMTRON [Ramtron International Corporation]
ホームページ  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM31274 データシート(HTML) 11 Page - Ramtron International Corporation

Back Button FM31274 Datasheet HTML 7Page - Ramtron International Corporation FM31274 Datasheet HTML 8Page - Ramtron International Corporation FM31274 Datasheet HTML 9Page - Ramtron International Corporation FM31274 Datasheet HTML 10Page - Ramtron International Corporation FM31274 Datasheet HTML 11Page - Ramtron International Corporation FM31274 Datasheet HTML 12Page - Ramtron International Corporation FM31274 Datasheet HTML 13Page - Ramtron International Corporation FM31274 Datasheet HTML 14Page - Ramtron International Corporation FM31274 Datasheet HTML 15Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
FM31278/276/274/272 - 5V I2C Companion
Rev. 2.0
Dec. 2007
Page 11 of 25
Register Description
Address
Description
18h
Serial Number Byte 7
D7
D6
D5
D4
D3
D2
D1
D0
SN.63
SN.62
SN.61
SN.60
SN.59
SN.58
SN.57
SN.56
Upper byte of the serial number. Read/write when SNL=0, read-only when SNL=1. Nonvolatile.
17h
Serial Number Byte 6
D7
D6
D5
D4
D3
D2
D1
D0
SN.55
SN.54
SN.53
SN.52
SN.51
SN.50
SN.49
SN.48
Byte 6 of the serial number. Read/write when SNL=0, read-only when SNL=1. Nonvolatile.
16h
Serial Number Byte 5
D7
D6
D5
D4
D3
D2
D1
D0
SN.47
SN.46
SN.45
SN.44
SN.43
SN.42
SN.41
SN.40
Byte 5 of the serial number. Read/write when SNL=0, read-only when SNL=1. Nonvolatile.
15h
Serial Number Byte 4
D7
D6
D5
D4
D3
D2
D1
D0
SN.39
SN.38
SN.37
SN.36
SN.35
SN.34
SN.33
SN.32
Byte 4 of the serial number. Read/write when SNL=0, read-only when SNL=1. Nonvolatile.
14h
Serial Number Byte 3
D7
D6
D5
D4
D3
D2
D1
D0
SN.31
SN.30
SN.29
SN.28
SN.27
SN.26
SN.25
SN.24
Byte 3 of the serial number. Read/write when SNL=0, read-only when SNL=1. Nonvolatile.
13h
Serial Number Byte 2
D7
D6
D5
D4
D3
D2
D1
D0
SN.23
SN.22
SN.21
SN.20
SN.19
SN.18
SN.17
SN.16
Byte 2 of the serial number. Read/write when SNL=0, read-only when SNL=1. Nonvolatile.
12h
Serial Number Byte 1
D7
D6
D5
D4
D3
D2
D1
D0
SN.15
SN.14
SN.13
SN.12
SN.11
SN.10
SN.9
SN.8
Byte 1 of the serial number. Read/write when SNL=0, read-only when SNL=1. Nonvolatile.
11h
Serial Number Byte 0
D7
D6
D5
D4
D3
D2
D1
D0
SN.7
SN.6
SN.5
SN.4
SN.3
SN.2
SN.1
SN.0
LSB of the serial number. Read/write when SNL=0, read-only when SNL=1. Nonvolatile.
10h
Counter 2 MSB
D7
D6
D5
D4
D3
D2
D1
D0
C2.15
C2.14
C2.13
C2.12
C2.11
C2.10
C2.9
C2.8
Event Counter 2 MSB. Increments on overflows from Counter 2 LSB. Battery-backed, read/write.
0Fh
Counter 2 LSB
D7
D6
D5
D4
D3
D2
D1
D0
C2.7
C2.6
C2.5
C2.4
C2.3
C2.2
C2.1
C2.0
Event Counter 2 LSB. Increments on programmed edge event on CNT2 input or overflows from Counter 1 MSB
when CC=1. Battery-backed, read/write .
0Eh
Counter 1 MSB
D7
D6
D5
D4
D3
D2
D1
D0
C1.15
C1.14
C1.13
C1.12
C1.11
C1.10
C1.9
C1.8
Event Counter 1 MSB. Increments on overflows from Counter 1 LSB. Battery-backed, read/write.
0Dh
Counter 1 LSB
D7
D6
D5
D4
D3
D2
D1
D0
C1.7
C1.6
C1.5
C1.4
C1.3
C1.2
C1.1
C1.0
Event Counter 1 LSB. Increments on programmed edge event on CNT1 input. Battery-backed, read/write.


同様の部品番号 - FM31274

メーカー部品番号データシート部品情報
logo
Ramtron International C...
FM31276 RAMTRON-FM31276 Datasheet
461Kb / 26P
   5V Integrated Processor Companion with Memory
logo
Cypress Semiconductor
FM31276 CYPRESS-FM31276 Datasheet
862Kb / 26P
   5V Integrated Processor Companion with Memory
FM31276-G CYPRESS-FM31276-G Datasheet
862Kb / 26P
   5V Integrated Processor Companion with Memory
FM31276-GTR CYPRESS-FM31276-GTR Datasheet
862Kb / 26P
   5V Integrated Processor Companion with Memory
logo
Ramtron International C...
FM31278 RAMTRON-FM31278 Datasheet
461Kb / 26P
   5V Integrated Processor Companion with Memory
More results

同様の説明 - FM31274

メーカー部品番号データシート部品情報
logo
Cypress Semiconductor
FM31278 CYPRESS-FM31278 Datasheet
862Kb / 26P
   5V Integrated Processor Companion with Memory
logo
Ramtron International C...
FM32278 RAMTRON-FM32278 Datasheet
274Kb / 21P
   5V Integrated Processor Companion with Memory
FM31278 RAMTRON-FM31278_11 Datasheet
461Kb / 26P
   5V Integrated Processor Companion with Memory
logo
List of Unclassifed Man...
FM3104 ETC1-FM3104 Datasheet
252Kb / 22P
   Integrated Processor Companion with Memory
FM3204 ETC1-FM3204 Datasheet
273Kb / 20P
   Integrated Processor Companion with Memory
logo
Ramtron International C...
FM31256 RAMTRON-FM31256_11 Datasheet
455Kb / 26P
   Integrated Processor Companion with Memory
FM3104 RAMTRON-FM3104 Datasheet
546Kb / 25P
   Integrated Processor Companion with Memory
logo
Cypress Semiconductor
FM31256-GTR CYPRESS-FM31256-GTR Datasheet
773Kb / 27P
   Integrated Processor Companion with Memory
FM31256-G CYPRESS-FM31256-G Datasheet
773Kb / 27P
   Integrated Processor Companion with Memory
logo
Ramtron International C...
FM31L278 RAMTRON-FM31L278 Datasheet
330Kb / 25P
   3V Integrated Processor Companion with Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com