データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74AC374 データシート(PDF) 5 Page - Fairchild Semiconductor

部品番号 74AC374
部品情報  Octal D-Type Flip-Flop with 3-STATE Outputs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74AC374 データシート(HTML) 5 Page - Fairchild Semiconductor

  74AC374_08 Datasheet HTML 1Page - Fairchild Semiconductor 74AC374_08 Datasheet HTML 2Page - Fairchild Semiconductor 74AC374_08 Datasheet HTML 3Page - Fairchild Semiconductor 74AC374_08 Datasheet HTML 4Page - Fairchild Semiconductor 74AC374_08 Datasheet HTML 5Page - Fairchild Semiconductor 74AC374_08 Datasheet HTML 6Page - Fairchild Semiconductor 74AC374_08 Datasheet HTML 7Page - Fairchild Semiconductor 74AC374_08 Datasheet HTML 8Page - Fairchild Semiconductor 74AC374_08 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
©1988 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74AC374, 74ACT374 Rev. 1.5.0
5
DC Electrical Characteristics for AC
Notes:
1. All outputs loaded; thresholds on input associated with output under test.
2. IIN and ICC @ 3.0V are guaranteed to be less than or equal to the respective limit @ 5.5V VCC.
3. Maximum test duration 2.0ms, one output loaded at a time.
Symbol
Parameter
VCC (V)
Conditions
TA = +25°CTA = −40°C to +85°C
Units
Typ.
Guaranteed Limits
VIH
Minimum HIGH Level
Input Voltage
3.0
VOUT = 0.1V or
VCC – 0.1V
1.5
2.1
2.1
V
4.5
2.25
3.15
3.15
5.5
2.75
3.85
3.85
VIL
Maximum LOW Level
Input Voltage
3.0
VOUT = 0.1V or
VCC – 0.1V
1.5
0.9
0.9
V
4.5
2.25
1.35
1.35
5.5
2.75
1.65
1.65
VOH
Minimum HIGH Level
Output Voltage
3.0
IOUT = –50µA
2.99
2.9
2.9
V
4.5
4.49
4.4
4.4
5.5
5.49
5.4
5.4
3.0
VIN = VIL or VIH,
IOH = –12mA
2.56
2.46
4.5
VIN = VIL or VIH,
IOH = –24mA
3.86
3.76
5.5
VIN = VIL or VIH,
IOH = –24mA
(1)
4.86
4.76
VOL
Maximum LOW Level
Output Voltage
3.0
IOUT = 50µA
0.002
0.1
0.1
V
4.5
0.001
0.1
0.1
5.5
0.001
0.1
0.1
3.0
VIN = VIL or VIH,
IOL = 12mA
0.36
0.44
4.5
VIN = VIL or VIH,
IOL = 24mA
0.36
0.44
5.5
VIN = VIL or VIH,
IOL = 24mA
(1)
0.36
0.44
IIN
(2)
Maximum Input
Leakage Current
5.5
VI = VCC, GND
±0.1
±1.0
µA
IOZ
Maximum 3-STATE
Leakage Current
5.5
VI (OE) = VIL, VIH;
VI = VCC, GND;
VO = VCC, GND
±0.25
±2.5
µA
IOLD
Minimum Dynamic
Output Current(3)
5.5
VOLD = 1.65V Max.
75
mA
IOHD
5.5
VOHD = 3.85V Min.
−75
mA
ICC
(2)
Maximum Quiescent
Supply Current
5.5
VIN = VCC or GND
4.0
40.0
µA


同様の部品番号 - 74AC374_08

メーカー部品番号データシート部品情報
logo
STMicroelectronics
74AC374B STMICROELECTRONICS-74AC374B Datasheet
238Kb / 11P
   OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT NON INVERTING
74AC374M STMICROELECTRONICS-74AC374M Datasheet
238Kb / 11P
   OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT NON INVERTING
logo
Fairchild Semiconductor
74AC374MTC FAIRCHILD-74AC374MTC Datasheet
107Kb / 10P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
STMicroelectronics
74AC374MTR STMICROELECTRONICS-74AC374MTR Datasheet
238Kb / 11P
   OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT NON INVERTING
logo
Fairchild Semiconductor
74AC374PC FAIRCHILD-74AC374PC Datasheet
107Kb / 10P
   Octal D-Type Flip-Flop with 3-STATE Outputs
More results

同様の説明 - 74AC374_08

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74AC374 FAIRCHILD-74AC374 Datasheet
107Kb / 10P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
NXP Semiconductors
HEF40374B PHILIPS-HEF40374B Datasheet
84Kb / 7P
   Octal D-type flip-flop with 3-state outputs
January 1995
logo
ON Semiconductor
MC74LVX374 ONSEMI-MC74LVX374_11 Datasheet
145Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
May, 2011 ??Rev. 3
logo
Fairchild Semiconductor
74AC574 FAIRCHILD-74AC574 Datasheet
100Kb / 9P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
MC74LVX574 ONSEMI-MC74LVX574_14 Datasheet
117Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
August, 2014 ??Rev. 4
logo
Fairchild Semiconductor
74ABT574CMTCX FAIRCHILD-74ABT574CMTCX Datasheet
123Kb / 10P
   Octal D-Type Flip-Flop with 3-STATE Outputs
74VHC374 FAIRCHILD-74VHC374 Datasheet
209Kb / 9P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
MC74LVX574 ONSEMI-MC74LVX574_11 Datasheet
144Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
May, 2011 ??Rev. 3
logo
Motorola, Inc
MC74AC374 MOTOROLA-MC74AC374 Datasheet
209Kb / 7P
   OCTAL D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74VHCT574A FAIRCHILD-74VHCT574A Datasheet
105Kb / 8P
   Octal D-Type Flip-Flop with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com