データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74ACT374 データシート(PDF) 8 Page - Fairchild Semiconductor

部品番号 74ACT374
部品情報  Octal D-Type Flip-Flop with 3-STATE Outputs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACT374 データシート(HTML) 8 Page - Fairchild Semiconductor

Back Button 74ACT374 Datasheet HTML 4Page - Fairchild Semiconductor 74ACT374 Datasheet HTML 5Page - Fairchild Semiconductor 74ACT374 Datasheet HTML 6Page - Fairchild Semiconductor 74ACT374 Datasheet HTML 7Page - Fairchild Semiconductor 74ACT374 Datasheet HTML 8Page - Fairchild Semiconductor 74ACT374 Datasheet HTML 9Page - Fairchild Semiconductor 74ACT374 Datasheet HTML 10Page - Fairchild Semiconductor 74ACT374 Datasheet HTML 11Page - Fairchild Semiconductor 74ACT374 Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
©1988 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74AC374, 74ACT374 Rev. 1.5.0
8
AC Electrical Characteristics for ACT
Note:
8. Voltage range 5.0 is 5.0V
± 0.5V.
AC Operating Requirements for ACT
Note:
9. Voltage range 5.0 is 5.0V
± 0.5V.
Capacitance
Symbol
Parameter
VCC (V)
(8)
TA = +25°C,
CL = 50pF
TA = −40°C to +85°C,
CL = 50pF
Units
Min.
Typ.
Max.
Min.
Max.
fMAX
Maximum Clock
Frequency
5.0
100
160
90
MHz
tPLH
Propagation Delay,
CP to On
5.0
2.0
8.5
10.0
2.0
11.5
ns
tPHL
Propagation Delay,
CP to On
5.0
2.0
8.0
9.5
1.5
11.0
ns
tPZH
Output Enable Time
5.0
2.0
8.0
9.5
1.5
10.5
ns
tPZL
Output Enable Time
5.0
1.5
8.0
9.0
1.5
10.5
ns
tPHZ
Output Disable Time
5.0
1.5
8.5
11.5
1.0
12.5
ns
tPLZ
Output Disable Time
5.0
1.5
7.0
8.5
1.0
10.0
ns
Symbol
Parameter
VCC (V)
(9)
TA = +25°C,
CL = 50pF
TA = −40°C to +85°C,
CL = 50pF
Units
Typ.
Guaranteed Minimum
tS
Setup Time, HIGH or LOW,
Dn to CP
5.0
1.0
5.5
5.5
ns
tH
Hold Time, HIGH or LOW,
Dn to CP
5.0
0
1.5
1.5
ns
tW
CP Pulse Width,
HIGH or LOW
5.0
2.5
5.0
5.0
ns
Symbol
Parameter
Conditions
Typ.
Units
CIN
Input Capacitance
VCC = OPEN
4.5
pF


同様の部品番号 - 74ACT374

メーカー部品番号データシート部品情報
logo
STMicroelectronics
74ACT374 STMICROELECTRONICS-74ACT374 Datasheet
90Kb / 10P
   OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT NON INVERTING
April 1997
logo
Fairchild Semiconductor
74ACT374 FAIRCHILD-74ACT374 Datasheet
107Kb / 10P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
74ACT374 ONSEMI-74ACT374 Datasheet
115Kb / 10P
   Octal D?뭈ype Flip?묯lop with 3?뭆tate Outputs
November, 2006 ??Rev. 8
logo
STMicroelectronics
74ACT374 STMICROELECTRONICS-74ACT374 Datasheet
237Kb / 11P
   OCTAL D-TYPE FLIP-FLOP WITH 3 STATE OUTPUTS (NON INVERTED)
74ACT374B STMICROELECTRONICS-74ACT374B Datasheet
90Kb / 10P
   OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT NON INVERTING
April 1997
More results

同様の説明 - 74ACT374

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74AC374 FAIRCHILD-74AC374 Datasheet
107Kb / 10P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
NXP Semiconductors
HEF40374B PHILIPS-HEF40374B Datasheet
84Kb / 7P
   Octal D-type flip-flop with 3-state outputs
January 1995
logo
ON Semiconductor
MC74LVX374 ONSEMI-MC74LVX374_11 Datasheet
145Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
May, 2011 ??Rev. 3
logo
Fairchild Semiconductor
74AC574 FAIRCHILD-74AC574 Datasheet
100Kb / 9P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
MC74LVX574 ONSEMI-MC74LVX574_14 Datasheet
117Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
August, 2014 ??Rev. 4
logo
Fairchild Semiconductor
74ABT574CMTCX FAIRCHILD-74ABT574CMTCX Datasheet
123Kb / 10P
   Octal D-Type Flip-Flop with 3-STATE Outputs
74VHC374 FAIRCHILD-74VHC374 Datasheet
209Kb / 9P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
MC74LVX574 ONSEMI-MC74LVX574_11 Datasheet
144Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
May, 2011 ??Rev. 3
logo
Motorola, Inc
MC74AC374 MOTOROLA-MC74AC374 Datasheet
209Kb / 7P
   OCTAL D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74VHCT574A FAIRCHILD-74VHCT574A Datasheet
105Kb / 8P
   Octal D-Type Flip-Flop with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com