データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

393MS8GE データシート(PDF) 2 Page - Hittite Microwave Corporation

部品番号 393MS8GE
部品情報  GaAs MMIC DPDT DIVERSITY SWITCH, 5.0 - 6.0 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HITTITE [Hittite Microwave Corporation]
ホームページ  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

393MS8GE データシート(HTML) 2 Page - Hittite Microwave Corporation

  393MS8GE Datasheet HTML 1Page - Hittite Microwave Corporation 393MS8GE Datasheet HTML 2Page - Hittite Microwave Corporation 393MS8GE Datasheet HTML 3Page - Hittite Microwave Corporation 393MS8GE Datasheet HTML 4Page - Hittite Microwave Corporation 393MS8GE Datasheet HTML 5Page - Hittite Microwave Corporation 393MS8GE Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
9
9 - 245
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Return Loss, ANT1 & ANT2
Insertion Loss
Isolation, Tx & Rx
Return Loss, Tx & Rx
Isolation, ANT1 & ANT2
Insertion Loss vs. Temperature
HMC393MS8G / 393MS8GE
GaAs MMIC DPDT DIVERSITY
SWITCH, 5.0 - 6.0 GHz
v04.0607
-3
-2.5
-2
-1.5
-1
-0.5
0
4
4.5
5
5.5
6
6.5
7
ANT1-Tx State 1
ANT1-Rx State 2
ANT2-Tx State 3
ANT2-Rx State 4
FREQUENCY (GHz)
-35
-30
-25
-20
-15
-10
-5
0
4
4.5
5
5.5
6
6.5
7
Tx State 1
Tx State 3
Rx State 2
Rx State 4
FREQUENCY (GHz)
-35
-30
-25
-20
-15
-10
-5
0
4
4.5
5
5.5
6
6.5
7
ANT1 State 1
ANT1 State 2
ANT2 State 3
ANT2 State 4
FREQUENCY (GHz)
-40
-35
-30
-25
-20
-15
-10
-5
0
4
4.5
5
5.5
6
6.5
7
State 1
State 2
State 3
State 4
FREQUENCY (GHz)
-40
-35
-30
-25
-20
-15
-10
-5
0
4
4.5
5
5.5
6
6.5
7
State 1
State 2
State 3
State 4
FREQUENCY (GHz)
-3
-2.5
-2
-1.5
-1
-0.5
0
4
4.5
5
5.5
6
6.5
7
+25C
+85C
-40C
FREQUENCY (GHz)


同様の部品番号 - 393MS8GE

メーカー部品番号データシート部品情報
logo
Hittite Microwave Corpo...
393MS8GE HITTITE-393MS8GE Datasheet
234Kb / 6P
   GaAs MMIC DPDT DIVERSITY SWITCH, 5 - 6 GHz
More results

同様の説明 - 393MS8GE

メーカー部品番号データシート部品情報
logo
Hittite Microwave Corpo...
HMC393MS8G HITTITE-HMC393MS8G Datasheet
258Kb / 6P
   GaAs MMIC DPDT DIVERSITY SWITCH, 5.0 - 6.0 GHz
logo
Tyco Electronics
MASWSS0175 MACOM-MASWSS0175 Datasheet
192Kb / 4P
   GaAs DPDT Diversity Switch 4.5 - 6.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0175 MA-COM-MASWSS0175 Datasheet
87Kb / 4P
   GaAs DPDT Diversity Switch DC - 6.0 GHz
logo
Tyco Electronics
MASWSS0039 MACOM-MASWSS0039 Datasheet
143Kb / 4P
   GaAs DPDT Diversity Switch 4.5 - 6.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0039 MA-COM-MASWSS0039 Datasheet
108Kb / 4P
   GaAs DPDT Diversity Switch 4.5 - 6.0 GHz
MASWSS0175-V1-NOV09 MA-COM-MASWSS0175-V1-NOV09 Datasheet
105Kb / 4P
   GaAs DPDT Diversity Switch 4.5 - 6.0 GHz
MASWSS0190 MA-COM-MASWSS0190 Datasheet
120Kb / 4P
   GaAs Broadband DPDT Diversity Switch 2.0 - 6.0 GHz
logo
Tyco Electronics
MASWSS0129 MACOM-MASWSS0129 Datasheet
125Kb / 4P
   GaAs Broadband DPDT Diversity Switch DC - 6.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0107 MA-COM-MASWSS0107_15 Datasheet
553Kb / 5P
   GaAs Broadband DPDT Diversity Switch 1.0 - 6.0 GHz
MASWSS0190 MA-COM-MASWSS0190 Datasheet
120Kb / 4P
   GaAs Broadband DPDT Diversity Switch 2.0 - 6.0 GHz
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com