データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM4004 データシート(PDF) 2 Page - DAESAN ELECTRONIC CORP.

部品番号 SM4004
部品情報  CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DAESAN [DAESAN ELECTRONIC CORP.]
ホームページ  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

SM4004 データシート(HTML) 2 Page - DAESAN ELECTRONIC CORP.

  SM4004 Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. SM4004 Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES SM4001 THRU SM4007
FIG.1-FORWARD CURRENT DERATING CURVE
100
0
25
175
150
125
75
50
LEAD TEMPERATURE (
℃)
SINGLE PHASE HALF WAVE 60Hz
RESISTIVE OR INDUCTIVE LOAD
0.8
0
0.2
0.6
0.4
1.0
FIG.3-MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
10
1
100
NUMBER OF CYCLES AT 60Hz
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
40
0
30
50
20
10
FIG.5-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE.VOLTS
10
1
100
0.1
TJ=25
1
10
100
FIG.2-TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
1.4
0.6
0.8
1.5
1.2
1.0
20
0.01
0.1
10
1
INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
TJ=25
PULSE WIDTH=300
mS
1% DUTY CYCLE
FIG.4-TYPICAL REVERSE CHARACTERISTICS
0.01
0.1
10
1.0
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
100
0
20
140
120
80
60
40
TJ=25
TJ=100


同様の部品番号 - SM4004

メーカー部品番号データシート部品情報
logo
Rectron Semiconductor
SM4004 RECTRON-SM4004 Datasheet
21Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
logo
UNIOHM CORPORATION
SM4004 UNIOHM-SM4004 Datasheet
63Kb / 2P
   1.0 AMP SURFACE MOUNT SILICON RECTIFIERS
logo
Diotec Semiconductor
SM4004 DIOTEC-SM4004 Datasheet
153Kb / 2P
   Standard Recovery SMD Rectifier Diodes
logo
Bytes
SM4004 BYTES-SM4004 Datasheet
149Kb / 2P
   1.0 AMP SURFACE MOUNT SILICON RECTIFIERS
logo
MIC GROUP RECTIFIERS
SM4004 MIC-SM4004 Datasheet
50Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED RECTIFIER
More results

同様の説明 - SM4004

メーカー部品番号データシート部品情報
logo
DAESAN ELECTRONIC CORP.
RL101FG DAESAN-RL101FG Datasheet
316Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
1N4001A DAESAN-1N4001A Datasheet
304Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
1F1G DAESAN-1F1G Datasheet
313Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
1N4001 DAESAN-1N4001 Datasheet
210Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
1N4001S DAESAN-1N4001S Datasheet
206Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
logo
List of Unclassifed Man...
1N4001 ETC-1N4001 Datasheet
35Kb / 1P
   VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere
UF400X ETC1-UF400X Datasheet
206Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
logo
DAESAN ELECTRONIC CORP.
1H1 DAESAN-1H1 Datasheet
281Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
FR101 DAESAN-FR101 Datasheet
280Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
HER101G DAESAN-HER101G Datasheet
284Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com