データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMBJ28A データシート(PDF) 3 Page - DAESAN ELECTRONIC CORP.

部品番号 SMBJ28A
部品情報  POWER 600Watts VOLTAGE 5.0 to 188 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DAESAN [DAESAN ELECTRONIC CORP.]
ホームページ  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

SMBJ28A データシート(HTML) 3 Page - DAESAN ELECTRONIC CORP.

  SMBJ28A Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. SMBJ28A Datasheet HTML 2Page - DAESAN ELECTRONIC CORP. SMBJ28A Datasheet HTML 3Page - DAESAN ELECTRONIC CORP. SMBJ28A Datasheet HTML 4Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ELECTRICAL CHARACTERISTIC
Ratings at 25℃ ambient temperature unless otherwise specified. VF=3.5V at IF=50A (uni-directional only)
Device
Breakdown Voltage
Maximum
Maximum
Maximum
Device Type
Marking
V(BR) at I T (1)
Test
Stand-off
Reverse Leakage Peak Pulse Surge
Clamping
Code
(V)
Current
Voltage
at VWM
Current IPPM
Voltage at IPPM
UNI
BI
Min
Max
IT (mA)
VWM (V)
ID (μA) (3)
(A)(2)
VC (V)
S MB J 33(C )
ML
C L
36.7
44.9
1.0
33
1.0
10.2
59.0
S MB J 33(C )A
MM
C M
36.7
40.6
1.0
33
1.0
11.3
53.3
S MB J 36(C )
MN
C N
40.0
48.9
1.0
36
1.0
9.3
64.3
S MB J 36(C )A
MP
C P
40.0
44.2
1.0
36
1.0
10.3
58.1
S MB J 40(C )
MQ
C Q
44.4
54.3
1.0
40
1.0
8.4
71.4
S MB J 40(C )A
MR
C R
44.4
49.1
1.0
40
1.0
9.3
64.5
S MB J 43(C )
MS
C S
47.8
58.4
1.0
43
1.0
7.8
76.7
S MB J 43(C )A
MT
C T
47.8
52.8
1.0
43
1.0
8.6
69.4
S MB J 45(C )
MU
MU
50.0
61.1
1.0
45
1.0
7.5
80.3
S MB J 45(C )A
MV
MV
50.0
55.3
1.0
45
1.0
8.3
72.7
S MB J 48(C )
MW
MW
53.3
65.1
1.0
48
1.0
7.0
85.5
S MB J 48(C )A
MX
MX
53.3
58.9
1.0
48
1.0
7.8
77.4
S MB J 51(C )
MY
MY
56.7
69.3
1.0
51
1.0
6.6
91.1
S MB J 51(C )A
MZ
MZ
56.7
62.7
1.0
51
1.0
7.3
82.4
S MB J 54(C )
ND
ND
60.0
73.3
1.0
54
1.0
6.2
96.3
S MB J 54(C )A
NE
NE
60.0
66.3
1.0
54
1.0
6.9
87.1
S MB J 58(C )
NF
NF
64.4
78.7
1.0
58
1.0
5.8
103
S MB J 58(C )A
NG
NG
64.4
71.2
1.0
58
1.0
6.4
93.6
S MB J 60(C )
NH
NH
66.7
81.5
1.0
60
1.0
5.6
107
S MB J 60(C )A
NK
NK
66.7
73.7
1.0
60
1.0
6.2
96.8
S MB J 64(C )
NL
NL
71.1
86.9
1.0
64
1.0
5.3
114
S MB J 64(C )A
NM
NM
71.1
78.6
1.0
64
1.0
5.8
103
S MB J 70(C )
NN
NN
77.8
95.1
1.0
70
1.0
4.8
125
S MB J 70(C )A
NP
NP
77.8
86.0
1.0
70
1.0
5.3
113
S MB J 75(C )
NQ
NQ
83.3
102
1.0
75
1.0
4.5
134
S MB J 75(C )A
NR
NR
83.3
92.1
1.0
75
1.0
5.0
121
S MB J 78(C )
NS
NS
86.7
106
1.0
78
1.0
4.3
139
S MB J 78(C )A
NT
NT
86.7
95.8
1.0
78
1.0
4.8
126
S MB J 85(C )
NU
NU
94.4
115
1.0
85
1.0
4.0
151
S MB J 85(C )A
NV
NV
94.4
104
1.0
85
1.0
4.4
137
S MB J 90(C )
NW
NW
100
122
1.0
90
1.0
3.8
160
S MB J 90(C )A
NX
NX
100
111
1.0
90
1.0
4.1
146
S MB J 100(C )
NY
NY
111
136
1.0
100
1.0
3.4
179
S MB J 100(C )A
NZ
NZ
111
123
1.0
100
1.0
3.7
162
S MB J 110(C )
P D
P D
122
149
1.0
110
1.0
3.1
196
S MB J 110(C )A
P E
P E
122
135
1.0
110
1.0
3.4
177
S MB J 120(C )
P F
P F
133
163
1.0
120
1.0
2.8
214
S MB J 120(C )A
P G
P G
133
147
1.0
120
1.0
3.1
193
S MB J 130(C )
P H
P H
144
176
1.0
130
1.0
2.6
231
S MB J 130(C )A
P K
P K
144
159
1.0
130
1.0
2.9
209
S MB J 150(C )
P L
P L
167
204
1.0
150
1.0
2.2
268
S MB J 150(C )A
P M
P M
167
185
1.0
150
1.0
2.5
243
S MB J 160(C )
P N
P N
178
218
1.0
160
1.0
2.1
287
S MB J 160(C )A
P P
P P
178
197
1.0
160
1.0
2.3
259
S MB J 170(C )
P Q
P Q
189
231
1.0
170
1.0
2.0
304
S MB J 170(C )A
P R
P R
189
209
1.0
170
1.0
2.2
275
S MB J 188(C )
P T
P T
209
255
1.0
188
1.0
1.7
344
S MB J 188(C )A
P S
P S
209
231
1.0
188
1.0
2.0
328
Notes : (1) P ulse test: tp = 50ms
(2) S urge current waveform per F ig. 3 and derate per F ig. 2
(3) For bi-directional types having V WM of 10 Volts and less, the ID limit is doubled
(4) All terms and symbols are consistent with ANS I/IE E E C 62.35


同様の部品番号 - SMBJ28A

メーカー部品番号データシート部品情報
logo
Littelfuse
SMBJ28A LITTELFUSE-SMBJ28A Datasheet
144Kb / 5P
   Transient Voltage Suppression Diodes
logo
Vishay Siliconix
SMBJ28A VISHAY-SMBJ28A Datasheet
95Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 10-Dec-12
logo
Jinan Gude Electronic D...
SMBJ28A JGD-SMBJ28A Datasheet
301Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
SMBJ28A SOCAY-SMBJ28A Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Shenzhen Luguang Electr...
SMBJ28A LUGUANG-SMBJ28A Datasheet
2Mb / 4P
   Transient Voltage Suppressors
More results

同様の説明 - SMBJ28A

メーカー部品番号データシート部品情報
logo
DAESAN ELECTRONIC CORP.
SMCJ5.0 DAESAN-SMCJ5.0 Datasheet
709Kb / 4P
   POWER 1500Watts VOLTAGE 5.0 to 188 Volts
SMAJ50 DAESAN-SMAJ50 Datasheet
369Kb / 4P
   POWER 400WATTS VOLTAGE 5.0 TO 188 VOLTS
P6KE6.8 DAESAN-P6KE6.8 Datasheet
748Kb / 5P
   POWER 600Watts VOLTAGE 6.8 to 440 Volts
logo
Zibo Seno Electronic En...
SMBJ ZSELEC-SMBJ Datasheet
134Kb / 5P
   5.0 to 440Volts 600Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
logo
Yea Shin Technology Co....
P4SMFJ5.0 YEASHIN-P4SMFJ5.0 Datasheet
1,002Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 to 188 Volts 400 Watt Peak Power Pulse
logo
DONGGUAN YOU FENG WEI E...
P6KE6.8-DO15 YFWDIODE-P6KE6.8-DO15 Datasheet
544Kb / 4P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 440 VOLTS
logo
Nanjing International G...
P6KE6.8 DGNJDZ-P6KE6.8 Datasheet
83Kb / 4P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 440 VOLTS
logo
Micro Commercial Compon...
P6KE68 MCC-P6KE68_09 Datasheet
208Kb / 5P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 540 VOLTS
P6KE68 MCC-P6KE68 Datasheet
111Kb / 4P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 440 VOLTS
logo
DONGGUAN YOU FENG WEI E...
P6KE6.8 YFWDIODE-P6KE6.8 Datasheet
83Kb / 4P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 440 VOLTS
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com