データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STGDL6NC60D データシート(PDF) 5 Page - STMicroelectronics

部品番号 STGDL6NC60D
部品情報  N-channel 600V - 6A - DPAK / D2PAK / TO-220 / TO-220FP Hyper fast IGBT
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGDL6NC60D データシート(HTML) 5 Page - STMicroelectronics

  STGDL6NC60D Datasheet HTML 1Page - STMicroelectronics STGDL6NC60D Datasheet HTML 2Page - STMicroelectronics STGDL6NC60D Datasheet HTML 3Page - STMicroelectronics STGDL6NC60D Datasheet HTML 4Page - STMicroelectronics STGDL6NC60D Datasheet HTML 5Page - STMicroelectronics STGDL6NC60D Datasheet HTML 6Page - STMicroelectronics STGDL6NC60D Datasheet HTML 7Page - STMicroelectronics STGDL6NC60D Datasheet HTML 8Page - STMicroelectronics STGDL6NC60D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
STGBL6NC60D - STGDL6NC60D - STGPL6NC60D - STGFL6NC60D
Electrical characteristics
5/19
Table 6.
Switching on/off (inductive load)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
tr
(di/dt)on
Turn-on delay time
Current rise time
Turn-on current slope
VCC = 390V, IC = 3A
RG= 10Ω, VGE = 15V,
Tj = 25°C (see Figure 18)
6.7
3.7
930
ns
ns
A/µs
td(on)
tr
(di/dt)on
Turn-on delay time
Current rise time
Turn-on current slope
VCC = 390V, IC = 3A
RG = 10Ω, VGE = 15V,
Tj =125°C (see Figure 18)
6.5
4
820
ns
ns
A/µs
tr(Voff)
td(off)
tf
Off voltage rise time
Turn-off delay time
Current fall time
VCC = 390V, IC = 3A,
RGE = 10Ω, VGE = 15V,
TJ = 25°C (see Figure 18)
17
46
47
ns
ns
ns
tr(Voff)
td(off)
tf
Off voltage rise time
Turn-off delay time
Current fall time
VCC = 390V, IC = 3A,
RGE = 10Ω, VGE =15V,
Tj = 125°C (see Figure 18)
35
67
55
ns
ns
ns
Table 7.
Switching energy (inductive load)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Eon
(1)
Eoff
(2)
Ets
1.
Eon is the turn-on losses when a typical diode is used in the test circuit in (see Figure 19). If the IGBT is
offered in a package with a co-pak diode, the co-pack diode is used as external diode. IGBTs & Diode are
at the same temperature (25°C and 125°C)
2.
Turn-off losses include also the tail of the collector current
Turn-on switching losses
Turn-off switching losses
Total switching losses
VCC = 390V, IC = 3A
RG =10Ω, VGE=15V,
Tj =25°C (see Figure 18)
46.5
23.5
70
µJ
µJ
µJ
Eon
(1)
Eoff
(2)
Ets
Turn-on switching losses
Turn-off switching losses
Total switching losses
VCC = 390V, IC = 3A
RG =10Ω, VGE = 15V,
Tj = 125°C (see Figure 18)
67.5
46
113.5
µJ
µJ
µJ


同様の部品番号 - STGDL6NC60D

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STGDL6NC60D STMICROELECTRONICS-STGDL6NC60D Datasheet
523Kb / 19P
   600 V - 6 A hyper fast IGBT
STGDL6NC60DI STMICROELECTRONICS-STGDL6NC60DI Datasheet
645Kb / 18P
   6 A, 600 V hyper fast IGBT
STGDL6NC60DIT4 STMICROELECTRONICS-STGDL6NC60DIT4 Datasheet
645Kb / 18P
   6 A, 600 V hyper fast IGBT
More results

同様の説明 - STGDL6NC60D

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STGP3NB60F STMICROELECTRONICS-STGP3NB60F Datasheet
732Kb / 14P
   N-CHANNEL 3A - 600V - TO-220/TO-220FP/DPAK/D2PAK PowerMESH??IGBT
STGB10NC60HD_0710 STMICROELECTRONICS-STGB10NC60HD_0710 Datasheet
410Kb / 17P
   N-channel 600V - 10A - TO-220 - D2PAK - TO-220FP very fast PowerMESH IGBT
STGP7NC60HD STMICROELECTRONICS-STGP7NC60HD Datasheet
430Kb / 15P
   N-CHANNEL 14A - 600V - TO-220/TO-220FP/DPAK Very Fast PowerMESH IGBT
June 2005 Rev.9
STGB3NB60KD STMICROELECTRONICS-STGB3NB60KD Datasheet
326Kb / 12P
   N-CHANNEL 6A - 600V - TO-220/TO-220FP/D2PAK SHORT CIRCUIT PROOF PowerMESH TM IGBT
STGB6NC60HD STMICROELECTRONICS-STGB6NC60HD Datasheet
406Kb / 17P
   N-channel 600V - 7A - D2PAK / TO-220 / TO-220FP Very fast PowerMESH TM IGBT
STGB6NC60HD STMICROELECTRONICS-STGB6NC60HD_07 Datasheet
424Kb / 18P
   N-channel 600V - 7A - I2PAK / D2PAK / TO-220 / TO-220FP Very fast PowerMESH??IGBT
STGP10NB60S STMICROELECTRONICS-STGP10NB60S_05 Datasheet
387Kb / 13P
   N-CHANNEL 10A - 600V - TO-220/TO-220FP/D2PAK PowerMESH TM IGBT
STGB3NB60HD STMICROELECTRONICS-STGB3NB60HD_03 Datasheet
586Kb / 12P
   N-CHANNEL 3A - 600V - TO-220/TO-220FP/D2PAK PowerMESH TM IGBT
STGP7NB60K STMICROELECTRONICS-STGP7NB60K Datasheet
710Kb / 14P
   N-CHANNEL 7A - 600V - TO-220/FP/DPAK/D2PAK PowerMESH??IGBT
STGP3NB60K STMICROELECTRONICS-STGP3NB60K Datasheet
293Kb / 11P
   N-CHANNEL 3A - 600V - TO-220/DPAK/D2PAK PowerMES TM IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com