データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BTB04-700T データシート(PDF) 5 Page - STMicroelectronics

部品番号 BTB04-700T
部品情報  SENSITIVE GATE TRIACS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTB04-700T データシート(HTML) 5 Page - STMicroelectronics

  BTB04-700T Datasheet HTML 1Page - STMicroelectronics BTB04-700T Datasheet HTML 2Page - STMicroelectronics BTB04-700T Datasheet HTML 3Page - STMicroelectronics BTB04-700T Datasheet HTML 4Page - STMicroelectronics BTB04-700T Datasheet HTML 5Page - STMicroelectronics BTB04-700T Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
BTA04 T/D/S/A
BTB04 T/D/S/A
5/6
Fig. 9: On-state characteristics (maximum values).
Fig. 7: Non repetitive surge peak on-state current
versus number of cycles.
Fig. 8: Non repetitive surge peak on-state current
for a sinusoidal pulse with width: t
≤ 10ms, and cor-
responding value of I
2t.


同様の部品番号 - BTB04-700T

メーカー部品番号データシート部品情報
logo
Shenzhen Luguang Electr...
BTB04-700T LUGUANG-BTB04-700T Datasheet
717Kb / 5P
   SENSITIVE GATE TRIACS
More results

同様の説明 - BTB04-700T

メーカー部品番号データシート部品情報
logo
Tiger Electronic Co.,Lt...
T1635-600G TGS-T1635-600G Datasheet
71Kb / 1P
   Triacs sensitive gate
T2535-600G TGS-T2535-600G Datasheet
71Kb / 1P
   Triacs sensitive gate
logo
Shenzhen Luguang Electr...
BT137-600E LUGUANG-BT137-600E Datasheet
319Kb / 5P
   Sensitive Gate Triacs
logo
Tiger Electronic Co.,Lt...
BT137-600 TGS-BT137-600 Datasheet
90Kb / 1P
   Triacs sensitive gate
BT152-500 TGS-BT152-500 Datasheet
76Kb / 1P
   Triacs sensitive gate
BT137X-600F TGS-BT137X-600F Datasheet
128Kb / 1P
   Triacs sensitive gate
logo
Unisonic Technologies
BTB04 UTC-BTB04 Datasheet
166Kb / 4P
   SENSITIVE GATE TRIACS
BTB04A UTC-BTB04A Datasheet
143Kb / 3P
   SENSITIVE GATE TRIACS
logo
Kersemi Electronic Co.,...
BTB08-700BW KERSEMI-BTB08-700BW Datasheet
817Kb / 4P
   SENSITIVE GATE TRIACS
logo
NXP Semiconductors
BT138B PHILIPS-BT138B Datasheet
51Kb / 6P
   Triacs sensitive gate
October 1997 Rev 1.200
logo
STMicroelectronics
BTA08A STMICROELECTRONICS-BTA08A Datasheet
186Kb / 4P
   SENSITIVE GATE TRIACS
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com