データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD9238BST-65 データシート(PDF) 11 Page - Analog Devices

部品番号 AD9238BST-65
部品情報  12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD9238BST-65 データシート(HTML) 11 Page - Analog Devices

Back Button AD9238BST-65 Datasheet HTML 7Page - Analog Devices AD9238BST-65 Datasheet HTML 8Page - Analog Devices AD9238BST-65 Datasheet HTML 9Page - Analog Devices AD9238BST-65 Datasheet HTML 10Page - Analog Devices AD9238BST-65 Datasheet HTML 11Page - Analog Devices AD9238BST-65 Datasheet HTML 12Page - Analog Devices AD9238BST-65 Datasheet HTML 13Page - Analog Devices AD9238BST-65 Datasheet HTML 14Page - Analog Devices AD9238BST-65 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
AD9238
Rev. B | Page 11 of 48
TYPICAL PERFORMANCE CHARACTERISTICS
AVDD, DRVDD = 3.0 V, T = 25°C, AIN differential drive, full scale = 2 V, unless otherwise noted.
–120
10
15
20
25
30
5
0
–100
–80
–60
–40
–20
0
SECOND
HARMONIC
FREQUENCY (MHz)
CROSSTALK
THIRD
HARMONIC
Figure 4. Single-Tone FFT of Channel A Digitizing fIN = 12.5 MHz
While Channel B Is Digitizing fIN = 10 MHz
–120
10
15
20
25
30
5
0
–100
–80
–60
–40
–20
0
FREQUENCY (MHz)
CROSSTALK
SECOND
HARMONIC
Figure 5. Single-Tone FFT of Channel A Digitizing fIN = 70 MHz
While Channel B Is Digitizing fIN = 76 MHz
–120
10
15
20
25
30
5
0
–100
–80
–60
–40
–20
0
SECOND
HARMONIC
FREQUENCY (MHz)
CROSSTALK
Figure 6. Single-Tone FFT of Channel A Digitizing fIN = 120 MHz
While Channel B is Digitizing fIN = 126 MHz
ADC SAMPLE RATE (MSPS)
90
55
40
85
80
75
70
65
60
45
50
55
60
65
95
100
SNR
SFDR
50
Figure 7. AD9238-65 Single-Tone SNR/SFDR vs. FS with fIN = 32.5 MHz
ADC SAMPLE RATE (MSPS)
90
55
40
85
80
75
70
65
60
95
100
SNR
SFDR
50
35
30
25
20
SNR
SNR
Figure 8. AD9238-40 Single-Tone SNR/SFDR vs. FS with fIN = 20 MHz
ADC SAMPLE RATE (MSPS)
90
55
85
80
75
70
65
60
95
100
50
0
510
15
20
SFDR
SNR
Figure 9. AD9238-20 Single-Tone SNR/SFDR vs. FS with fIN = 10 MHz


同様の部品番号 - AD9238BST-65

メーカー部品番号データシート部品情報
logo
Analog Devices
AD9238BST-65 AD-AD9238BST-65 Datasheet
1Mb / 24P
   12-Bit, 20/40/65 MSPS Dual A/D Converter
REV. A
AD9238BST-65 AD-AD9238BST-65 Datasheet
1Mb / 49P
   Dual A/D Converter
AD9238BST-65PCB AD-AD9238BST-65PCB Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
More results

同様の説明 - AD9238BST-65

メーカー部品番号データシート部品情報
logo
Analog Devices
AD9238 AD-AD9238_15 Datasheet
1Mb / 48P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. C
AD9248BSTZ-65 AD-AD9248BSTZ-65 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9248 AD-AD9248_15 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9248BSTZ-40 AD-AD9248BSTZ-40 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9248BSTZ-20 AD-AD9248BSTZ-20 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9238 AD-AD9238 Datasheet
1Mb / 24P
   12-Bit, 20/40/65 MSPS Dual A/D Converter
REV. A
AD9237 AD-AD9237 Datasheet
1,005Kb / 28P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS 3 V Low Power A/D Converter
REV. 0
AD9237 AD-AD9237_15 Datasheet
570Kb / 24P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS 3 V Low Power A/D Converter
REV. C
AD9245 AD-AD9245_15 Datasheet
810Kb / 32P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 3 V A/D Converter
Rev. E
AD9244 AD-AD9244_15 Datasheet
1Mb / 36P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com