データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD9238BCPZ-40 データシート(PDF) 9 Page - Analog Devices

部品番号 AD9238BCPZ-40
部品情報  12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD9238BCPZ-40 データシート(HTML) 9 Page - Analog Devices

Back Button AD9238BCPZ-40 Datasheet HTML 5Page - Analog Devices AD9238BCPZ-40 Datasheet HTML 6Page - Analog Devices AD9238BCPZ-40 Datasheet HTML 7Page - Analog Devices AD9238BCPZ-40 Datasheet HTML 8Page - Analog Devices AD9238BCPZ-40 Datasheet HTML 9Page - Analog Devices AD9238BCPZ-40 Datasheet HTML 10Page - Analog Devices AD9238BCPZ-40 Datasheet HTML 11Page - Analog Devices AD9238BCPZ-40 Datasheet HTML 12Page - Analog Devices AD9238BCPZ-40 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
AD9238
Rev. B | Page 9 of 48
Table 6. Pin Function Descriptions (64-Lead LQFP and 64-Lead LFCSP)
Pin No.
Mnemonic
Description
1, 4, 13, 16
AGND
Analog Ground.
2
VIN+_A
Analog Input Pin (+) for Channel A.
3
VIN–_A
Analog Input Pin (−) for Channel A.
5, 12, 17, 64
AVDD
Analog Power Supply.
6
REFT_A
Differential Reference (+) for Channel A.
7
REFB_A
Differential Reference (−) for Channel A.
8
VREF
Voltage Reference Input/Output.
9
SENSE
Reference Mode Selection.
10
REFB_B
Differential Reference (−) for Channel B.
11
REFT_B
Differential Reference (+) for Channel B.
14
VIN−_B
Analog Input Pin (−) for Channel B.
15
VIN+_B
Analog Input Pin (+) for Channel B.
18
CLK_B
Clock Input Pin for Channel B.
19
DCS
Enable Duty Cycle Stabilizer (DCS) Mode (Tie High to Enable).
20
DFS
Data Output Format Select Bit (Low for Offset Binary, High for Twos Complement).
21
PDWN_B
Power-Down Function Selection for Channel B:
Logic 0 enables Channel B.
Logic 1 powers down Channel B. (Outputs static, not High-Z.)
22
OEB_B
Output Enable Bit for Channel B:
Logic 0 enables Data Bus B.
Logic 1 sets outputs to High-Z.
23, 24, 42, 43
DNC
Do Not Connect Pins. Should be left floating.
25 to 27,
30 to 38
D0_B (LSB) to
D11_B (MSB)
Channel B Data Output Bits.
28, 40, 53
DRGND
Digital Output Ground.
29, 41, 52
DRVDD
Digital Output Driver Supply. Must be decoupled to DRGND with a minimum 0.1 µF capacitor.
Recommended decoupling is 0.1 µF capacitor in parallel with 10 µF.
39
OTR_B
Out-of-Range Indicator for Channel B.
44 to 51,
54 to 57
D0_A (LSB) to
D11_A (MSB)
Channel A Data Output Bits.
58
OTR_A
Out-of-Range Indicator for Channel A.
59
OEB_A
Output Enable Bit for Channel A:
Logic 0 enables Data Bus A.
Logic 1 sets outputs to High-Z.
60
PDWN_A
Power-Down Function Selection for Channel A:
Logic 0 enables Channel A.
Logic 1 powers down Channel A. (Outputs static, not High-Z.)
61
MUX_SELECT
Data Multiplexed Mode.
(See Data Format section for how to enable; high setting disables output data multiplexed mode).
62
SHARED_REF
Shared Reference Control Bit (Low for Independent Reference Mode, High for Shared Reference Mode).
63
CLK_A
Clock Input Pin for Channel A.


同様の部品番号 - AD9238BCPZ-40

メーカー部品番号データシート部品情報
logo
Analog Devices
AD9238BCPZ-40 AD-AD9238BCPZ-40 Datasheet
1Mb / 49P
   Dual A/D Converter
More results

同様の説明 - AD9238BCPZ-40

メーカー部品番号データシート部品情報
logo
Analog Devices
AD9238 AD-AD9238_15 Datasheet
1Mb / 48P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. C
AD9248BSTZ-65 AD-AD9248BSTZ-65 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9248 AD-AD9248_15 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9248BSTZ-40 AD-AD9248BSTZ-40 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9248BSTZ-20 AD-AD9248BSTZ-20 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9238 AD-AD9238 Datasheet
1Mb / 24P
   12-Bit, 20/40/65 MSPS Dual A/D Converter
REV. A
AD9237 AD-AD9237 Datasheet
1,005Kb / 28P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS 3 V Low Power A/D Converter
REV. 0
AD9237 AD-AD9237_15 Datasheet
570Kb / 24P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS 3 V Low Power A/D Converter
REV. C
AD9245 AD-AD9245_15 Datasheet
810Kb / 32P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 3 V A/D Converter
Rev. E
AD9244 AD-AD9244_15 Datasheet
1Mb / 36P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com