データシートサーチシステム |
|
CD54HC192F3A データシート(PDF) 7 Page - Texas Instruments |
|
|
CD54HC192F3A データシート(HTML) 7 Page - Texas Instruments |
7 / 18 page 7 CPD to Qn tPLH, tPHL CL = 50pF 2 - - 220 - 270 - 325 ns CL = 50pF 4.5 - - 43 - 54 - 65 ns CL = 15pF 5 - 18 - - - - ns CL = 50pF 6 - - 37 - 46 - 55 ns PL to Qn tPLH, tPHL CL = 50pF 2 - - 220 - 275 - 330 ns CL = 50pF 4.5 - - 44 - 55 - 66 ns CL = 15pF 5 - 18 - ---- ns CL = 50pF 6 - - 37 - 47 - 56 ns MR to Qn tPHL CL = 50pF 2 - - 200 - 250 - 300 ns CL = 50pF 4.5 - - 40 - 50 - 60 ns CL = 15pF 5 - 17 - ---- ns CL = 50pF 6 - - 34 - 43 - 51 ns Transition Time tTLH, tTHL CL = 50pF 2 - - 75 - 95 - 110 ns Q, TCU, TCD 4.5 - - 15 - 19 - 22 ns 6 - - 13 - 16 - 19 ns Input Capacitance CIN CL = 50pF - - - 10 - 10 - 10 pF Power Dissipation Capacitance (Notes 3, 4) CPD CL = 15pF 5 - 40 - ---- pF HCT TYPES Propagation Delay tPLH, tPHL CL = 50pF 4.5 - - 27 - 34 - 41 ns CPU to TCU CL = 15pF 5 - 11 - ---- ns CPU to TCD tPLH, tPHL CL = 50pF 4.5 - - 27 - 34 - 41 ns CL = 15pF 5 - 11 - ---- ns CPU to Qn tPLH, tPHL CL = 50pF 4.5 - - 40 - 50 - 60 ns CL = 15pF 5 - 17 - ---- ns CPD to Qn tPLH, tPHL CL = 50pF 4.5 - - 40 - 50 - 60 ns CL = 15pF 5 - 17 - ---- ns PL to Qn tPLH, tPHL CL = 50pF 4.5 - - 46 - 58 - 69 ns CL = 15pF 5 - 21 - ---- ns MR to Qn tPHL CL = 50pF 4.5 - - 43 - 54 - 65 ns CL = 15pF 5 - 18 - ---- ns Transition Time tTLH, tTHL CL = 50pF Q, TCU, TCD 4.5 - - 15 - 19 - 22 ns Input Capacitance CIN CL = 50pF - - - 10 - 10 - 10 pF Power Dissipation Capacitance (Notes 3, 4) CPD CL = 15pF 5 - 50 - ---- pF NOTES: 3. CPD is used to determine the dynamic power consumption, per gate. 4. PD = VCC 2 f i + ∑ (CL VCC 2) where f i = Input Frequency, CL = Output Load Capacitance, VCC = Supply Voltage. Switching Specifications Input tr, tf = 6ns (Continued) PARAMETER SYMBOL TEST CONDITIONS VCC (V) 25oC -40oC TO 85oC -55oC TO 125oC UNITS MIN TYP MAX MIN MAX MIN MAX CD54/74HC192, CD54/74HC193, CD54/74HCT193 |
同様の部品番号 - CD54HC192F3A |
|
同様の説明 - CD54HC192F3A |