データシートサーチシステム |
|
TMP320C6411GLZ5E0 データシート(PDF) 10 Page - Texas Instruments |
|
TMP320C6411GLZ5E0 データシート(HTML) 10 Page - Texas Instruments |
10 / 139 page TMS320C6414, TMS320C6415, TMS320C6416 FIXEDPOINT DIGITAL SIGNAL PROCESSORS SPRS146L − FEBRUARY 2001 − REVISED JULY 2004 10 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251−1443 functional block and CPU (DSP core) diagram EMIF B 16 64 Test C64x DSP Core Data Path B B Register File B31−B16 B15−B0 Instruction Fetch Instruction Dispatch Advanced Instruction Packet Instruction Decode Data Path A A Register File A31−A16 A15−A0 Power-Down Logic .L1 .S1 .M1 .D1 .D2 .M2 .S2 .L2 SDRAM FIFO SBSRAM SRAM L1P Cache Direct-Mapped 16K Bytes Total Control Registers Control Logic L1D Cache 2-Way Set-Associative 16K Bytes Total Advanced In-Circuit Emulation Interrupt Control McBSPs: Framing Chips: H.100, MVIP, SCSA, T1, E1 AC97 Devices, SPI Devices, Codecs C64x Digital Signal Processor Enhanced DMA Controller (64-channel) 32 L2 Memory 1024K Bytes PLL (x1, x6, x12) Timer 2 EMIF A McBSP1‡ McBSP0 HPI‡ ZBT SRAM Timer 1 Timer 0 McBSP2 Boot Configuration Interrupt Selector 16 ROM/FLASH I/O Devices PCI‡ or GPIO[8:0] UTOPIA‡ or GPIO[15:9]‡ UTOPIA: Up to 400 Mbps Master ATMC † VCP and TCP decoder coprocessors are applicable to the C6416 device only. ‡ For the C6415 and C6416 devices, the UTOPIA peripheral is muxed with McBSP1, and the PCI peripheral is muxed with the HPI peripheral and the GPIO[15:9] port. For more details on the multiplexed pins of these peripherals, see the Device Configurations section of this data sheet. VCP† TCP† |
同様の部品番号 - TMP320C6411GLZ5E0 |
|
同様の説明 - TMP320C6411GLZ5E0 |