データシートサーチシステム |
|
L7920CV データシート(PDF) 7 Page - STMicroelectronics |
|
L7920CV データシート(HTML) 7 Page - STMicroelectronics |
7 / 24 page L79xxC Electrical characteristics 7/24 5 Electrical characteristics Table 4. Electrical characteristics of L7905C (refer to the test circuits, TJ = 0 to 125 °C, VI = -10 V, IO = 500 mA, CI = 2.2 µF, CO = 1 µF unless otherwise specified) Symbol Parameter Test conditions Min. Typ. Max. Unit VO Output voltage TJ = 25°C -4.8 -5 -5.2 V VO Output voltage IO = -5 mA to -1 A, PO ≤15 W VI = -8 to -20 V -4.75-5-5.25 V ΔVO(1) 1. Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken into account separately. Pulse testing with low duty cycle is used. Line regulation VI = -7 to -25 V, TJ = 25°C 100 mV VI = -8 to -12 V, TJ = 25°C 50 ΔVO(1) Load regulation IO = 5 mA to 1.5 A, TJ = 25°C 100 mV IO = 250 to 750 mA, TJ = 25°C 50 Id Quiescent current TJ = 25°C 3 mA ΔId Quiescent current change IO = 5 mA to 1 A 0.5 mA VI = -8 to -25 V 1.3 ΔVO/ΔT Output voltage drift IO = 5 mA -0.4 mV/°C eN Output noise voltage B = 10Hz to 100kHz, TJ = 25°C 100 µV SVR Supply voltage rejection ΔVI = 10 V, f = 120Hz 54 60 dB Vd Dropout voltage IO = 1 A, TJ = 25°C, ΔVO = 100 mV 1.4 V Isc Short circuit current 2.1 A |
同様の部品番号 - L7920CV |
|
同様の説明 - L7920CV |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |