データシートサーチシステム |
|
TMP320C6414CGLZ5E0 データシート(PDF) 9 Page - Texas Instruments |
|
TMP320C6414CGLZ5E0 データシート(HTML) 9 Page - Texas Instruments |
9 / 139 page TMS320C6414, TMS320C6415, TMS320C6416 FIXEDPOINT DIGITAL SIGNAL PROCESSORS SPRS146L − FEBRUARY 2001 − REVISED JULY 2004 9 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251−1443 device compatibility The C64x generation of devices has a diverse and powerful set of peripherals. The common peripheral set and pin-compatibility that the C6414, C6415, and C6416 devices offer lead to easier system designs and faster time to market. Table 2 identifies the peripherals and coprocessors that are available on the C6414, C6415, and C6416 devices. The C6414, C6415, and C6416 devices are pin-for-pin compatible, provided the following conditions are met: D All devices are using the same peripherals. The C6414 is pin-for-pin compatible with the C6415/C6416 when the PCI and UTOPIA peripherals on the C6415/C6416 are disabled. The C6415 is pin-for-pin compatible with the C6416 when they are in the same peripheral selection mode. [For more information on peripheral selection, see the Device Configurations section of this data sheet.] D The BEA[9:7] pins are properly pulled up/down. [For more details on the device-specific BEA[9:7] pin configurations, see the Terminal Functions table of this data sheet.] Table 2. Peripherals and Coprocessors Available on the C6414, C6415, and C6416 Devices†‡ PERIPHERALS/COPROCESSORS C6414 C6415 C6416 EMIFA (64-bit bus width) √ √ √ EMIFB (16-bit bus width) √ √ √ EDMA (64 independent channels) √ √ √ HPI (32- or 16-bit user selectable) √ √ √ PCI (32-bit) [Specification v2.2] — √ √ McBSPs (McBSP0, McBSP1, McBSP2) √ √ √ UTOPIA (8-bit mode) [Specification v1.0] — √ √ Timers (32-bit) [TIMER0, TIMER1, TIMER2] √ √ √ GPIOs (GP[15:0]) √ √ √ VCP/TCP Coprocessors — — √ † — denotes peripheral/coprocessor is not available on this device. ‡ Not all peripherals pins are available at the same time. (For more details, see the Device Configuration section.) For more detailed information on the device compatibility and similarities/differences among the C6414, C6415, and C6416 devices, see the How To Begin Development Today With the TMS320C6414, TMS320C6415, and TMS320C6416 DSPs application report (literature number SPRA718). |
同様の部品番号 - TMP320C6414CGLZ5E0 |
|
同様の説明 - TMP320C6414CGLZ5E0 |