データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74LV594ADBR データシート(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN74LV594ADBR
部品情報  8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN74LV594ADBR データシート(HTML) 1 Page - Texas Instruments

  SN74LV594ADBR Datasheet HTML 1Page - Texas Instruments SN74LV594ADBR Datasheet HTML 2Page - Texas Instruments SN74LV594ADBR Datasheet HTML 3Page - Texas Instruments SN74LV594ADBR Datasheet HTML 4Page - Texas Instruments SN74LV594ADBR Datasheet HTML 5Page - Texas Instruments SN74LV594ADBR Datasheet HTML 6Page - Texas Instruments SN74LV594ADBR Datasheet HTML 7Page - Texas Instruments SN74LV594ADBR Datasheet HTML 8Page - Texas Instruments SN74LV594ADBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
SN54LV594A, SN74LV594A
8BIT SHIFT REGISTERS
WITH OUTPUT REGISTERS
SCLS413I − APRIL 1998 − REVISED APRIL 2005
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D 2-V to 5.5-V VCC Operation
D Max tpd of 6.5 ns at 5 V
D Typical VOLP (Output Ground Bounce)
<0.8 V at VCC = 3.3 V, TA = 25°C
D Typical VOHV (Output VOH Undershoot)
>2.3 V at VCC = 3.3 V, TA = 25°C
D Support Mixed-Mode Voltage Operation
on All Ports
D 8-Bit Serial-In, Parallel-Out Shift
Registers With Storage
D Independent Direct Overriding Clears
on Shift and Storage Registers
D Independent Clocks for Shift and
Storage Registers
D Latch-Up Performance Exceeds 100 mA
Per JESD 78, Class II
D ESD Protection Exceeds JESD 22
− 2000-V Human-Body Model (A114-A)
− 200-V Machine Model (A115-A)
− 1000-V Charged-Device Model (C101)
description/ordering information
The ’LV594A devices are 8-bit shift registers
designed for 2-V to 5.5-V VCC operation.
These
devices
contain
an
8-bit
serial-in,
parallel-out shift register that feeds an 8-bit D-type
storage register. Separate clocks (RCLK, SRCLK) and direct overriding clear (RCLR, SRCLR) inputs are
provided on the shift and storage registers. A serial output (QH′) is provided for cascading purposes.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
SOIC − D
Tube of 40
SN74LV594AD
LV594A
SOIC − D
Reel of 2500
SN74LV594ADR
LV594A
SOP − NS
Reel of 2000
SN74LV594ANSR
74LV594A
−40
°C to 85°C
SSOP − DB
Reel of 2000
SN74LV594ADBR
LV594A
−40 C to 85 C
Tube of 90
SN74LV594APW
TSSOP − PW
Reel of 2000
SN74LV594APWR
LV594A
TSSOP − PW
Reel of 250
SN74LV594APWT
LV594A
CDIP − J
Tube of 25
SNJ54LV594AJ
SNJ54LV594AJ
−55
°C to 125°C
CFP − W
Tube of 150
SNJ54LV594AW
SNJ54LV594AW
−55 C to 125 C
LCCC − FK
Tube of 55
SNJ54LV594AFK
SNJ54LV594AFK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design
guidelines are available at www.ti.com/sc/package.
UNLESS OTHERWISE NOTED this document contains PRODUCTION
DATA information current as of publication date. Products conform to
specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all
parameters.
Copyright
 2005, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
SN54LV594A ...J OR W PACKAGE
SN74LV594A . . . D, DB, NS, OR PW PACKAGE
(TOP VIEW)
SN54LV594A . . . FK PACKAGE
(TOP VIEW)
NC − No internal connection
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
QB
QC
QD
QE
QF
QG
QH
GND
VCC
QA
SER
RCLR
RCLK
SRCLK
SRCLR
QH′
32 1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
SER
RCLR
NC
RCLK
SRCLK
QD
QE
NC
QF
QG


同様の部品番号 - SN74LV594ADBR

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74LV594ADBR TI-SN74LV594ADBR Datasheet
437Kb / 20P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN74LV594ADBR TI-SN74LV594ADBR Datasheet
639Kb / 20P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN74LV594ADBR TI1-SN74LV594ADBR Datasheet
1Mb / 28P
[Old version datasheet]   8-Bit Shift Registers With Output Registers
SN74LV594ADBR TI-SN74LV594ADBR Datasheet
1Mb / 36P
[Old version datasheet]   SN74LV594A 8-Bit Shift Registers With Output Registers
REVISED DECEMBER 2022
SN74LV594ADBRE4 TI-SN74LV594ADBRE4 Datasheet
437Kb / 20P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
More results

同様の説明 - SN74LV594ADBR

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN54LV594A TI-SN54LV594A_10 Datasheet
639Kb / 20P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54LV594A TI1-SN54LV594A_15 Datasheet
1Mb / 28P
[Old version datasheet]   8-Bit Shift Registers With Output Registers
SN54AHCT594 TI-SN54AHCT594_00 Datasheet
130Kb / 8P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54AHC594 TI1-SN54AHC594_15 Datasheet
1Mb / 27P
[Old version datasheet]   8-Bit Shift Registers With Output Registers
SN54AHCT594 TI-SN54AHCT594_08 Datasheet
701Kb / 19P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54AHCT594 TI-SN54AHCT594 Datasheet
270Kb / 14P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54HC594 TI-SN54HC594 Datasheet
154Kb / 9P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54LV594A TI-SN54LV594A_07 Datasheet
437Kb / 20P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54LV594A TI-SN54LV594A Datasheet
185Kb / 11P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54AHC594 TI-SN54AHC594 Datasheet
443Kb / 17P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com