データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74LV594ANSRE4 データシート(PDF) 8 Page - Texas Instruments

部品番号 SN74LV594ANSRE4
部品情報  8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN74LV594ANSRE4 データシート(HTML) 8 Page - Texas Instruments

Back Button SN74LV594ANSRE4 Datasheet HTML 4Page - Texas Instruments SN74LV594ANSRE4 Datasheet HTML 5Page - Texas Instruments SN74LV594ANSRE4 Datasheet HTML 6Page - Texas Instruments SN74LV594ANSRE4 Datasheet HTML 7Page - Texas Instruments SN74LV594ANSRE4 Datasheet HTML 8Page - Texas Instruments SN74LV594ANSRE4 Datasheet HTML 9Page - Texas Instruments SN74LV594ANSRE4 Datasheet HTML 10Page - Texas Instruments SN74LV594ANSRE4 Datasheet HTML 11Page - Texas Instruments SN74LV594ANSRE4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
SN54LV594A, SN74LV594A
8BIT SHIFT REGISTERS
WITH OUTPUT REGISTERS
SCLS413I − APRIL 1998 − REVISED APRIL 2005
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching
characteristics
over
recommended
operating
free-air
temperature
range,
VCC = 2.5 V ± 0.2 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
SN54LV594A
SN74LV594A
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
LOAD
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
fmax
CL = 15 pF
65*
80*
45*
45
MHz
fmax
CL = 50 pF
60
70
40
40
MHz
tPLH
RCLK
QA−QH
6.4*
10.6*
1*
11.1*
1
11.1
tPHL
RCLK
QA−QH
6.3*
10.4*
1*
11.1*
1
11.1
tPLH
SRCLK
QH
C = 15 pF
7.4*
12.1*
1*
12.8*
1
12.8
ns
tPHL
SRCLK
QH′
CL = 15 pF
7.2*
11.6*
1*
12.8*
1
12.8
ns
tPHL
RCLR
QA−QH
7.9*
12.7*
1*
13.6*
1
13.6
tPHL
SRCLR
QH′
7.4*
11.9*
1*
13.1*
1
13.1
tPLH
RCLK
QA−QH
9.5
14.1
1
14.6
1
14.6
tPHL
RCLK
QA−QH
10.8
15.5
1
17.2
1
17.2
tPLH
SRCLK
QH
CL = 50 pF
10.6
15.7
1
16.5
1
16.5
ns
tPHL
SRCLK
QH′
CL = 50 pF
11.3
16.1
1
18.6
1
18.6
ns
tPHL
RCLR
QA−QH
12.1
17.4
1
19
1
19
tPHL
SRCLR
QH′
11.6
16.5
1
18.6
1
18.6
* On products compliant to MIL-PRF-38535, this parameter is not production tested.
switching
characteristics
over
recommended
operating
free-air
temperature
range,
VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
SN54LV594A
SN74LV594A
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
LOAD
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
fmax
CL = 15 pF
80*
120*
70*
70
MHz
fmax
CL = 50 pF
55
105
50
50
MHz
tPLH
RCLK
QA−QH
4.6*
8*
1*
8.5*
1
8.5
tPHL
RCLK
QA−QH
4.9*
8.2*
1*
8.8*
1
8.8
tPLH
SRCLK
QH
C = 15 pF
5.4*
9.1*
1*
9.7*
1
9.7
ns
tPHL
SRCLK
QH′
CL = 15 pF
5.5*
9.2*
1*
9.9*
1
9.9
ns
tPHL
RCLR
QA−QH
6*
9.8*
1*
10.6*
1
10.6
tPHL
SRCLR
QH′
5.6*
9.2*
1*
10*
1
10
tPLH
RCLK
QA−QH
6.9
10.5
1
11.1
1
11.1
tPHL
RCLK
QA−QH
8.1
11.9
1
13.1
1
13.1
tPLH
SRCLK
QH
CL = 50 pF
7.7
11.7
1
12.4
1
12.4
ns
tPHL
SRCLK
QH′
CL = 50 pF
8.4
12.5
1
13.9
1
13.9
ns
tPHL
RCLR
QA−QH
9.1
13.1
1
14.4
1
14.4
tPHL
SRCLR
QH′
8.5
12.4
1
14
1
14
* On products compliant to MIL-PRF-38535, this parameter is not production tested.
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


同様の部品番号 - SN74LV594ANSRE4

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74LV594ANSRE4 TI-SN74LV594ANSRE4 Datasheet
437Kb / 20P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN74LV594ANSRE4 TI-SN74LV594ANSRE4 Datasheet
639Kb / 20P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
More results

同様の説明 - SN74LV594ANSRE4

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN54LV594A TI-SN54LV594A_10 Datasheet
639Kb / 20P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54LV594A TI1-SN54LV594A_15 Datasheet
1Mb / 28P
[Old version datasheet]   8-Bit Shift Registers With Output Registers
SN54AHCT594 TI-SN54AHCT594_00 Datasheet
130Kb / 8P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54AHC594 TI1-SN54AHC594_15 Datasheet
1Mb / 27P
[Old version datasheet]   8-Bit Shift Registers With Output Registers
SN54AHCT594 TI-SN54AHCT594_08 Datasheet
701Kb / 19P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54AHCT594 TI-SN54AHCT594 Datasheet
270Kb / 14P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54HC594 TI-SN54HC594 Datasheet
154Kb / 9P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54LV594A TI-SN54LV594A_07 Datasheet
437Kb / 20P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54LV594A TI-SN54LV594A Datasheet
185Kb / 11P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54AHC594 TI-SN54AHC594 Datasheet
443Kb / 17P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com