データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74BCT760DWE4 データシート(PDF) 3 Page - Texas Instruments

部品番号 SN74BCT760DWE4
部品情報  OCTAL BUFFERS/DRIVERS WITH OPEN-COLLECTOR OUTPUTS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN74BCT760DWE4 データシート(HTML) 3 Page - Texas Instruments

  SN74BCT760DWE4 Datasheet HTML 1Page - Texas Instruments SN74BCT760DWE4 Datasheet HTML 2Page - Texas Instruments SN74BCT760DWE4 Datasheet HTML 3Page - Texas Instruments SN74BCT760DWE4 Datasheet HTML 4Page - Texas Instruments SN74BCT760DWE4 Datasheet HTML 5Page - Texas Instruments SN74BCT760DWE4 Datasheet HTML 6Page - Texas Instruments SN74BCT760DWE4 Datasheet HTML 7Page - Texas Instruments SN74BCT760DWE4 Datasheet HTML 8Page - Texas Instruments SN74BCT760DWE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
SN54BCT760, SN74BCT760
OCTAL BUFFERS/DRIVERS
WITH OPEN-COLLECTOR OUTPUTS
SCBS034B – JULY 1989 – REVISED NOVEMBER 1993
2–3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions
SN54BCT760
SN74BCT760
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
4.5
5
5.5
V
VIH
High-level input voltage
2
2
V
VIL
Low-level input voltage
0.8
0.8
V
VOH
High-level output voltage
5.5
5.5
V
IIK
Input clamp current
–18
–18
mA
IOL
Low-level output current
48
64
mA
TA
Operating free-air temperature
–55
125
0
70
°C
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
SN54BCT760
SN74BCT760
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
TYP†
MAX
UNIT
VIK
VCC = 4.5 V,
II = –18 mA
–1.2
–1.2
V
VOL
VCC =4 5V
IOL = 48 mA
0.38
0.55
V
VOL
VCC = 4.5 V
IOL = 64 mA
0.42
0.55
V
II
VCC = 5.5 V,
VI = 7 V
0.1
0.1
mA
IIH
VCC = 5.5 V,
VI = 2.7 V
20
20
µA
IIL
VCC = 5.5 V,
VI = 0.5 V
–1
–1
mA
IOH
VCC = 4.5 V,
VOH = 5.5 V
0.1
0.1
mA
Outputs high
21
33
21
33
ICC
VCC = 5.5 V,
Outputs open
Outputs low
48
76
48
76
mA
OE disabled
6
10
6
10
Ci
VCC = 5 V,
VI = 2.5 V or 0.5 V
6
6
pF
Co
VCC = 5 V,
VI = 2.5 V or 0.5 V
10
10
pF
† All typical values are at VCC = 5 V, TA = 25°C.
switching characteristics (see Note 2)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
CL = 50 pF,
RL = 500 Ω,
TA = 25°C
VCC = 4.5 V to 5.5 V,
CL = 50 pF,
RL = 500 Ω,
TA = MIN to MAX‡
UNIT
(INPUT)
(OUTPUT)
′BCT760
SN54BCT760
SN74BCT760
MIN
TYP
MAX
MIN
MAX
MIN
MAX
tPLH
Any A
Y
6.3
8
9.5
6.3
11.1
6.3
10
ns
tPHL
Any A
Y
2.1
4.3
6.5
2.1
7.7
2.1
7.2
ns
tPLH
OE
Y
8.6
13
15.2
8.6
18.7
8.6
17.5
ns
tPHL
OE
Y
3.2
6.2
8.9
3.2
10.4
3.2
9.9
ns
‡ For conditions shown as MIN or MAX, use the appropriate values specified under recommended operating conditions.
NOTE 2: Load circuits and voltage waveforms are shown in Section 1.


同様の部品番号 - SN74BCT760DWE4

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74BCT760DWE4 TI-SN74BCT760DWE4 Datasheet
462Kb / 13P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH OPEN-COLLECTOR OUTPUTS
SN74BCT760DWE4 TI-SN74BCT760DWE4 Datasheet
523Kb / 15P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH OPEN-COLLECTOR OUTPUTS
More results

同様の説明 - SN74BCT760DWE4

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN54BCT760 TI-SN54BCT760_07 Datasheet
523Kb / 15P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH OPEN-COLLECTOR OUTPUTS
SN54BCT760 TI-SN54BCT760 Datasheet
462Kb / 13P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH OPEN-COLLECTOR OUTPUTS
SN54AS760 TI1-SN54AS760_13 Datasheet
835Kb / 18P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH OPEN-COLLECTOR OUTPUTS
SN54AS756 TI-SN54AS756_07 Datasheet
549Kb / 17P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH OPEN-COLLECTOR OUTPUTS
SN74AS763 TI-SN74AS763 Datasheet
94Kb / 7P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH OPEN-COLLECTOR OUTPUTS
SN54AS760 TI-SN54AS760 Datasheet
95Kb / 6P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH OPEN-COLLECTOR OUTPUTS
SN54AS756 TI-SN54AS756 Datasheet
97Kb / 6P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH OPEN-COLLECTOR OUTPUTS
SN54ALS762 TI1-SN54ALS762 Datasheet
110Kb / 7P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH OPEN-COLLECTOR OUTPUTS
SN54AS756 TI-SN54AS756_08 Datasheet
671Kb / 16P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH OPEN-COLLECTOR OUTPUTS
logo
KODENSHI_AUK CORP.
KK7407 KODENSHI-KK7407 Datasheet
195Kb / 4P
   Hex Buffers/Drivers with Open- Collector High-Voltage Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com