データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74AHC1G00DCKR データシート(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN74AHC1G00DCKR
部品情報  SINGLE 2-INPUT POSITIVE-NAND GATE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN74AHC1G00DCKR データシート(HTML) 4 Page - Texas Instruments

  SN74AHC1G00DCKR Datasheet HTML 1Page - Texas Instruments SN74AHC1G00DCKR Datasheet HTML 2Page - Texas Instruments SN74AHC1G00DCKR Datasheet HTML 3Page - Texas Instruments SN74AHC1G00DCKR Datasheet HTML 4Page - Texas Instruments SN74AHC1G00DCKR Datasheet HTML 5Page - Texas Instruments SN74AHC1G00DCKR Datasheet HTML 6Page - Texas Instruments SN74AHC1G00DCKR Datasheet HTML 7Page - Texas Instruments SN74AHC1G00DCKR Datasheet HTML 8Page - Texas Instruments SN74AHC1G00DCKR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
SN74AHC1G00
SINGLE 2INPUT POSITIVENAND GATE
SCLS313M − MARCH 1996 − REVISED JUNE 2005
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
50% VCC
VCC
VCC
0 V
0 V
th
tsu
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
Data Input
tPLH
tPHL
tPHL
tPLH
VOH
VOH
VOL
VOL
VCC
0 V
50% VCC
50% VCC
Input
Out-of-Phase
Output
In-Phase
Output
Timing Input
50% VCC
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
INVERTING AND NONINVERTING OUTPUTS
Output
Control
Output
Waveform 1
S1 at VCC
(see Note B)
Output
Waveform 2
S1 at GND
(see Note B)
VOL
VOH
tPZL
tPZH
tPLZ
tPHZ
≈VCC
0 V
50% VCC
VOL + 0.3 V
50% VCC
≈0 V
VCC
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
LOW- AND HIGH-LEVEL ENABLING
tPLH/tPHL
tPLZ/tPZL
tPHZ/tPZH
Open Drain
Open
VCC
GND
VCC
TEST
S1
VCC
0 V
50% VCC
tw
VOLTAGE WAVEFORMS
PULSE DURATION
Input
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low, except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high, except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR
≤ 1 MHz, ZO = 50 Ω, tr ≤ 3 ns, tf ≤ 3 ns.
D. The outputs are measured one at a time, with one input transition per measurement.
E. All parameters and waveforms are not applicable to all devices.
From Output
Under Test
CL
(see Note A)
LOAD CIRCUIT FOR
3-STATE AND OPEN-DRAIN OUTPUTS
S1
VCC
RL = 1 kΩ
GND
From Output
Under Test
CL
(see Note A)
Test
Point
LOAD CIRCUIT FOR
TOTEM-POLE OUTPUTS
Open
50% VCC
50% VCC
50% VCC
50% VCC
50% VCC
50% VCC
50% VCC
50% VCC
VOH − 0.3 V
Figure 1. Load Circuit and Voltage Waveforms


同様の部品番号 - SN74AHC1G00DCKR

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74AHC1G00DCKR TI-SN74AHC1G00DCKR Datasheet
575Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
SN74AHC1G00DCKR TI1-SN74AHC1G00DCKR Datasheet
1Mb / 24P
[Old version datasheet]   SN74AHC1G00 Single 2-Input Positive-NAND Gate
SN74AHC1G00DCKR TI1-SN74AHC1G00DCKR Datasheet
1Mb / 29P
[Old version datasheet]   Single 2-Input Positive-NAND Gate
SN74AHC1G00DCKRE4 TI-SN74AHC1G00DCKRE4 Datasheet
575Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
SN74AHC1G00DCKRE4 TI1-SN74AHC1G00DCKRE4 Datasheet
1Mb / 24P
[Old version datasheet]   SN74AHC1G00 Single 2-Input Positive-NAND Gate
More results

同様の説明 - SN74AHC1G00DCKR

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
74LVC1G00_1012 DIODES-74LVC1G00_1012 Datasheet
245Kb / 14P
   SINGLE 2 INPUT POSITIVE NAND GATE
DS32196 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G00 TI-SN74LVC1G00_10 Datasheet
668Kb / 16P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
SN74LVC1G00_101 TI-SN74LVC1G00_101 Datasheet
667Kb / 16P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
logo
Diodes Incorporated
74LVCE1G00SE-7 DIODES-74LVCE1G00SE-7 Datasheet
275Kb / 14P
   SINGLE 2 INPUT POSITIVE NAND GATE
74AUP1G00 DIODES-74AUP1G00 Datasheet
206Kb / 11P
   SINGLE 2 INPUT POSITIVE NAND GATE
logo
Texas Instruments
SN74AHCT1G00 TI1-SN74AHCT1G00_18 Datasheet
1Mb / 25P
[Old version datasheet]   Single 2-Input Positive-NAND Gate
logo
Diodes Incorporated
74LVC1G00Q DIODES-74LVC1G00Q Datasheet
528Kb / 9P
   SINGLE 2 INPUT POSITIVE NAND GATE
June 2020 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G00 TI-SN74LVC1G00 Datasheet
443Kb / 17P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
SN74AHC1G00-Q1 TI-SN74AHC1G00-Q1 Datasheet
117Kb / 6P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
SN74AHCT1G00 TI1-SN74AHCT1G00_15 Datasheet
1,001Kb / 20P
[Old version datasheet]   Single 2-Input Positive-NAND Gate
logo
Diodes Incorporated
74AHC1G00Q DIODES-74AHC1G00Q Datasheet
523Kb / 9P
   SINGLE 2-INPUT POSITIVE NAND GATE
August 2020 Rev. 1 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com