データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74BCT543DWRG4 データシート(PDF) 7 Page - Texas Instruments

部品番号 SN74BCT543DWRG4
部品情報  OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN74BCT543DWRG4 データシート(HTML) 7 Page - Texas Instruments

Back Button SN74BCT543DWRG4 Datasheet HTML 3Page - Texas Instruments SN74BCT543DWRG4 Datasheet HTML 4Page - Texas Instruments SN74BCT543DWRG4 Datasheet HTML 5Page - Texas Instruments SN74BCT543DWRG4 Datasheet HTML 6Page - Texas Instruments SN74BCT543DWRG4 Datasheet HTML 7Page - Texas Instruments SN74BCT543DWRG4 Datasheet HTML 8Page - Texas Instruments SN74BCT543DWRG4 Datasheet HTML 9Page - Texas Instruments SN74BCT543DWRG4 Datasheet HTML 10Page - Texas Instruments SN74BCT543DWRG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
5962-9087001M3A
ACTIVE
LCCC
FK
28
1
TBD
POST-PLATE
N / A for Pkg Type
5962-9087001MKA
ACTIVE
CFP
W
24
1
TBD
A42
N / A for Pkg Type
5962-9087001MLA
ACTIVE
CDIP
JT
24
1
TBD
A42 SNPB
N / A for Pkg Type
SN74BCT543DW
ACTIVE
SOIC
DW
24
25
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74BCT543DWE4
ACTIVE
SOIC
DW
24
25
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74BCT543DWG4
ACTIVE
SOIC
DW
24
25
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74BCT543DWR
ACTIVE
SOIC
DW
24
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74BCT543DWRE4
ACTIVE
SOIC
DW
24
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74BCT543DWRG4
ACTIVE
SOIC
DW
24
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74BCT543NT
ACTIVE
PDIP
NT
24
15
Pb-Free
(RoHS)
CU NIPDAU
N / A for Pkg Type
SN74BCT543NTE4
ACTIVE
PDIP
NT
24
15
Pb-Free
(RoHS)
CU NIPDAU
N / A for Pkg Type
SNJ54BCT543FK
ACTIVE
LCCC
FK
28
1
TBD
POST-PLATE
N / A for Pkg Type
SNJ54BCT543JT
ACTIVE
CDIP
JT
24
1
TBD
A42 SNPB
N / A for Pkg Type
SNJ54BCT543W
ACTIVE
CFP
W
24
1
TBD
A42
N / A for Pkg Type
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
PACKAGE OPTION ADDENDUM
www.ti.com
9-Oct-2007
Addendum-Page 1


同様の部品番号 - SN74BCT543DWRG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74BCT543DWR TI-SN74BCT543DWR Datasheet
303Kb / 13P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

同様の説明 - SN74BCT543DWRG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN54BCT544 TI-SN54BCT544 Datasheet
89Kb / 6P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT652A TI-SN54ABT652A Datasheet
450Kb / 20P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT543A TI-SN54ABT543A_07 Datasheet
485Kb / 21P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT543A TI-SN54ABT543A_08 Datasheet
606Kb / 20P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74BCT543 TI-SN74BCT543 Datasheet
303Kb / 13P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT652A TI-SN54ABT652A_07 Datasheet
498Kb / 23P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT543 TI1-SN54ABT543 Datasheet
140Kb / 7P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT652A TI-SN54ABT652A_08 Datasheet
621Kb / 22P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT543A TI-SN54ABT543A Datasheet
435Kb / 18P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54BCT543 TI-SN54BCT543 Datasheet
100Kb / 7P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com