データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74AC377SJ データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 74AC377SJ
部品情報  Octal D-Type Flip-Flop with Clock Enable
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74AC377SJ データシート(HTML) 1 Page - Fairchild Semiconductor

  74AC377SJ Datasheet HTML 1Page - Fairchild Semiconductor 74AC377SJ Datasheet HTML 2Page - Fairchild Semiconductor 74AC377SJ Datasheet HTML 3Page - Fairchild Semiconductor 74AC377SJ Datasheet HTML 4Page - Fairchild Semiconductor 74AC377SJ Datasheet HTML 5Page - Fairchild Semiconductor 74AC377SJ Datasheet HTML 6Page - Fairchild Semiconductor 74AC377SJ Datasheet HTML 7Page - Fairchild Semiconductor 74AC377SJ Datasheet HTML 8Page - Fairchild Semiconductor 74AC377SJ Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
©1988 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74AC377, 74ACT377 Rev. 1.6.1
January 2008
74AC377, 74ACT377
Octal D-Type Flip-Flop with Clock Enable
Features
ICC reduced by 50%
Ideal for addressable register applications
Clock enable for address and data synchronization
applications
Eight edge-triggered D-type flip-flops
Buffered common clock
Outputs source/sink 24mA
See 273 for master reset version
See 373 for transparent latch version
See 374 for 3-STATE version
ACT377 has TTL-compatible inputs
General Description
The AC/ACT377 has eight edge-triggered, D-type flip-
flops with individual D inputs and Q outputs. The com-
mon buffered Clock (CP) input loads all flip-flops simulta-
neously, when the Clock Enable (CE) is LOW.
The register is fully edge-triggered. The state of each D
input, one setup time before the LOW-to-HIGH clock
transition, is transferred to the corresponding flip-flop's Q
output. The CE input must be stable only one setup time
prior to the LOW-to-HIGH clock transition for predictable
operation.
Ordering Information
Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering number.
All packages are lead free per JEDEC: J-STD-020B standard.
Order Number
Package
Number
Package Description
74AC377SC
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide
74AC377SJ
M20D
20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74AC377MTC
MTC20
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153,
4.4mm Wide
74ACT377SC
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide
74ACT377SJ
M20D
20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74ACT377MTC
MTC20
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153,
4.4mm Wide
74ACT377PC
N20A
20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide
FACT™ is a trademark of Fairchild Semiconductor Corporation
.


同様の部品番号 - 74AC377SJ

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74AC377SJ FAIRCHILD-74AC377SJ Datasheet
113Kb / 9P
   Octal D-Type Flip-Flop with Clock Enable
74AC377SJX FAIRCHILD-74AC377SJX Datasheet
113Kb / 9P
   Octal D-Type Flip-Flop with Clock Enable
More results

同様の説明 - 74AC377SJ

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74F377A TI1-SN74F377A_16 Datasheet
813Kb / 13P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLOCK ENABLE
74ACT11377 TI1-74ACT11377_10 Datasheet
87Kb / 6P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLOCK ENABLE
SN74F377A TI-SN74F377A Datasheet
69Kb / 5P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLOCK ENABLE
logo
National Semiconductor ...
54FCT377 NSC-54FCT377 Datasheet
151Kb / 8P
   Octal D-Type Flip-Flop with Clock Enable
logo
Fairchild Semiconductor
74F377 FAIRCHILD-74F377_00 Datasheet
75Kb / 7P
   Octal D-Type Flip-Flop with Clock Enable
logo
Texas Instruments
74ACT11377 TI-74ACT11377 Datasheet
71Kb / 5P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLOCK ENABLE
logo
Fairchild Semiconductor
74AC377 FAIRCHILD-74AC377 Datasheet
113Kb / 9P
   Octal D-Type Flip-Flop with Clock Enable
logo
National Semiconductor ...
54ABT377 NSC-54ABT377 Datasheet
151Kb / 8P
   Octal D-Type Flip-Flop with Clock Enable
logo
Fairchild Semiconductor
74F377 FAIRCHILD-74F377 Datasheet
62Kb / 6P
   Octal D-Type Flip-Flop with Clock Enable
74ABT377 FAIRCHILD-74ABT377 Datasheet
101Kb / 9P
   Octal D-Type Flip-Flop with Clock Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com