データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74AHC574BQ データシート(PDF) 9 Page - NXP Semiconductors

部品番号 74AHC574BQ
部品情報  Octal D-type flip-flop; positive edge-trigger; 3-state
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHC574BQ データシート(HTML) 9 Page - NXP Semiconductors

Back Button 74AHC574BQ Datasheet HTML 5Page - NXP Semiconductors 74AHC574BQ Datasheet HTML 6Page - NXP Semiconductors 74AHC574BQ Datasheet HTML 7Page - NXP Semiconductors 74AHC574BQ Datasheet HTML 8Page - NXP Semiconductors 74AHC574BQ Datasheet HTML 9Page - NXP Semiconductors 74AHC574BQ Datasheet HTML 10Page - NXP Semiconductors 74AHC574BQ Datasheet HTML 11Page - NXP Semiconductors 74AHC574BQ Datasheet HTML 12Page - NXP Semiconductors 74AHC574BQ Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
74AHC_AHCT574_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 24 January 2008
9 of 18
NXP Semiconductors
74AHC574; 74AHCT574
Octal D-type flip-flop; positive edge-trigger; 3-state
tsu
set-up time
Dn to CP; see Figure 8
VCC = 3.0 V to 3.6 V;
CL =50pF
3.5
-
-
3.5
-
3.5
-
ns
VCC = 4.5 V to 5.5 V;
CL =50pF
3.0
-
-
3.0
-
3.0
-
ns
th
hold time
Dn to CP; see Figure 8
VCC = 3.0 V to 3.6 V;
CL =50pF
1.5
-
-
1.5
-
1.5
-
ns
VCC = 4.5 V to 5.5 V;
CL =50pF
1.5
-
-
1.5
-
1.5
-
ns
CPD
power
dissipation
capacitance
CL = 50 pF; fi = 1 MHz;
VI = GND to VCC
[3]
-10
-
-
-
-
-
pF
For type 74AHCT574
tpd
propagation
delay
CP to Qn; see Figure 7
[2]
VCC = 4.5 V to 5.5 V
CL = 15 pF
-
4.4
8.6
1.0
10.0
1.0
11.0
ns
CL = 50 pF
-
6.3
10.6
1.0
12.0
1.0
13.5
ns
ten
enable time
OE to Qn; see Figure 9
VCC = 4.5 V to 5.5 V
CL = 15 pF
-
4.3
9.0
1.0
10.5
1.0
11.5
ns
CL = 50 pF
-
6.1
11.0
1.0
12.5
1.0
14.0
ns
tdis
disable time
OE to Qn; see Figure 9
[2]
VCC = 4.5 V to 5.5 V
CL = 15 pF
-
4.3
9.0
1.0
10.5
1.0
11.5
ns
CL = 50 pF
-
6.2
10.1
1.0
11.5
1.0
13.0
ns
fmax
maximum
frequency
CP; see Figure 7
VCC = 4.5 V to 5.5 V
CL = 15 pF
130
180
-
110
-
110
-
MHz
CL = 50 pF
85
115
-
75
-
75
-
MHz
tW
pulse width
CP; HIGH or LOW;
see Figure 7
VCC = 4.5 V to 5.5 V;
CL =50pF
5.0
-
-
5.5
-
5.5
-
ns
tsu
set-up time
Dn to CP; see Figure 8
VCC = 4.5 V to 5.5 V;
CL =50pF
3.0
-
-
3.5
-
3.5
-
ns
Table 7.
Dynamic characteristics …continued
GND = 0 V. For test circuit see Figure 10.
Symbol Parameter
Conditions
25
°C
−40 °C to +85 °C −40 °C to +125 °C Unit
Min
Typ[1] Max
Min
Max
Min
Max


同様の部品番号 - 74AHC574BQ

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74AHC574BQ NXP-74AHC574BQ Datasheet
114Kb / 18P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 02-24 January 2008
logo
Nexperia B.V. All right...
74AHC574BQ NEXPERIA-74AHC574BQ Datasheet
655Kb / 18P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 02 - 24 January 2008
More results

同様の説明 - 74AHC574BQ

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74LV574 PHILIPS-74LV574 Datasheet
121Kb / 12P
   Octal D-type flip-flop; positive edge-trigger 3-State
1998 Jun 10
74ALVC374 NXP-74ALVC374 Datasheet
98Kb / 17P
   Octal D-type flip-flop; positive-edge trigger; 3-state
Rev. 02-17 October 2007
logo
Nexperia B.V. All right...
74HCT374 NEXPERIA-74HCT374 Datasheet
259Kb / 15P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 5 - 7 September 2021
74HC574 NEXPERIA-74HC574 Datasheet
289Kb / 17P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 9 - 20 October 2022
logo
NXP Semiconductors
74ALVC574 NXP-74ALVC574 Datasheet
99Kb / 17P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 02-8 November 2007
logo
Nexperia B.V. All right...
74ALVC374 NEXPERIA-74ALVC374 Datasheet
259Kb / 15P
   Octal D-type flip-flop; positive-edge trigger; 3-state
Rev. 3 - 30 April 2021
logo
NXP Semiconductors
74ALVC574 PHILIPS-74ALVC574 Datasheet
95Kb / 20P
   Octal D-type flip-flop positive edge-trigger 3-state
2002 Mar 04
74LV374 PHILIPS-74LV374 Datasheet
111Kb / 12P
   Octal D-type flip-flop; positive edge-trigger 3-State
1997 Mar 20
74HC374D-T NXP-74HC374D-T Datasheet
65Kb / 8P
   Octal D-type flip-flop; positive edge-trigger; 3-state
December 1990
logo
Nexperia B.V. All right...
74AHCT574 NEXPERIA-74AHCT574 Datasheet
655Kb / 18P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 02 - 24 January 2008
logo
Integral Corp.
IN74LV574 INTEGRAL-IN74LV574 Datasheet
194Kb / 8P
   Octal D-type flip-flop; positive edge-trigger (3-State)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com