データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA9899 データシート(PDF) 1 Page - NXP Semiconductors

部品番号 TDA9899
部品情報  Multistandard hybrid IF processing including car mobile
Download  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9899 データシート(HTML) 1 Page - NXP Semiconductors

  TDA9899 Datasheet HTML 1Page - NXP Semiconductors TDA9899 Datasheet HTML 2Page - NXP Semiconductors TDA9899 Datasheet HTML 3Page - NXP Semiconductors TDA9899 Datasheet HTML 4Page - NXP Semiconductors TDA9899 Datasheet HTML 5Page - NXP Semiconductors TDA9899 Datasheet HTML 6Page - NXP Semiconductors TDA9899 Datasheet HTML 7Page - NXP Semiconductors TDA9899 Datasheet HTML 8Page - NXP Semiconductors TDA9899 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 103 page
background image
1.
General description
The Integrated Circuit (IC) is suitable for Intermediate Frequency (IF) processing including
global multistandard Analog TV (ATV), Digital Video Broadcast (DVB) and mono FM radio
using only 1 IC and 1 to 3 fixed Surface Acoustic Waves (SAWs) (application dependent).
2.
Features
2.1 General
I 5 V supply voltage
I I2C-bus control over all functions
I Four I2C-bus addresses provided; selection by programmable Module Address (MAD)
I Three I2C-bus voltage level supported; selection via pin BVS
I Separate gain controlled amplifiers with input selector and conversion for incoming IF
[analog Vision IF (VIF) or Sound IF (SIF) or Digital TV (DTV)] allows the use of
different filter shapes and bandwidths
I All conventional ATV standards applicable by using DTV bandwidth window
[Band-Pass (BP)] filter
I Easy to use default settings for almost every standard provided, selectable via I2C-bus
I Two 4 MHz reference frequency stages; the first one operates either as crystal
oscillator or as optional signal input, the second one either as external signal input or
as buffered reference frequency output
I Stabilizer circuit for ripple rejection and to achieve constant output signals
I Smallest size, simplest application
I ElectroStatic Discharge (ESD) protection for all pins
2.2 Analog TV processing
I Gain controlled wide-band VIF amplifier; AC-coupled
I Multistandard true synchronous demodulation with active carrier regeneration: very
linear demodulation, good intermodulation figures, reduced harmonics and excellent
pulse response
I Internal Nyquist slope processing; switch-off able for alternative use of inexpensive
Nyquist slope SAW filter with additive video noise improvement
I Separate passive video detector; monitor output for antenna diversity applications
I Gated phase detector for L and L-accent standards
I Fully integrated VIF Voltage-Controlled Oscillator (VCO), alignment-free, frequencies
switchable for all negative and positive modulated standards via I2C-bus
TDA9899
Multistandard hybrid IF processing including car mobile
Rev. 03 — 15 January 2008
Product data sheet


同様の部品番号 - TDA9899

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA9897 NXP-TDA9897 Datasheet
510Kb / 103P
   Multistandard hybrid IF processing
Rev. 03-11 January 2008
TDA9897 NXP-TDA9897 Datasheet
543Kb / 103P
   Multistandard hybrid IF processing
Rev. 04-25 May 2009
TDA9897HL NXP-TDA9897HL Datasheet
510Kb / 103P
   Multistandard hybrid IF processing
Rev. 03-11 January 2008
TDA9897HL/V3 NXP-TDA9897HL/V3 Datasheet
543Kb / 103P
   Multistandard hybrid IF processing
Rev. 04-25 May 2009
TDA9897HN NXP-TDA9897HN Datasheet
510Kb / 103P
   Multistandard hybrid IF processing
Rev. 03-11 January 2008
More results

同様の説明 - TDA9899

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA9897 NXP-TDA9897 Datasheet
510Kb / 103P
   Multistandard hybrid IF processing
Rev. 03-11 January 2008
TDA9897 NXP-TDA9897_09 Datasheet
543Kb / 103P
   Multistandard hybrid IF processing
Rev. 04-25 May 2009
TDA9819 PHILIPS-TDA9819 Datasheet
267Kb / 40P
   Multistandard vision and sound-IF PLL with DVB-IF processing
1998 Jul 14
logo
TEMIC Semiconductors
TDA4471 TEMIC-TDA4471 Datasheet
289Kb / 16P
   Multistandard Video-IF and Quasi Parallel Sound Processing
TDA4470-M TEMIC-TDA4470-M Datasheet
189Kb / 16P
   Multistandard Video-IF and Quasi Parallel Sound Processing
TDA4474 TEMIC-TDA4474 Datasheet
156Kb / 17P
   Multistandard Video-IF and Quasi Parallel Sound Processing
logo
Siemens Semiconductor G...
TDA6160-2X SIEMENS-TDA6160-2X Datasheet
361Kb / 17P
   Multistandard Sound IF
TDA6160-2S SIEMENS-TDA6160-2S Datasheet
254Kb / 17P
   Multistandard Sound IF
logo
STMicroelectronics
TDA4443 STMICROELECTRONICS-TDA4443 Datasheet
150Kb / 7P
   MULTISTANDARD VIDEO IF AMPLIFIER
logo
NXP Semiconductors
TDA9884 NXP-TDA9884_06 Datasheet
301Kb / 58P
   I2C-bus controlled multistandard alignment-free IF-PLL for mobile reception
Rev. 02-12 May 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com