データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74HC4017DB データシート(PDF) 11 Page - NXP Semiconductors

部品番号 74HC4017DB
部品情報  Johnson decade counter with 10 decoded outputs
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC4017DB データシート(HTML) 11 Page - NXP Semiconductors

Back Button 74HC4017DB Datasheet HTML 7Page - NXP Semiconductors 74HC4017DB Datasheet HTML 8Page - NXP Semiconductors 74HC4017DB Datasheet HTML 9Page - NXP Semiconductors 74HC4017DB Datasheet HTML 10Page - NXP Semiconductors 74HC4017DB Datasheet HTML 11Page - NXP Semiconductors 74HC4017DB Datasheet HTML 12Page - NXP Semiconductors 74HC4017DB Datasheet HTML 13Page - NXP Semiconductors 74HC4017DB Datasheet HTML 14Page - NXP Semiconductors 74HC4017DB Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
74HC_HCT4017_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 8 January 2008
11 of 23
NXP Semiconductors
74HC4017; 74HCT4017
Johnson decade counter with 10 decoded outputs
[1]
tpd is the same as tPHL and tPLH.
[2]
tt is the same as tTHL and tTLH.
[3]
CPD is used to determine the dynamic power dissipation (PD in µW):
PD =CPD × VCC2 × fi × N+ ∑(CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
∑(C
L × VCC
2
× f
o) = sum of outputs.
tt
transition time
see Figure 10
[2]
VCC = 4.5 V
-
7
15
-
19
-
22
ns
tW
pulse width
CP0 and CP1 (HIGH or
LOW); see Figure 9
VCC = 4.5 V
16
7
-
20
-
24
-
ns
MR (HIGH); see Figure 9
VCC = 4.5 V
16
4
-
20
-
24
-
ns
tsu
set-up time
CP1 to CP0; CP0 to CP1;
see Figure 8
VCC = 4.5 V
10
−3
-
13
-
15
-
ns
th
hold time
CP1 to CP0; CP0 to CP1;
see Figure 8
VCC = 4.5 V
10
6
-
13
-
15
-
ns
trec
recovery time
MR to CP0 and
MR to CP1; see Figure 9
VCC = 4.5 V
5
−5-
5
-
5
-
ns
fmax
maximum
frequency
CP0 or CP1; see Figure 9
VCC = 4.5 V
30
61
-
24
-
20
-
MHz
VCC = 5.0 V;
CL =15pF
-
67
-
-
-
-
-
MHz
CPD
power
dissipation
capacitance
VI = GND to VCC − 1.5 V;
VCC =5V; fi = 1 MHz
[3]
-36
-
-
-
-
-
pF
Table 7.
Dynamic characteristics …continued
GND = 0 V; tr = tf = 6 ns; CL = 50 pF; see Figure 11.
Symbol Parameter
Conditions
25
°C
−40 °C to +85 °C −40 °C to +125 °C Unit
Min
Typ
Max
Min
Max
Min
Max


同様の部品番号 - 74HC4017DB

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74HC4017D PHILIPS-74HC4017D Datasheet
86Kb / 12P
   Johnson decade counter with 10 decoded outputs
December 1990
logo
Nexperia B.V. All right...
74HC4017D NEXPERIA-74HC4017D Datasheet
310Kb / 20P
   Johnson decade counter with 10 decoded outputs
Rev. 7 - 10 May 2021
74HC4017D-Q100 NEXPERIA-74HC4017D-Q100 Datasheet
757Kb / 22P
   Johnson decade counter with 10 decoded outputs
More results

同様の説明 - 74HC4017DB

メーカー部品番号データシート部品情報
logo
Nexperia B.V. All right...
74HC4017-Q100 NEXPERIA-74HC4017-Q100 Datasheet
757Kb / 22P
   Johnson decade counter with 10 decoded outputs
logo
NXP Semiconductors
74HC4017 PHILIPS-74HC4017 Datasheet
86Kb / 12P
   Johnson decade counter with 10 decoded outputs
December 1990
logo
Nexperia B.V. All right...
74HCT4017 NEXPERIA-74HCT4017 Datasheet
310Kb / 20P
   Johnson decade counter with 10 decoded outputs
Rev. 7 - 10 May 2021
logo
STMicroelectronics
HCF4017B STMICROELECTRONICS-HCF4017B Datasheet
377Kb / 11P
   DECADE COUNTER WITH 10 DECODED OUTPUTS
logo
National Semiconductor ...
MM54HC4017 NSC-MM54HC4017 Datasheet
126Kb / 6P
   Decade Counter/Divider with 10 Decoded Outputs
logo
Micro Electronics
MMC4017 MICRO-ELECTRONICS-MMC4017 Datasheet
160Kb / 6P
   COUNTER/ DIVIDERS : 4017 DECADE COUNTER WITH 10 DECODED OUTPUTS
logo
Fairchild Semiconductor
CD4017BC FAIRCHILD-CD4017BC Datasheet
77Kb / 7P
   Decade Counter/Divider with 10 Decoded Outputs . Divide-by-8 Counter/Divider with 8 Decoded Outputs
CD4017BC FAIRCHILD-CD4017BC_04 Datasheet
79Kb / 7P
   Decade Counter/Divider with 10 Decoded Outputs Divide-by-8 Counter/Divider with 8 Decoded Outputs
logo
National Semiconductor ...
CD4017BM NSC-CD4017BM Datasheet
165Kb / 8P
   Decade Counter/Divider with 10 Decoded Outputs, Divide-by-8 Counter/Divider with 8 Decoded Outputs
logo
Fairchild Semiconductor
CD4017BC FAIRCHILD-CD4017BC_V01 Datasheet
81Kb / 7P
   Decade Counter/Divider with 10 Decoded Outputs • Divide-by-8 Counter/Divider with 8 Decoded Outputs
Revised January 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com