データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BTA201-800ER データシート(PDF) 10 Page - NXP Semiconductors

部品番号 BTA201-800ER
部品情報  1 A Three-quadrant triacs high commutation
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

BTA201-800ER データシート(HTML) 10 Page - NXP Semiconductors

Back Button BTA201-800ER Datasheet HTML 4Page - NXP Semiconductors BTA201-800ER Datasheet HTML 5Page - NXP Semiconductors BTA201-800ER Datasheet HTML 6Page - NXP Semiconductors BTA201-800ER Datasheet HTML 7Page - NXP Semiconductors BTA201-800ER Datasheet HTML 8Page - NXP Semiconductors BTA201-800ER Datasheet HTML 9Page - NXP Semiconductors BTA201-800ER Datasheet HTML 10Page - NXP Semiconductors BTA201-800ER Datasheet HTML 11Page - NXP Semiconductors BTA201-800ER Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
BTA201_SER_B_E_ER_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 4 February 2008
10 of 12
NXP Semiconductors
BTA201 series B, E and ER
1 A Three-quadrant triacs high commutation
9.
Revision history
Table 7.
Revision history
Document ID
Release date
Data sheet status
Change notice Supersedes
BTA201_SER_B_E_ER_4
20080204
Product data sheet
-
BTA201_SER_B_E_ER_3
Modifications:
• Figure 3: Changed figure.
• Section 1.4 “Quick reference data” on page 1: Updated with minimum IGT values added.
• Table 3 “Limiting values” on page 2: I2t condition, tp; symbol update.
• Table 5 “Static characteristics” on page 6: Minimum IGT values added.
BTA201_SER_B_E_ER_3
20070910
Product data sheet
-
BTA201_SER_B_E_ER_2
Modifications:
The format of this data sheet has been redesigned to comply with the new identity
guidelines of NXP Semiconductors.
Legal texts have been adapted to the new company name where appropriate.
Descriptive titles have been corrected.
Table 3 “Limiting values” on page 2: dIT/dt uprated.
Table 6 “Dynamic characteristics” on page 7: dVD/dt uprated.
Figure 12 “Critical rate of rise of off-state voltage as a function of junction temperature;
minimum values” on page 8: graph updated.
BTA201_SER_B_E_ER_2
20060113
Product data sheet
-
BTA201_SER_B_E_ER_1
Modifications:
Figure 4: Figure note corrected
Table 6 “Dynamic characteristics” on page 7: Units corrected
Figure 12: Figure title corrected
BTA201_SER_B_E_ER_1
(9397 750 15154)
20050825
Product data sheet
-
-


同様の部品番号 - BTA201-800ER

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BTA201-800ER PHILIPS-BTA201-800ER Datasheet
72Kb / 12P
   Triacs logic level
Rev. 02-13 January 2006
BTA201-800ER NXP-BTA201-800ER Datasheet
76Kb / 12P
   1 A Three-quadrant triacs high commutation
Rev. 03-10 September 2007
logo
WeEn Semiconductors
BTA201-800ER WEEN-BTA201-800ER Datasheet
267Kb / 13P
   3Q Hi-Com Triac
More results

同様の説明 - BTA201-800ER

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BTA201 NXP-BTA201 Datasheet
76Kb / 12P
   1 A Three-quadrant triacs high commutation
Rev. 03-10 September 2007
BTA201W NXP-BTA201W Datasheet
80Kb / 13P
   1 A Three-quadrant triacs high commutation
Rev. 02-17 September 2007
BTA201W NXP-BTA201W_08 Datasheet
88Kb / 13P
   1 A Three-quadrant triacs high commutation
Rev. 03-13 March 2008
BTA212B PHILIPS-BTA212B Datasheet
49Kb / 6P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
BTA216X PHILIPS-BTA216X Datasheet
49Kb / 5P
   Three quadrant triacs high commutation
October 1999 Rev 1.000
BTA212XB PHILIPS-BTA212XB Datasheet
54Kb / 6P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
logo
WeEn Semiconductors
BTA212B WEEN-BTA212B Datasheet
923Kb / 8P
   Three quadrant triacs high commutation
logo
NXP Semiconductors
BTA312 NXP-BTA312_1 Datasheet
89Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01-16 April 2007
BTA312X-600D NXP-BTA312X-600D Datasheet
94Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01-16 April 2007
BTA316-600D NXP-BTA316-600D Datasheet
92Kb / 12P
   16 A Three-quadrant triacs high commutation
Rev. 01-18 April 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com