データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74LV259D データシート(PDF) 8 Page - NXP Semiconductors

部品番号 74LV259D
部品情報  8-bit addressable latch
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LV259D データシート(HTML) 8 Page - NXP Semiconductors

Back Button 74LV259D Datasheet HTML 4Page - NXP Semiconductors 74LV259D Datasheet HTML 5Page - NXP Semiconductors 74LV259D Datasheet HTML 6Page - NXP Semiconductors 74LV259D Datasheet HTML 7Page - NXP Semiconductors 74LV259D Datasheet HTML 8Page - NXP Semiconductors 74LV259D Datasheet HTML 9Page - NXP Semiconductors 74LV259D Datasheet HTML 10Page - NXP Semiconductors 74LV259D Datasheet HTML 11Page - NXP Semiconductors 74LV259D Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
74LV259_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 2 January 2008
8 of 19
NXP Semiconductors
74LV259
8-bit addressable latch
[1]
Typical values are measured at Tamb =25 °C.
[2]
tpd is the same as tPLH and tPHL.
[3]
Typical value measured at VCC = 3.3 V.
[4]
CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi × N+ ∑(CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
∑(C
L × VCC
2
× f
o) = sum of outputs.
tsu
set-up time
D, An to LE; see Figure 10 and
Figure 11
VCC = 1.2 V
-
35
-
-
-
ns
VCC = 2.0 V
24
12
-
29
-
ns
VCC = 2.7 V
18
9
-
21
-
ns
VCC = 3.0 V to 3.6 V
[3]
14
7
-
17
-
ns
th
hold time
D to LE; see Figure 10
VCC = 1.2 V
-
−30
-
-
-
ns
VCC = 2.0 V
5
−10
-
5
-
ns
VCC = 2.7 V
5
−8-
5
-
ns
VCC = 3.0 V to 3.6 V
[3]
5
−6-
5
-
ns
th
hold time
An to LE; see Figure 11
VCC = 1.2 V
-
−20
-
-
-
ns
VCC = 2.0 V
5
−7-
5
-
ns
VCC = 2.7 V
5
−5-
5
-
ns
VCC = 3.0 V to 3.6 V
[3]
5
−4-
5
-
ns
CPD
power dissipation
capacitance
CL = 50 pF; fi = 1 MHz;
VI = GND to VCC
[4]
19
pF
Table 8.
Dynamic characteristics …continued
GND = 0 V; For test circuit see Figure 12.
Symbol Parameter
Conditions
−40 °C to +85 °C
−40 °C to +125 °C Unit
Min
Typ[1]
Max
Min
Max


同様の部品番号 - 74LV259D

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74LV259D PHILIPS-74LV259D Datasheet
126Kb / 14P
   8-bit addressable latch
1998 May 20
74LV259DB PHILIPS-74LV259DB Datasheet
126Kb / 14P
   8-bit addressable latch
1998 May 20
More results

同様の説明 - 74LV259D

メーカー部品番号データシート部品情報
logo
Hitachi Semiconductor
HD74AC259 HITACHI-HD74AC259 Datasheet
69Kb / 11P
   8-bit Addressable Latch
logo
Fairchild Semiconductor
DM9334 FAIRCHILD-DM9334 Datasheet
65Kb / 5P
   8-Bit Addressable Latch
logo
STMicroelectronics
HCC4724B STMICROELECTRONICS-HCC4724B Datasheet
302Kb / 14P
   8 BIT ADDRESSABLE LATCH
logo
ON Semiconductor
MC74AC259 ONSEMI-MC74AC259_15 Datasheet
96Kb / 9P
   8-Bit Addressable Latch
March, 2015 ??Rev. 7
logo
Texas Instruments
NTE4099B TI-NTE4099B Datasheet
976Kb / 16P
[Old version datasheet]   8-Bit Addressable Latch
logo
Toshiba Semiconductor
TC40H259P TOSHIBA-TC40H259P Datasheet
230Kb / 5P
   8-BIT ADDRESSABLE LATCH
logo
NXP Semiconductors
74HC259 NXP-74HC259 Datasheet
134Kb / 21P
   8-bit addressable latch
Rev. 04-25 February 2009
logo
Renesas Technology Corp
HD74AC259 RENESAS-HD74AC259 Datasheet
217Kb / 8P
   8-bit Addressable Latch
logo
Toshiba Semiconductor
TC74HC259AP TOSHIBA-TC74HC259AP_07 Datasheet
361Kb / 10P
   8-Bit Addressable Latch
logo
NXP Semiconductors
74HC_HCT259 PHILIPS-74HC_HCT259_15 Datasheet
162Kb / 22P
   8-bit addressable latch
Rev. 5-7 August 2012
logo
National Semiconductor ...
93L34 NSC-93L34 Datasheet
93Kb / 8P
   8-Bit Addressable Latch
June 1989
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com