データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74LVC4245APW データシート(PDF) 4 Page - NXP Semiconductors

部品番号 74LVC4245APW
部品情報  Octal dual supply translating transceiver; 3-state
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC4245APW データシート(HTML) 4 Page - NXP Semiconductors

  74LVC4245APW Datasheet HTML 1Page - NXP Semiconductors 74LVC4245APW Datasheet HTML 2Page - NXP Semiconductors 74LVC4245APW Datasheet HTML 3Page - NXP Semiconductors 74LVC4245APW Datasheet HTML 4Page - NXP Semiconductors 74LVC4245APW Datasheet HTML 5Page - NXP Semiconductors 74LVC4245APW Datasheet HTML 6Page - NXP Semiconductors 74LVC4245APW Datasheet HTML 7Page - NXP Semiconductors 74LVC4245APW Datasheet HTML 8Page - NXP Semiconductors 74LVC4245APW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
74LVC4245A_6
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 06 — 18 January 2008
4 of 17
NXP Semiconductors
74LVC4245A
Octal dual supply translating transceiver; 3-state
6.
Functional description
[1]
H = HIGH voltage level; L = LOW voltage level; X = don’t care; Z = high-impedance OFF-state.
7.
Limiting values
[1]
The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
[2]
For SO24 packages: above 70
°C the value of P
tot derates linearly with 8 mW/K.
For (T)SSOP24 packages: above 60
°C the value of P
tot derates linearly with 5.5 mW/K.
For DHVQFN24 packages: above 60
°C the value of P
tot derates linearly with 4.5 mW/K.
8.
Recommended operating conditions
Table 3.
Functional table[1]
Input
Input/output
OE
DIR
An
Bn
L
L
A = B
input
L
H
input
B = A
HX
Z
Z
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCCA
supply voltage 5 V port
−0.5
+6.5
V
VCCB
supply voltage 3 V port
−0.5
+4.6
V
IIK
input clamping current
VI < 0 V
−50
-
mA
VI
input voltage
[1]
−0.5
+6.5
V
IOK
output clamping current
VO > VCC or VO < 0 V
-
±50
mA
VO
output voltage
output HIGH or LOW state
[1]
−0.5
VCC + 0.5
V
output 3-state
[1]
−0.5
+6.5
V
IO
output current
VO = 0 V to VCC
-
±50
mA
ICC
supply current
-
100
mA
IGND
ground current
−100
-
mA
Tstg
storage temperature
−65
+150
°C
Ptot
power dissipation
Tamb = −40 °C to +125 °C
[2] -
500
mW
Table 5.
Recommended operating conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCCA
supply voltage 5 V port (for maximum
speed performance)
VCCA ≥ VCCB; see Figure 5
1.5
-
5.5
V
VCCB
supply voltage 3 V port (for low-voltage
applications)
VCCA ≥ VCCB; see Figure 5
1.5
-
3.6
V
VI
input voltage
for control inputs
0
-
5.5
V
VO
output voltage
output HIGH or LOW state
0
-
VCC
V
output 3-state
0
-
5.5
V
Tamb
ambient temperature
−40
-
+125
°C


同様の部品番号 - 74LVC4245APW

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74LVC4245APW PHILIPS-74LVC4245APW Datasheet
90Kb / 16P
   Octal dual supply translating transceiver; 3-state
1999 Jun 15
logo
Nexperia B.V. All right...
74LVC4245APW NEXPERIA-74LVC4245APW Datasheet
280Kb / 15P
   Octal dual supply translating transceiver; 3-state
Rev. 13 - 27 August 2021
74LVC4245APW-Q100 NEXPERIA-74LVC4245APW-Q100 Datasheet
830Kb / 17P
   Octal dual supply translating transceiver; 3-state
More results

同様の説明 - 74LVC4245APW

メーカー部品番号データシート部品情報
logo
Nexperia B.V. All right...
74LVC4245A-Q100 NEXPERIA-74LVC4245A-Q100 Datasheet
830Kb / 17P
   Octal dual supply translating transceiver; 3-state
logo
NXP Semiconductors
74LVC4245A PHILIPS-74LVC4245A Datasheet
90Kb / 16P
   Octal dual supply translating transceiver; 3-state
1999 Jun 15
logo
Nexperia B.V. All right...
74LVC4245A NEXPERIA-74LVC4245A Datasheet
280Kb / 15P
   Octal dual supply translating transceiver; 3-state
Rev. 13 - 27 August 2021
logo
NXP Semiconductors
74AVCH1T45 NXP-74AVCH1T45_09 Datasheet
124Kb / 22P
   Dual supply translating transceiver; 3-state
Rev. 02-5 May 2009
74LVC2T45 PHILIPS-74LVC2T45_1 Datasheet
1Mb / 36P
   Dual supply translating transceiver; 3-state
Rev. 4-20 August 2010
74LVC1T45 NXP-74LVC1T45 Datasheet
884Kb / 30P
   Dual supply translating transceiver; 3-state
Rev. 02-19 January 2010
74LVC2T45 NXP-74LVC2T45 Datasheet
907Kb / 32P
   Dual supply translating transceiver; 3-state
Rev. 03-19 January 2010
logo
Nexperia B.V. All right...
74LVC2T45 NEXPERIA-74LVC2T45 Datasheet
418Kb / 33P
   Dual supply translating transceiver; 3-state
Rev. 12 - 1 March 2023
74LVC1T45 NEXPERIA-74LVC1T45 Datasheet
386Kb / 30P
   Dual supply translating transceiver; 3-state
Rev. 9 - 10 February 2022
logo
NXP Semiconductors
74AVC1T45 NXP-74AVC1T45 Datasheet
119Kb / 21P
   Dual supply translating transceiver; 3-state
Rev. 02-5 May 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com