データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74LVTH322245EC データシート(PDF) 4 Page - NXP Semiconductors

部品番号 74LVTH322245EC
部品情報  3.3 V 32-bit bus transceiver with 30 W termination resistors; 3-state
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVTH322245EC データシート(HTML) 4 Page - NXP Semiconductors

  74LVTH322245EC Datasheet HTML 1Page - NXP Semiconductors 74LVTH322245EC Datasheet HTML 2Page - NXP Semiconductors 74LVTH322245EC Datasheet HTML 3Page - NXP Semiconductors 74LVTH322245EC Datasheet HTML 4Page - NXP Semiconductors 74LVTH322245EC Datasheet HTML 5Page - NXP Semiconductors 74LVTH322245EC Datasheet HTML 6Page - NXP Semiconductors 74LVTH322245EC Datasheet HTML 7Page - NXP Semiconductors 74LVTH322245EC Datasheet HTML 8Page - NXP Semiconductors 74LVTH322245EC Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
74LVTH322245_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 24 January 2007
4 of 12
NXP Semiconductors
74LVTH322245
3.3 V 32-bit bus transceiver with 30
Ω termination resistors; 3-state
6.
Functional description
[1]
H = HIGH voltage level; L = LOW voltage level; X = don’t care; Z = high-impedance OFF-state
7.
Limiting values
[1]
Stresses beyond those listed may cause permanent damage to the device. These are stress ratings only and functional operation of the
device at these or any other conditions beyond indicated under Section 8 “Recommended operating conditions” is not implied. Exposure
to absolute-maximum-rated conditions for extended periods may affect device reliability.
[2]
The performance capability of a high-performance integrated circuit in conjunction with its thermal environment can create junction
temperatures which are detrimental to reliability.
[3]
The input and output negative voltage ratings may be exceeded if the input and output clamp current ratings are observed.
4A[0:7]
N5, N6, P5, P6, R5, R6, T6, T5
input or output
4B[0:7]
N2, N1, P2, P1, R2, R1, T1, T2
input or output
GND
B3, B4, D3, D4, E3, E4, G3, G4, K3, K4,
M3, M4, N3, N4, R3, R4
ground (0 V)
VCC
C3, C4, F3, F4, L3, L4, P3, P4
supply voltage
Table 2.
Pin description …continued
Symbol
Ball
Description
Table 3.
Function selection[1]
Input
Input/output
nOE
nDIR
nAn
nBn
L
L
nAn = nBn
inputs
L
H
inputs
nBn = nAn
HX
Z
Z
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V)[1][2]
Symbol Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
−0.5
+4.6
V
VI
input voltage
[3]
−0.5
+7.0
V
VO
output voltage
output in OFF or HIGH-state
[3]
−0.5
+7.0
V
IIK
input clamping current
VI < 0 V
−50
-
mA
IOK
output clamping current
VO < 0 V
−50
-
mA
IO
output current
output in LOW-state
-
128
mA
output in HIGH-state
−64
-
mA
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
-
150
°C


同様の部品番号 - 74LVTH322245EC

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74LVTH322245 FAIRCHILD-74LVTH322245 Datasheet
67Kb / 6P
   Low Voltage 32-Bit Transceiver with 3-STATE Outputs and 25??Series Resistors in A Port Outputs
74LVTH322245G FAIRCHILD-74LVTH322245G Datasheet
67Kb / 6P
   Low Voltage 32-Bit Transceiver with 3-STATE Outputs and 25??Series Resistors in A Port Outputs
logo
NXP Semiconductors
74LVTH322245 PHILIPS-74LVTH322245_15 Datasheet
98Kb / 12P
   3.3 V 32-bit bus transceiver with 30 W termination resistors; 3-state
Rev. 01-24 January 2007
More results

同様の説明 - 74LVTH322245EC

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74LVTH322245 PHILIPS-74LVTH322245_15 Datasheet
98Kb / 12P
   3.3 V 32-bit bus transceiver with 30 W termination resistors; 3-state
Rev. 01-24 January 2007
74LVT_LVTH2245 PHILIPS-74LVT_LVTH2245_15 Datasheet
99Kb / 15P
   3.3 V octal transceiver with 30 W termination resistors; 3-state
Rev. 04-24 April 2006
74LVT2245 NXP-74LVT2245_06 Datasheet
99Kb / 15P
   3.3 V octal transceiver with 30 W termination resistors; 3-state
Rev. 04-24 April 2006
logo
Nexperia B.V. All right...
74LVT162245B NEXPERIA-74LVT162245B Datasheet
223Kb / 11P
   3.3 V 16-bit transceiver with 30 Ω termination resistors; 3-state
Rev. 4 - 6 August 2021
logo
NXP Semiconductors
74LVTH32245 NXP-74LVTH32245 Datasheet
92Kb / 13P
   3.3 V 32-bit bus transceiver; 3-state
Rev. 01-23 January 2008
74LVTH32245 PHILIPS-74LVTH32245_15 Datasheet
100Kb / 13P
   3.3 V 32-bit bus transceiver; 3-state
Rev. 01-23 January 2008
logo
Nexperia B.V. All right...
74LVTH2245 NEXPERIA-74LVTH2245 Datasheet
237Kb / 12P
   3.3 V octal transceiver with 30 Ω termination resistors; 3-state
Rev. 7 - 17 August 2021
logo
NXP Semiconductors
74LVCH322245A PHILIPS-74LVCH322245A_15 Datasheet
119Kb / 15P
   32-bit bus transceiver with direction pin; 30 ??series termination resistors; 5 V tolerant; 3-state
Rev. 4-20 December 2011
74LVC322245A PHILIPS-74LVC322245A Datasheet
87Kb / 16P
   32-bit bus transceiver with direction pin; 30 ohm series termination resistors; 5 V tolerant; 3-state
1999 Sep 01
logo
Nexperia B.V. All right...
74ABT162245A NEXPERIA-74ABT162245A Datasheet
227Kb / 13P
   16-bit bus transceiver with 30 Ω series termination resistors; 3-state
Rev. 5 - 2 July 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com