データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BAP65-02 データシート(PDF) 3 Page - NXP Semiconductors

部品番号 BAP65-02
部品情報  Silicon PIN diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

BAP65-02 データシート(HTML) 3 Page - NXP Semiconductors

  BAP65-02 Datasheet HTML 1Page - NXP Semiconductors BAP65-02 Datasheet HTML 2Page - NXP Semiconductors BAP65-02 Datasheet HTML 3Page - NXP Semiconductors BAP65-02 Datasheet HTML 4Page - NXP Semiconductors BAP65-02 Datasheet HTML 5Page - NXP Semiconductors BAP65-02 Datasheet HTML 6Page - NXP Semiconductors BAP65-02 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
NXP Semiconductors
Product specification
Silicon PIN diode
BAP65-02
ELECTRICAL CHARACTERISTICS
Tj = 25 °C unless otherwise specified.
Note
1. Guaranteed on AQL basis: inspection level S4, AQL 1.0.
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
VF
forward voltage
IF = 50 mA
0.9
1.1
V
IR
reverse leakage current
VR =20V
20
nA
Cd
diode capacitance
VR = 0 V; f = 1 MHz
0.65
pF
VR = 1 V; f = 1 MHz
0.55
0.9
pF
VR = 3 V; f = 1 MHz
0.5
0.8
pF
VR = 20 V; f = 1 MHz
0.375
pF
rD
diode forward resistance
IF = 1 mA; f = 100 MHz
1
−Ω
IF = 5 mA; f = 100 MHz; note 1
0.65
0.95
IF = 10 mA; f = 100 MHz; note 1
0.56
0.9
IF = 100 mA; f = 100 MHz
0.35
−Ω
|s
21|
2
isolation
VR = 0; f = 900 MHz
10
dB
VR = 0; f = 1800 MHz
5.8
dB
VR = 0; f = 2450 MHz
4.4
dB
|s
21|
2
insertion loss
IF = 1 mA; f = 900 MHz
0.11
dB
IF = 1 mA; f = 1800 MHz
0.13
dB
IF = 1 mA; f = 2450 MHz
0.16
dB
|s
21|
2
insertion loss
IF = 5 mA; f = 900 MHz
0.08
dB
IF = 5 mA; f = 1800 MHz
0.11
dB
IF = 5 mA; f = 2450 MHz
0.13
dB
|s21|2
insertion loss
IF = 10 mA; f = 900 MHz
0.07
dB
IF = 10 mA; f = 1800 MHz
0.1
dB
IF = 10 mA; f = 2450 MHz
0.13
dB
|s21|2
insertion loss
IF = 100 mA; f = 900 MHz
0.07
dB
IF = 100 mA; f = 1800 MHz
0.1
dB
IF = 100 mA; f = 2450 MHz
0.128
dB
τL
charge carrier life time
when switched from IF =10mA to
IR = 6 mA; RL = 100 Ω;
measured at IR =3mA
0.17
−µs
LS
series inductance
IF = 100 mA; f = 100 MHz
0.6
nH
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-s
thermal resistance from junction to soldering point
85
K/W
Rev. 04 - 8 January 2008
3 of 7


同様の部品番号 - BAP65-02

メーカー部品番号データシート部品情報
logo
Leshan Radio Company
BAP65-02 LRC-BAP65-02 Datasheet
108Kb / 2P
   Silicon PIN diode
logo
E-Tech Electronics LTD
BAP65-02 ETL-BAP65-02 Datasheet
168Kb / 2P
   Silicon PIN diode
logo
NXP Semiconductors
BAP65-02 PHILIPS-BAP65-02 Datasheet
69Kb / 8P
   Silicon PIN diode
2001 May 11
BAP65-02 NXP-BAP65-02 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BAP65-02 NXP-BAP65-02 Datasheet
108Kb / 9P
   Planar PIN diode in a SOD523 ultra small SMD plastic package
Rev. 5-28 September 2010
More results

同様の説明 - BAP65-02

メーカー部品番号データシート部品情報
logo
Leshan Radio Company
MMBV3700LT1 LRC-MMBV3700LT1 Datasheet
57Kb / 2P
   Silicon Pin Diode
logo
NXP Semiconductors
BAP70-02 PHILIPS-BAP70-02 Datasheet
53Kb / 8P
   Silicon PIN diode
2002 Aug 06
BAP1321-01 PHILIPS-BAP1321-01 Datasheet
75Kb / 7P
   Silicon PIN diode
2001 Nov 01
logo
Siemens Semiconductor G...
BA886 SIEMENS-BA886 Datasheet
26Kb / 2P
   Silicon PIN Diode
logo
NXP Semiconductors
BAP1321-03 PHILIPS-BAP1321-03 Datasheet
66Kb / 7P
   Silicon PIN diode
2004 Feb 17
logo
Vishay Siliconix
S391D VISHAY-S391D Datasheet
45Kb / 3P
   Silicon PIN Diode
Rev. 2, 09-Apr-99
S392D VISHAY-S392D Datasheet
46Kb / 3P
   Silicon PIN Diode
Rev. 2, 09-Apr-99
logo
Leshan Radio Company
BAP65-02 LRC-BAP65-02 Datasheet
108Kb / 2P
   Silicon PIN diode
logo
NXP Semiconductors
BAP64-02 PHILIPS-BAP64-02 Datasheet
53Kb / 8P
   Silicon PIN diode
1999 Sep 21
logo
Quanzhou Jinmei Electro...
BAP70-05_2015 JMNIC-BAP70-05_2015 Datasheet
55Kb / 7P
   Silicon PIN diode
BAP1321-02_2015 JMNIC-BAP1321-02_2015 Datasheet
73Kb / 8P
   Silicon PIN diode
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com