データシートサーチシステム |
|
S-1131B29PD-N4OTFG データシート(PDF) 11 Page - Seiko Instruments Inc |
|
S-1131B29PD-N4OTFG データシート(HTML) 11 Page - Seiko Instruments Inc |
11 / 29 page HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR Rev.3.0_01 S-1131 Series Seiko Instruments Inc. 11 6. • ∆ ∆ OUT OUT V Ta V voltage output of t coefficien e Temperatur The shadowed area in Figure 12 is the range where VOUT varies in the operating temperature range when the temperature coefficient of the output voltage is ±100 ppm/°C. VOUT(E)1 *1 Ex. S-1131B28 Typ. −40 25 +0.28 mV / °C VOUT [V] *1. VOUT(E)1 is the value of the output voltage measured at 25 °C. 85 Ta [ °C] −0.28 mV / °C Figure 12 A change in the temperature of the output voltage [mV/°C] is calculated using the following equation. [] [ ] [] 1000 C ppm/ V Ta V V V C mV/ Ta V OUT OUT OUT(S) OUT ÷ ° • ∆ ∆ × = ° ∆ ∆ 3 * 2 * 1 * *1. Change in temperature of output voltage *2. Specified output voltage *3. Output voltage temperature coefficient |
同様の部品番号 - S-1131B29PD-N4OTFG |
|
同様の説明 - S-1131B29PD-N4OTFG |